Part Number Hot Search : 
MMBT5 ELH0101 HCF40110 EM700 TW0230A TW0230A ZPY39 ATMF102
Product Description
Full Text Search
 

To Download SMF15AT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 may, 2013 ? rev. 7 1 publication order number: smf5.0at1/d smf5.0at1g series, szsmf5.0at1g series 200 w transient voltage suppressor sod-123 flat lead package the smf5.0at1g series is designed to protect voltage sensitive components from high voltage, high energy transients. excellent clamping capability, high surge capability, low zener impedance and fast response time. because of its small size, it is ideal for use in cellular phones, portable devices, business machines, power supplies and many other industrial/consumer applications. features ? stand ? off voltage: 5 ? 58 volts ? peak power ? 200 watts @ 1 ms (smf5.0a ? smf58a) ? low leakage ? response time is typically < 1 ns ? esd rating of class 3 (> 16 kv) per human body model ? esd rating of level 4 (8 kv contact dischar ge) per iec61000 ? 4 ? 2 ? eft (electrical fast t ransients) rating of 40 a per iec61000 ? 4 ? 4 ? low profile ? maximum height of 1.0 mm ? small footprint ? footprint area of 8.45 mm 2 ? supplied in 8 mm tape and reel ? 3,000 units per reel ? cathode indicated by polarity band ? lead orientation in tape: cathode lead to sprocket holes ? sz prefix for automotive and other applications requiring unique site and control change requirements; aec ? q101 qualified and ppap capable ? these devices are pb ? free and are rohs compliant* mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic epoxy meets ul 94 v ? 0 lead finish: 100% matte sn (tin) mounting position: any qualified max reflow temperature: 260 c device meets msl 1 requirements *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. plastic surface mount zener overvoltage transient suppressor 5 ? 58 volts 200 watt peak power device package shipping ? ordering information 12 1: cathode 2: anode http://onsemi.com sod ? 123fl case 498 marking diagram 1 cathode 2 anode see specific marking information in the device marking column of the electrical characteristics table on page 3 of this data sheet. device marking information smfxxxat1g sod ? 123fl (pb ? free) 3,000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. xx = device code (refer to page 3) m = date code  = pb ? free package (note: microdot may be in either location) xx m   szsmfxxxat1g sod ? 123fl (pb ? free) 3,000 / tape & reel
uni ? directional tvs i pp i f v i i r i t v rwm v c v br v f smf5.0at1g series, szsmf5.0at1g series http://onsemi.com 2 maximum ratings rating symbol value unit maximum p pk dissipation (pw ? 10/1000  s) (note 1) smf5.0a ? smf58a p pk 200 w maximum p pk dissipation @ t a = 25 c, (pw ? 8/20  s) (note 2) p pk 1000 w dc power dissipation @ t a = 25 c (note 3) derate above 25 c thermal resistance, junction ? to ? ambient (note 3) p d r  ja 385 4.0 325 mw mw/ c c/w thermal resistance, junction ? to ? lead (note 3) r  jcathode 26 c/w operating and storage temperature range t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. non ? repetitive current pulse at t a = 25 c, per waveform of figure 2. 2. non ? repetitive current pulse at t a = 25 c, per waveform of figure 3. 3. mounted with recommended minimum pad size, dc board fr ? 4. electrical characteristics (t a = 25 c unless otherwise noted, v f = 3.5 v max. @ i f (note 4) = 12 a) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current i f forward current v f forward voltage @ i f 4. 1/2 sine wave (or equivalent square wave), pw = 8.3 ms, duty cycle = 4 pulses per minute maximum.
smf5.0at1g series, szsmf5.0at1g series http://onsemi.com 3 electrical characteristics (t l = 30 c unless otherwise noted, v f = 1.25 volts @ 200 ma) device* marking v rwm (v) v br @ i t (v) (note 6) i t i r @ v rwm v c(max) i pp(max) (a) (note 5) min nom max (ma) (  a) (v) (note 7) smf5.0ag ke 5 6.4 6.7 7 10 400 9.2 21.7 smf6.0ag kg 6 6.67 7.02 7.37 10 400 10.3 19.4 smf6.5ag kk 6.5 7.22 7.6 7.98 10 250 11.2 17.9 smf7.0ag km 7 7.78 8.2 8.6 10 100 12 16.7 smf7.5ag kp 7.5 8.33 8.77 9.21 1 50 12.9 15.5 smf8.0ag kr 8 8.89 9.36 9.83 1 25 13.6 14.7 smf9.0ag kv 9 10 10.55 11.1 1 5 15.4 13.0 smf10ag kx 10 11.1 11.7 12.3 1 2.5 17 11.8 smf11ag kz 11 12.2 12.85 13.5 1 2.5 18.2 11.0 smf12ag le 12 13.3 14 14.7 1 2.5 19.9 10.1 smf13ag lg 13 14.4 15.15 15.9 1 1 21.5 9.3 smf14ag lk 14 15.6 16.4 17.2 1 1 23.2 8.6 smf15ag lm 15 16.7 17.6 18.5 1 1 24.4 8.2 smf18ag lt 18 20 21 22.1 1 1 29.2 6.8 smf20ag lv 20 22.2 23.35 24.5 1 1 32.4 6.2 smf22ag lx 22 24.4 25.6 26.9 1 1 35.5 5.6 smf24ag lz 24 26.7 28.1 29.5 1 1 38.9 5.1 smf26ag me 26 28.9 30.4 31.9 1 1 42.1 4.8 smf28ag mg 28 31.1 32.8 34.4 1 1 45.4 4.4 smf30ag mk 30 33.3 35.1 36.8 1 1 48.4 4.1 smf33ag mm 33 36.7 38.7 40.6 1 1 53.3 3.8 smf36ag mp 36 40 42.1 44.2 1 1 58.1 3.4 smf48ag mx 48 53.3 56.1 58.9 1 1 77.4 2.6 smf51ag mz 51 56.7 59.7 62.7 1 1 82.4 2.4 smf58ag ng 58 64.4 67.8 71.2 1 1 93.6 2.1 5. a transient suppressor is normally selected according to the working peak reverse voltage (v rwm ) which should be equal to or greater than the dc or continuous peak operating voltage level. 6. v br measured at pulse test current i t at ambient temperature of 25 c. 7. surge current waveform per figure 2 and derate per figure 3. *include sz-prefix devices where applicable.
smf5.0at1g series, szsmf5.0at1g series http://onsemi.com 4 t p , pulse width (  s) 100 1000 10,000 1.0 10 100 10 01234 0 50 100 t, time (ms) value (%) half value ? i rsm 2 peak value ? i rsm t r typical protection circuit v in v l z in load t p pulse width (t p ) is defined as that point where the peak current decays to 50% of i rsm . figure 1. pulse rating curve figure 2. 10 x 1000  s pulse waveform 1000 10,000 figure 3. 8 x 20  s pulse waveform p p , peak power (watts) t r 10  s 100 80 60 40 20 0 0 25 50 75 100 125 150 t a , ambient temperature ( c) 120 140 160 figure 4. pulse derating curve peak pulse derating in % of peak power or current @ t a = 25 c 100 90 80 70 60 50 40 30 20 10 0 020406080 t, time (  s) % of peak pulse current t p t r pulse width (t p ) is defined as that point where the peak current decay = 8  s peak value i rsm @ 8  s half value i rsm /2 @ 20  s
smf5.0at1g series, szsmf5.0at1g series http://onsemi.com 5 1.2 1.0 0.8 0.6 0.4 0.2 0 ? 55 25 85 150 t, temperature ( c) v , typical forward voltage (volts) f 25 50 75 100 125 175 t, temperature ( c) p , maximum power dissipation (m w d 150 1000 100 1 1 10 1000 working peak reverse voltage (volts) c, capacitance (pf) measured @ 50% v rwm measured @ zero bias figure 5. typical derating factor for duty cycle derating factor 1 ms 10  s 1 0.7 0.5 0.3 0.05 0.1 0.2 0.01 0.02 0.03 0.07 100  s 0.1 0.2 0.5 2 5 10 50 1 20 100 d, duty cycle (%) pulse width 10 ms figure 6. steady state power derating figure 7. forward voltage figure 8. capacitance versus working peak reverse voltage 10 100 350 300 250 200 150 400 100 50 0 0
smf5.0at1g series, szsmf5.0at1g series http://onsemi.com 6 package dimensions sod ? 123fl case 498 issue d notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold flash. 4. dimensions d and j are to be measured on flat section of the lead: between 0.10 and 0.25 mm from the lead tip. d e b a a1 l c polarity indicator optional as needed *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* dim a min nom max min millimeters 0.90 0.95 0.98 0.035 inches a1 0.00 0.05 0.10 0.000 b 0.70 0.90 1.10 0.028 c 0.10 0.15 0.20 0.004 d 1.50 1.65 1.80 0.059 e 2.50 2.70 2.90 0.098 l 0.55 0.75 0.95 0.022 0.037 0.039 0.002 0.004 0.035 0.043 0.006 0.008 0.065 0.071 0.106 0.114 0.030 0.037 nom max 3.40 3.60 3.80 0.134 0.142 0.150 h e ? ? 0 8 0 8    top view bottom view side view h e 2x 2x end view recommended dimensions: millimeters 1.25 2x 4.20 1.22 2x 12 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 smf5.0at1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of SMF15AT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X