Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download SMBJ20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features mechanical data sm bj 5.0 a th ru sm bj 170 ca surface mount transient vol tage suppressor surface mount transient vol tage suppressor stand-off voltage 5.0 to 170 volts 600 watt peak pulse power devices for bipolar application maximum ratings and electrical characteristics u n i t s symbol value 0 c - 5 5 t o + 1 5 0 o ratings at 25 c ambient temperature unless otherwise specified rating p ppm i ppm i fsm i j t stg minimum 600 100 see table 1 watts amps amps for surface mount applications in order to optimize board space low profile package built-in strain relief glass passivated junction low inductance excellent clamping capability repetition rate (duty cycle) 0.01% fast response time typically less than 1.0ps from 0 volts to v (br) for unidirectional types t ypical ir less than 1ma above 10v o high t emperature solderting 250 c /10seconds at terminals plastic package has underwriters laboratory flammability classification 94v-0 case jedec do-214a molded plastic over glass passivated junction t erminals solder plated, solderable per mil-std-750, method 2026 polarity color band denotes positive end (cathode) except bidirectional standard package 12mm tape (eia std eia-481) weight 0.003 ounce, 0.093gram for bidirectional use c or ca suffix for types smbj5.0 thru types smbj170 (e.g. smbj5.0c, smbj170ca) electrical characteristics apply in both directions peak pulse power dissipation on 10/1000 s waveform (note 1, 2, fig.1) peak pulse current of on 10/1000 s waveform (note 1, fig.3) peak forward surge current, 8.3ms single half sine- wave superimposed on rated load (jedec method) (note 2,3) operating junction and storage temperature range notes o 1. non-repetitive current pulse, per fig.3 and derated above t a =25 c per fig.2. 2 2. mounted on 5.0mm (0.03mm thick) copper pads to each terminal 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum. s m b / d o - 2 1 4 a a dime nsion s in in ches and ( millim eters ) .1 30 (3 .3 0) .1 55 (3 .9 4) .0 06 (.1 52 ) .0 12 (.3 05 ) .2 00 (5 .0 8) .0 04 (.1 02 ) .1 60 (4 .0 6) .0 75 (1 .9 1) .0 83 (2 .1 1) .0 83 (2 .1 3) .0 96 (2 .4 4) .0 30 (0 .7 6) .0 50 (1 .2 7) .1 85 (4 .7 0) .0 08 (.2 03 ) .2 20 (5 .5 9) www.paceleader.tw free datasheet http:///
2 smbj part number uni-polar bi-polar smbj7.5ca smbj8.0ca smbj8.5ca smbj9.0ca smbj5.0a smbj6.0a smbaj6.5a smbj7.0a smbj7.5a smbj8.0a smbj8.5a smbj9.0a smbj10a smbj11a smbj12a smbj13a smbj14a smbj15a smbj16a smbj17a smbj18a SMBJ20A smbj22a smbj24a smbj26a smbj28a smbj30a smbj33a smbj48a smbj51a smbj54a smbj58a smbj36a smbj40a smbj43a smbj45a smbj60a smbj64a smbj70a smbj75a smbj78a smbj85a smbj90a smbj100a smbj110a smbj120a smbj130a smbj150a smbj160a smbj170a smbj5.0ca smbj6.0ca smbj6.5ca smbj7.0ca smbj160ca smbj170ca smbj110ca smbj120ca smbj130ca smbj150ca smbj78ca smbj85ca smbj90ca smbj100ca smbj60ca smbj64ca smbj70ca smbj75ca smbj48ca smbj51ca smbj54ca smbj58ca smbj36ca smbj40ca smbj43ca smbj45ca smbj26ca smbj28ca smbj30ca smbj33ca smbj18ca smbj20ca smbj22ca smbj24ca smbj14ca smbj15ca smbj16ca smbj17ca smbj10ca smbj11ca smbj12ca smbj13ca device marking code uni bi ke kg kk km kp kr kt kv kx kz le lg lk lm lp lr lt lv lx lz me mg mk mm mp mr mt mv mx mz ne ng nt nv nx nz nk nm np nr pe pg pk pm pp pr ae ag ak am ep er ap ar at av ax az be bg bk bm bp br bt bv bx bz ce cg ck cm cp cr ct cv cx cz de dg dt dv dx dz dk dm dp dr ee eg ek em reverse stand-off voltage v rwm (v) breakdow n volt age v br (v) min.@ i t breakdow n volt age v br (v) max.@ i t test current i t (ma) maximum clamping voltage @ i pp v c (v) peak pulse current i pp (a) reverse leakage @ v rwm i r (a ) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 800 800 500 200 100 50 20 10 5.0 6.0 6.5 7.0 160.0 170.0 110.0 120.0 130.0 150.0 78.0 85.0 90.0 100.0 60.0 64.0 70.0 75.0 48.0 51.0 54.0 58.0 36.0 40.0 43.0 45.0 26.0 28.0 30.0 33.0 18.0 20.0 22.0 24.0 14.0 15.0 16.0 17.0 10.0 11.0 12.0 13.0 7.5 8.0 8.5 9.0 6.40 6.67 7.22 7.78 178.00 189.00 122.00 133.00 144.00 167.00 86.70 94.40 100.00 111.00 66.70 71.10 77.80 83.30 53.30 56.70 60.00 64.40 40.00 44.40 47.80 50.00 28.90 31.10 33.30 36.70 20.00 22.20 24.40 26.70 15.60 16.70 17.80 18.90 11.10 12.20 13.30 14.40 8.33 8.89 9.44 10.00 7.00 7.37 7.98 8.60 197.00 209.00 135.00 147.00 159.00 185.00 95.80 104.00 111.00 123.00 73.70 78.60 86.00 92.10 58.90 62.70 66.30 71.20 44.20 49.10 52.80 55.30 31.90 34.40 36.80 40.60 22.10 24.50 26.90 29.50 17.20 18.50 19.70 20.90 12.30 13.50 14.70 15.90 9.21 9.83 10.40 11.10 9.2 10.3 11.2 12.0 259.0 275.0 177.0 193.0 209.0 243.0 126.0 137.0 146.0 162.0 96.8 103.0 113.0 121.0 77.4 82.4 87.1 93.6 58.1 64.5 69.4 72.7 42.1 45.4 48.4 53.3 29.2 32.4 35.5 38.9 23.2 24.4 26.0 27.6 17.0 18.2 19.9 21.5 12.9 13.6 14.4 15.4 65.3 58.3 53.6 50.0 2.3 2.2 3.4 3.1 2.9 2.5 4.8 4.4 4.1 3.7 6.2 5.9 5.3 5.0 7.8 7.3 6.9 6.5 10.4 9.3 8.7 8.3 14.3 13.3 12.4 11.3 20.6 18.6 16.9 15.5 25.9 24.6 23.1 21.8 35.3 33.0 30.2 28.0 46.6 44.2 41.7 39.0 sm bj 5.0 a th ru sm bj 170 ca surface mount transient vol tage suppressor surface mount transient vol tage suppressor stand-off voltage 5.0 to 170 volts 600 watt peak pulse power for bidirectional type having v rwm of 10 volts and less, the i r limit is double. for parts without a , the v br is +- 10% www.paceleader.tw free datasheet http:///


▲Up To Search▲   

 
Price & Availability of SMBJ20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X