Part Number Hot Search : 
RM3283D F1010 2SB16 ZPD6V2 09N70 SP2222A TS432IRF BLACK
Product Description
Full Text Search
 

To Download SEAF-15-050-L-04-2-A-LP-K-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  up to 500 pins seaf?30?06.5?s?08?2?a?k?tr seaf?30?05.0?s?08?2?a?k?tr seaf?20?05.0?s?10?2?a?k?tr 5, 8 and 10 row footprint compatible with samarray ? . samples recommended. low insertion/ extraction forces lead-free solder chargeterminations (tin/lead also available) www.samtec.com f-209-1 open pin field array seaf series mates with: seam, sadl, seac (requires ?lp) for complete speci? cations and recommended pcb layouts see www.samtec.com?seaf insulator material: black lcp contact material: copper alloy operating temp range: -55c to +125c plating: au over 50" (1,27m) ni contact resistance: 5.5 m working voltage: 240 vac rohs compliant: yes processing: max processing temp: 230c for 60 seconds, or 260c for 20 seconds 3x lead-free solderable: yes specifications seaf 2 a k tr plating option no. of rows lead style ?15, ? 20, ? 30, ?40, ?50 ?04 =four rows ?05 =five rows ?06 =six rows ?08 =eight rows ?10 =ten rows ?2 = lead-free tin alloy 95.5% sn/3.8% ag/0.7% cu solder charge ?lp =latch post (?lp required for seac mate only) specify lead style from chart no. pins per row note: some sizes, styles and options are non-standard, non-returnable. ?l = 10" (0,25m) gold on contact area, matte tin on solder tail ?s = 30" (0,76m) gold on contact area, matte tin on solder tail fibre channel rapid i/o pci express ? sata infiniband download app notes at www.samtec.com/appnote contact sig @ samtec.com for questions on protocols pismo 2 vita 47 vita 57 industry standards protocols supported a lead style (5,05) .199 (6,05) .238 (6,55) .258 ?05.0 ?06.0 ?06.5 7mm stack height rated @ -3db insertion loss single-ended signaling 9.5 ghz / 19 gbps differential pair signaling 10.5 ghz / 21 gbps performance data for other stack heights available at www.samtec.com?seaf extended life product 10 year mixed flowing gas (mfg) tm call samtec for maximum cycles mated with seam f i n a l i n c h . c o m ? seaf lead style seam lead style ?05.0 7mm 8mm 8.5mm 11.5mm 12mm 14mm 16mm ?02.0 ?03.0 ?03.5 ?06.5 ?07.0 ?09.0 ?11.0 ?06.0 8mm 9mm 9.5mm 12.5mm 13mm 15mm 17mm ?06.5 8.5mm 9.5mm 10mm 13mm 13.5mm 15.5mm 17.5mm *processing conditions will affect mated height. mated heights* option no. of positions x (1,27) .050 + (5,82) .229 no. of positions x (1,27) .050 + (3,58) .141 no. of rows x (1,27) .050 + (0,53) .021 a (0,20) .008 (1,27) .050 (1,27) .050 01 08 (1,27) .050 (1,12) .044 dia (1,78) .070 (15,49) .610 differential (1,27) .050 (1,27) .050 pair count array 80 60 75 60 45 50 40 25 40x8 40x6 30x10 30x8 30x6 20x10 20x8 20x10 pair count array 125 100 100 50x10 50x8 40x10 ?lp application specific option ?07.5 lead style for 30x4 available. call samtec. ambient temp 20c 40c 60c 95c current rating seam/seaf 2.3a 2a 1.75a 1.14a 30 adjacent positions powered


▲Up To Search▲   

 
Price & Availability of SEAF-15-050-L-04-2-A-LP-K-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X