Part Number Hot Search : 
TA8532F 307014 LTC31 P0111 F45ITR 106D1 TL594CD 52104496
Product Description
Full Text Search
 

To Download SEAF-10-065-L-04-2-A-LP-K-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27mm) .050" seaf series up to 500 pins seaf?30?06.5?s?08?2?a?k?tr seaf?30?05.0?s?08?2?a?k?tr seaf?20?05.0?s?10?2?a?k?tr low insertion/ extraction forces 5, 8 and 10 row footprint compatible with samarray ? . samples recommended. solder charges www.samtec.com f-210-1 mates with: seam, sadl, seamp, seac (requires ?lp) for complete speci? cations and recommended pcb layouts see www.samtec.com?seaf insulator material: black lcp contact material: copper alloy solder charge: 95.5% sn, 3.8% ag, 0.7% cu (tin/lead also available. call samtec.) operating temp range: -55c to +125c plating: au or sn over 50" (1,27m) ni contact resistance: 5.5 m working voltage: 240 vac rohs compliant: yes lead-free solderable: yes specifications note: some sizes, styles and options are non-standard, non-returnable. fibre channel rapid i/o pci express ? sata infiniband download app notes at www.samtec.com/appnote contact sig @ samtec.com for questions on protocols pismo 2 vita 47 vita 57 industry standards protocols supported differential (1,27) .050 (1,27) .050 pair count array 80 60 75 60 45 50 40 25 40x8 40x6 30x10 30x8 30x6 20x10 20x8 20x5 pair count array 125 100 100 50x10 50x8 40x10 application specific also available ?07.5 lead style for 30x4 available. call samtec. rugged solder crimp option. call samtec. extended life product 10 year mixed flowing gas (mfg) tm call samtec for maximum cycles mated with seam (1,50mm) .059" nominal wipe high speed/high density open pin field mated heights* seam lead style seaf lead style ?05.0 ?06.0 ?06.5 ?08.0 ?02.0 7mm 8mm 8.5mm 10mm ?03.0 8mm 9mm 9.5mm 11mm ?03.5 8.5mm 9.5mm 10mm 11.5mm ?06.5 11.5mm 12.5mm 13mm 14.5mm ?07.0 12mm 13mm 13.5mm 15mm ?09.0 14mm 15mm 15.5mm 17mm ?11.0 16mm 17mm 17.5mm 19mm *processing conditions will affect mated height. lead style a ?05.0 (5,05) .199 ?06.0 (6,05) .238 ?06.5 (6,55) .258 ?08.0 (8,05) .317 no. of rows b ?04.0 (5,61) .221 ?05, ?06 (8,20) .323 ?08 (10,69) .421 ?10 (13,23) .521 no. of positions x (1,27) .050 + (5,82) .229 no. of positions x (1,27) .050 + (3,58) .141 a (0,20) .008 (1,27) .050 (1,27) .050 01 08 (1,27) .050 (1,12) .044 dia (1,78) .070 (15,49) .610 b ?lp seaf 2 a k tr plating option no. of rows lead style ?04 =four rows ?05 =five rows ?06 =six rows ?08 =eight rows ?10 =ten rows ?2 = lead-free solder charge ?lp =latch post (?lp required for seac mate only) specify lead style from chart no. pins per row ?l = 10" (0,25m) gold on contact area, matte tin on solder tail ?s = 30" (0,76m) gold on contact area, matte tin on solder tail option ?10, ?15, ? 20, ? 30, ?40, ?50 (?10 only available in 04 row) (?15 only available in 10 row) 7mm stack height rated @ 3db insertion loss single-ended signaling 9.5 ghz / 19 gbps differential pair signaling 10.5 ghz / 21 gbps performance data for other stack heights and complete test data available at www.samtec.com?seaf or contact sig@samtec.com ambient temp 20c 40c 60c 95c current rating seam/seaf 2.3a 2a 1.75a 1.14a 30 adjacent positions powered f i n a l i n c h . c o m ?


▲Up To Search▲   

 
Price & Availability of SEAF-10-065-L-04-2-A-LP-K-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X