![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
publication number s29al016d_kgd_sp revision 07 issue date march 6, 2009 this product has been retired and is not recommended for de signs. please contact your spansion representative for alternatives. availability of this document is re tained for reference and historical purposes only. general description the s29al016d in known good die (kgd) form is 16 mbit, 3.0 volt-only flash memory. spansion defines kgd as standard product in die form, tested for func tionality and speed. spansion kgd products have the same reliability and quality as spansion products in packaged form. distinctive characteristics ? single power supply operation ? 2.7 to 3.6 v for read, program, and erase operations ? manufactured on 200 m process technology ? high performance ? access times as fast as 90 ns ? ultra low power consumption (typical values at 5 mhz) ? 200 na automatic sleep mode current ? 200 na standby mode current ? 7 ma read current ? 15 ma program/erase current ? flexible sector architecture ? one 16 kbyte, two 8 kbyte, one 32 kbyte, and thirty-one 64 kbyte sectors (byte mode) ? one 8 kword, two 4 kword, one 16 kword, and thirty-one 32 kword sectors (word mode) ? supports full chip erase ? sector protection ? a hardware method of locking a sector to prevent any program or erase operations within that sector ? sectors can be locked in-system or via programming equipment ? temporary sector unprotect feature allows code changes in previously locked sectors ? unlock bypass program command ? reduces overall programming time when issuing multiple program command sequences ? top or bottom boot block configurations available ? embedded algorithms ? embedded erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors ? embedded program algorithm automatically writes and verifies data at specified addresses ? minimum one million write cycle guarantee per sector ? compatibility with jedec standards ? pinout and software compatible with single-power supply flash ? superior inadvertent write protection ? cfi (common flash interface) compliant ? provides device-specific information to the system, allowing host software to easily reconfigure for different flash devices ? data# polling and toggle bits ? provides a software method of detecting program or erase operation completion ? ready/busy# pin (ry/by#) ? provides a hardware method of detecting program or erase cycle completion ? erase suspend/erase resume ? suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation ? hardware reset pin (reset#) ? hardware method to reset the device to reading array data ? 20-year data retention at 125 c ? reliable operation for the life of the system ? tested to data sheet specifications at temperature ? quality and reliability levels equivalent to standard packaged components s29al016d known good die 16 megabit (2 m x 8-bit/1 m x 16-bit) cmos 3.0 volt-only, boot sector flash memory supplement
2 s29al016d known good die s29al016d_kgd_sp_07 march 6, 2009 supplement s29al016d features the s29al016d is a 16 mbit, 3.0 volt-only flash memo ry organized as 2,097,152 bytes or 1,048,576 words. the word-wide data (x16) appears on dq15?dq0; th e byte-wide (x8) data appears on dq7?dq0. to eliminate bus contention, the device has separate chip enable (ce#), write enable (we#) and output enable (oe#) controls. the device requires only a single 3.0 volt power supply for both read and write functions. internally generated and regulated voltages are provided for the pr ogram and erase operations. no vpp is required for program or erase operations. the device can also be programmed in standard eprom programmers. the device is entirely command set compatible with the jedec single-power-s upply flash standard . commands are written to the command register usin g standard microprocessor write timings. register contents serve as input to an internal state-machine that controls the erase and programming circuitry. write cycles also internally latch addresses and data n eeded for the programming and erase operations. reading data out of the device is similar to re ading from other flash or eprom devices. device programming occurs by executing the program command sequence. this initiates the embedded program algorithm?an internal algorithm that automati cally times the program pulse widths and verifies proper cell margin. the unlock bypass mode facilitates faster programming times by requiring only two write cycles to program dat a instead of four. device erasure occurs by executing the er ase command sequence. this initiates the embedded erase algorithm?an internal algorithm that automatically prepr ograms the array (if it is not already programmed) before executing the erase op eration. during erase, the device au tomatically times the erase pulse widths and verifies proper cell margin. the host system can detect wh ether a program or erase operation is co mplete by observing the ry/by# pin, or by reading the dq7 (data# polling) and dq6 (toggle) status bits . after a program or erase cycle is completed, the device is ready to read array data or accept another command. the sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. the device is fully erased when shipped from the factory. hardware data protection measures include a low v cc detector that automatically inhibits write operations during power transitions. the hardware sector protection feature disables both program and erase operations in any combination of t he sectors of memory. this can be ac hieved in-system or via programming equipment. the erase suspend feature enables the user to put erase on hold fo r any period of time to read data from, or program data to, any sector that is not selected fo r erasure. true background erase can thus be achieved. the hardware reset# input terminates any operation in progress and resets the internal state machine to reading array data. the reset# pin may be tied to the system reset circuitr y. a system reset would thus also reset the device, enabling the system microprocessor to read the boot-up firmware from the flash memory. the device offers two power-saving features. when addresse s are stable for a specified amount of time, the device enters the automatic sleep mode . the system can also place the device into the standby mode . power consumption is greatly reduced in both these modes. spansion?s flash technology combines years of flas h memory manufacturing experience to produce the highest levels of quality, reliability and cost effectiveness. the device electric ally erases all bits within a sector simultaneously via fowler-nordheim tunneling. the data is programmed using hot electron injection. march 6, 2009 s29al016d_kgd_sp_07 s29al016d known good die 3 supplement table of contents general description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 distinctive characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 s29al016d features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 1. electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2. die photograph & pad locations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3. pad description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 3.1 pad relative to die center . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 3.2 pads relative to v cc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4. ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 4.1 valid combinations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5. packaging information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 5.1 surftape packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 5.2 waffle pack packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 6. product test flow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 7. physical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8. dc operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 9. manufacturing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 10. special handli ng instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 10.1 processing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 10.2 storage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 11. terms and conditions of sale for spansion non-volatile memory die . . . . . . . . . . . . . . . . . . . . . 11 12. revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 4 s29al016d known good die s29al016d_kgd_sp_07 march 6, 2009 supplement 1. electrical specifications refer to the s29al016d data sheet, publication number s2 9al016d_00, for full electr ical specifications on the s29al016d in kgd form. 2. die photograph & pad locations note wirebond must be 100% within bond pad opening. family part number s29al016d kgd speed option (v cc = 2.7 ? 3.6 v) 90 max access time, t acc (ns) 90 max ce# access, t ce (ns) 90 max oe# access, t oe (ns) 35 1 2 3 4 5 6 7 8 9 10 11 12 1 3 14 15 16 17 1 8 19 20 21 22 2 3 24 25 26 27 2 8 29 3 0 3 1 3 2 33 3 4 3 5 3 6 3 7 38 3 9404142 4 3 44 45 spansion logo location march 6, 2009 s29al016d_kgd_sp_07 s29al016d known good die 5 supplement 3. pad description 3.1 pad relative to die center see pad description relative to die center in table 3.1 . note the coordinates above are relative to the die cent er and can be used to operate wire bonding equipment. table 3.1 pads relative to die center pad no. signal pad center (mils) pad center (millimeters) pad no. signal pad center (mils) pad center (millimeters) xyxy x y x y 1 a15 71.110 85.330 1.806 2.167 24 vss ?60.261 ?85.309 ?1.531 ?2.167 2 a14 66.008 85.330 1.677 2.167 25 oe# ?51.071 ?85.309 ?1.297 ?2.167 3 a13 60.905 85.330 1.547 2.167 26 dq0 ?44.610 ?85.103 ?1.133 ?2.162 4 a12 55.803 85.330 1.417 2.167 27 dq8 ?39.196 ?85.103 ?0.996 ?2.162 5 a11 50.700 85.330 1.288 2.167 28 dq1 ?33.792 ?85.103 ?0.858 ?2.162 6 a10 45.598 85.330 1.158 2.167 29 dq9 ?28.378 ?85.103 ?0.721 ?2.162 7 a9 40.496 85.330 1.029 2.167 30 dq2 ?22.965 ?85.103 ?0.583 ?2.162 8 a8 35.393 85.330 0.899 2.167 31 dq10 ?17.551 ?85.103 ?0.446 ?2.162 9 a19 30.291 85.330 0.769 2.167 32 dq3 ?12.146 ?85.103 ?0.309 ?2.162 10 we# 25.189 85.330 0.640 2.167 33 dq11 ?6.732 ?85.103 ?0.171 ?2.162 11 reset# 20.086 85.330 0.510 2.167 34 vcc 0.649 ?85.103 0.016 ?2.162 12 ry/by# ?19.245 85.330 ?0.489 2.167 35 dq4 11.644 ?85.103 0.296 ?2.162 13 a18 ?29.450 85.330 ?0.748 2.167 36 dq12 17.058 ?85.103 0.433 ?2.162 14 a17 ?34.553 85.330 ?0.878 2.167 37 dq5 22.462 ?85.103 0.571 ?2.162 15 a7 ?39.655 85.330 ?1.007 2.167 38 dq13 27.876 ?85.103 0.708 ?2.162 16 a6 ?44.757 85.330 ?1.137 2.167 39 dq6 33.289 ?85.103 0.846 ?2.162 17 a5 ?49.860 85.330 ?1.266 2.167 40 dq14 38.703 ?85.103 0.983 ?2.162 18 a4 ?54.962 85.330 ?1.396 2.167 41 dq7 44.108 ?85.103 1.120 ?2.162 19 a3 ?60.064 85.330 ?1.526 2.167 42 dq15/a?1 49.522 ?85.103 1.258 ?2.162 20 a2 ?65.167 85.330 ?1.655 2.167 43 vss 59.735 ?85.309 1.517 ?2.167 21 a1 ?70.269 85.330 ?1.785 2.167 44 byte# 64.914 ?85.309 1.649 ?2.167 22 a0 ?70.467 ?85.309 ?1.790 ?2.167 45 a16 70.016 ?85.309 1.778 ?2.167 23 ce# ?65.365 ?85.309 ?1.660 ?2.167 6 s29al016d known good die s29al016d_kgd_sp_07 march 6, 2009 supplement 3.2 pads relative to v cc see pad description relative to v cc in table 3.2 . table 3.2 pads relative to v cc pad no. signal pad center (mils) pad center (millimeters) pad no. signal pad center (mils) pad center (millimeters) xyxy x y x y 1 a15 70.460 170.433 1.790 4.329 24 vss ?60.910 ?0.206 ?1.547 ?0.005 2 a14 65.358 170.433 1.660 4.329 25 oe# ?51.721 ?0.206 ?1.314 ?0.005 3 a13 60.256 170.433 1.530 4.329 26 dq0 ?45.260 0.000 ?1.150 0.000 4 a12 55.153 170.433 1.401 4.329 27 dq8 ?39.846 0.000 ?1.012 0.000 5 a11 50.051 170.433 1.271 4.329 28 dq1 ?34.441 0.000 ?0.875 0.000 6 a10 44.949 170.433 1.142 4.329 29 dq9 ?29.027 0.000 ?0.737 0.000 7 a9 39.846 170.433 1.012 4.329 30 dq2 ?23.614 0.000 ?0.600 0.000 8 a8 34.744 170.433 0.882 4.329 31 dq10 ?18.200 0.000 ?0.462 0.000 9 a19 29.642 170.433 0.753 4.329 32 dq3 ?12.796 0.000 ?0.325 0.000 10 we# 24.539 170.433 0.623 4.329 33 dq11 ?7.381 0.000 ?0.187 0.000 11 reset# 19.437 170.433 0.494 4.329 34 vcc 0.000 0.000 0.000 0.000 12 ry/by# ?19.895 170.433 ?0.505 4.329 35 dq4 10.994 0.000 0.279 0.000 13 a18 ?30.100 170.433 ?0.765 4.329 36 dq12 16.408 0.000 0.417 0.000 14 a17 ?35.202 170.433 ?0.894 4.329 37 dq5 21.813 0.000 0.554 0.000 15 a7 ?40.304 170.433 ?1.024 4.329 38 dq13 27.227 0.000 0.692 0.000 16 a6 ?45.407 170.433 ?1.153 4.329 39 dq6 32.640 0.000 0.829 0.000 17 a5 ?50.509 170.433 ?1.283 4.329 40 dq14 38.054 0.000 0.967 0.000 18 a4 ?55.611 170.433 ?1.413 4.329 41 dq7 43.458 0.000 1.104 0.000 19 a3 ?60.714 170.433 ?1.542 4.329 42 dq15/a?1 48.872 0.000 1.241 0.000 20 a2 ?65.816 170.433 ?1.672 4.329 43 vss 59.086 ?0.206 1.501 ?0.005 21 a1 ?70.919 170.433 ?1.801 4.329 44 byte# 1.632 ?0.005 64.265 ?0.206 22 a0 ?71.117 ?0.206 ?1.806 ?0.005 45 a16 1.762 ?0.005 69.367 ?0.206 23 ce# ?66.014 ?0.206 ?1.677 ?0.005 march 6, 2009 s29al016d_kgd_sp_07 s29al016d known good die 7 supplement 4. ordering information this product has been retired and is not recommend ed for designs. please contact your spansion representative for alternatives. availability of this document is retained for reference and historical purposes only. spansion standard products are available in several packages and operating ranges. the order number (valid combination) is formed by a combination of the elements below. 4.1 valid combinations valid combinations list configurations planned to be su pported in volume for this device. consult the local spansion sales office to confirm availability of specif ic valid combinations and to check on newly released combinations. s29al016d 90 w h v 01 4 device carrier 4 = die in surftape? (tape and reel) 2500 per 7 inch reel 7 = die in waffle pack 140 die per 5 tray stack 9 = wafer in wafer jar model number 01 = v cc = 2.7 - 3.6v, top boot sector device 02 = v cc = 2.7 - 3.6v, bottom boot sector device temperature range i = industrial (?40c to + 85c) v = automotive, in cabin (?40c to +105c) die/wafer option h = 280 m thickness without polyimide g = 500 m thickness without polyimide e = 725 m thickness without polyimide pac k ag e typ e d = die with kgd test flow w = wafer with kgd test flow speed option 90 = 90 ns access speed device number/description s29al016d 16 megabit flash memory manufactur ed using 200 nm process technology 3.0 volt-only read, program, and erase s29al016d valid combinations device number speed option package type, and temperature range model number device carrier s29al016d 90 dhi, dhv, dgi, dgv, 01, 02 4, 7 whi, whv, wgi, wgv wei, wev 9 8 s29al016d known good die s29al016d_kgd_sp_07 march 6, 2009 supplement 5. packaging information 5.1 surftape packaging 5.2 waffle pack packaging direction of feed orientation relative to leading edge of tape and reel 16 mm orientation relative to top left corner of waffle pack cavity plate march 6, 2009 s29al016d_kgd_sp_07 s29al016d known good die 9 supplement 6. product test flow figure 6.1 provides an overview of spansion?s known good die test flow. for more detailed information, refer to the s29al016d product qualification database su pplement for kgd. spansion implements quality assurance procedures throughout the product test flow . in addition, an off-line quality monitoring program (qmp) further guarantees spansion quality standard s are met on known good die products. these qa procedures also allow spansion to produce kgd pr oducts without requiring or implementing burn-in. figure 6.1 spansion kgd product test flow wafer sort 1 bake data retention wafer sort 2 wafer sort 3 high temperature packaging for shipment shipment dc parameters functionality programmability erasability data retention dc parameters functionality programmability erasability dc parameters functionality programmability erasability speed incoming inspection wafer saw die separation 100% visual inspection die pack 10 s29al016d known good die s29al016d_kgd_sp_07 march 6, 2009 supplement 7. physical specifications 8. dc operating conditions 9. manufacturing information 10. special handling instructions 10.1 processing do not expose kgd products to ultraviolet light or process them at temperatures greater than 250 c. failure to adhere to these handling instruct ions will result in irreparable damage to the devices. for best yield, spansion recommends assembly in a class 10k clean room with 30% to 60% relative humidity. 10.2 storage store at a maximum temperature of 30 c in a nitrogen-purged cabinet or vacuum-sealed bag. observe all standard esd handling procedures. description specification die dimensions 153.54 mils x 185.04 mils 3.9 mm x 4.7 mm die thickness 500 m bond pad size 3.19 mils x 3.19 mils 81m x 81 m pad area free of passivation 10.18 mils 2 6,561 m 2 pads per die 45 bond pad metalization al/cu die backside no metal passivation nitride/sog/nitride description specification v cc (supply voltage) 2.7 v to 3.6 v operating temperature 0c to +70c (commercial) ?40c to +85c (industrial) description specification manufacturing spansion test penang, malaysia manufacturing id (top boot)98k33a (bottom boot)98k33ab preparation for shipment penang, malaysia fabrication process cs49ss die revision 1 march 6, 2009 s29al016d_kgd_sp_07 s29al016d known good die 11 supplement 11. terms and conditions of sale fo r spansion non-volatile memory die all transactions relating to unpackaged die under th is agreement shall be subject to spansion?s standard terms and conditions of sale, or any revisions thereof, which revisions spansion reserves the right to make at any time and from time to time. in the event of conf lict between the provisions of spansion?s standard terms and conditions of sale and this agreement, the terms of this agreement shall be controlling. spansion warrants its manufactured unpackaged die whether shipped to customer in individual dice or wafer form (?known good die,? ?kgd?, ?die,? ?known good wafer?, ?kgw?, or wafe r(s)) will meet spansion's published specifications and against defective materials or workmans hip for a period of one (1) year from date of shipment. this limited warranty does not extend beyond th e first purchaser of said die or wafer(s). buyer assumes full responsibility to ensure compliance with the appropriate handling, assembly and processing of kgd or kgw (including but not limited to proper die preparation, die attach, backgrinding, singulation, wire bonding and related assembly and te st activities), and compliance with all guidelines set forth in spansion's specifications for kgd or kgw, and spansion assumes no responsibility for environmental effects on kgd or kgw or for any activity of buyer or a third party that damages the die or wafer(s) due to improper use, abuse, negligence, im proper installation, improper backgrinding, improper singulation, accident, loss, damage in transit, or unaut horized repair or alteration by a person or entity other than spansion (?limited warranty exclusions?) the liability of spansion under this lim ited warranty is limited, at spansion's option, solely to repair the die or wafer(s), to send replacement die or wafer(s), or to make an appropriate credit adjustment or refund in an amount not to exceed the original purchase price actually paid for the die or wafer(s) returned to spansion, provided that: (a) spansion is promptly notified by buyer in writing during the applicable warranty period of any defect or nonconformity in the die or wafer(s); (b ) buyer obtains authorization from spansion to return the defective die or wafer(s); (c) the defective die or wafer(s) is returned to spansion by buyer in accordance with spansion's shipping instructions se t forth below; and (d) buyer shows to spansion's satisfaction that such alleged defect or nonconformity actually exists and was not caused by any of the above-referenced warranty exclusions. buyer shall ship such defective die or wafer(s) to spansion via spansion's carrier, collect. risk of loss will transfer to spansion when the defective die or wafer(s) is provided to spansion's carrier. if buyer fails to adhere to these warranty returns guidelines, buyer shall assume all risk of loss and shall pay for all freight to spansion's specified lo cation. the aforementioned provisions do not extend the original limited warranty period of any die or wafer(s) that has either been replaced by spansion. this limited warranty is expressed in lieu of all other warra nties, expressed or implied, including the implied warranty of fitness for a particular purpose, the implied warranty of merchantability or noninfringement and of all other obligations or liabilities on spansion's part, and it neither assumes nor authorizes any other person to assume for spansion any other li abilities. the foregoing constitutes the buyer's sole and exc lusive remedy for the furnishing of defective or non conforming known good di e or known good wafer(s) and spansion shall not in any event be liable for incr eased manufacturing costs, downtime costs, damages relating to buyer's procurement of substit ute die or wafer(s) (i.e., ?cost of cover?), loss of profits, revenues or goodwill, loss of use of ordamage to any associated equipment, or any ot her indirect, incidental, special or consequential damages by reason of the fa ct that such known good die or known good wafer(s) shall have been determined to be defective or non conforming. buyer agrees that it will make no warranty representatio ns to its customers which exceed those given by spansion to buyer unless and until buyer shall agree to indemnify spansion in writing for any claims which exceed spansion's limited warranty. known good die or known good wafer(s) are not designed or authorized for use as components in life support appli ances, devices or systems wher e malfunction of the die or wafer(s) can reasonably be expected to result in a personal injury. buyer's use of known good die or known good wafer(s) for use in life support applications is at buyer's own risk and buyer agrees to fully indemnify spansion for any damages resulting in such use or sale. known good die or known good wafer are not designed or authorized for use as components in life support appliances, devices or systems where malf unction of the die or wafer can re asonably be expected to result in a personal injury. buyer's use of known good die or know n good wafer for use in life support applications is at buyer's own risk and buyer agrees to fully indemnify spansion for any damages resulting in such use or sale. 12 s29al016d known good die s29al016d_kgd_sp_07 march 6, 2009 supplement 12. revision history section description revision a0 (december 1, 2005) global initial release revision 02 (september 8, 2006) global changed publication number to conform to current co nventions. a0 is the fi rst revision, 02 is the second. changed document type from product brief to supplement to match other kgd products. changed all formatting to new template. deleted cover page from document. ordering information temperature range options: deleted e and c options, and added v option. updated valid combinations table. revision 03 (february 9, 2006) manufacturing information changed test location to penang, malaysia. revision 04 (april 23, 2007) die photograph & pad locations added location of spansion logo. revision 05 (june 28, 2007) valid combinations added note. revision 06 (july 18, 2007) packaging information removed references to gel-pak, replaced die photo valid combinations table modified table and deleted note revision 7 (march 6, 2009) global added obsolescence information to distinctive char acteristics and ordering information sections of data sheet. march 6, 2009 s29al016d_kgd_sp_07 s29al016d known good die 13 supplement colophon the products described in this document are designed, developed and manufactured as contemplated for general use, including wit hout limitation, ordinary industrial use, genera l office use, personal use, and household use, but are not designed, developed and m anufactured as contemplated (1) for any use that includes fatal risks or dangers t hat, unless extremely high safety is secured, could have a s erious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic contro l, mass transport control, medical life support system, missile launch control in we apon system), or (2) for any use where chance of failure is intole rable (i.e., submersible repeater and artifi cial satellite). please note that spansion will not be liable to you and/or any third party for any claims or damages arising in connection with abo ve-mentioned uses of the products. any semic onductor devices have an inherent chance of failure. you must protect agains t injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document r epresent goods or technologies s ubject to certain restriction s on export under the foreign exchange and foreign trade law of japan, the us export ad ministration regulations or the applicable laws of any oth er country, the prior authorization by the respective government entity will be required for export of those products. trademarks and notice the contents of this document are subjec t to change without notice. this document ma y contain information on a spansion product under development by spansion. spansion reserves the right to change or discontinue work on any product without notice. the informati on in this document is provided as is without warran ty or guarantee of any kind as to its accuracy, completeness, operability, fitness for particular purpose, merchantability, non-infringement of third-party rights, or any other warranty, express, implied, or statutory. spansion assume s no liability for any damages of any kind arising out of the use of the information in this document. copyright ? 2005?2009 spansion inc. all rights reserved. spansion ? , the spansion logo, mirrorbit ? , mirrorbit ? eclipse ? , ornand ? , ornand2 ? , hd-sim ? , ecoram ? and combinations thereof, are tradem arks of spansion llc in the us and other countries. other names used are for informational purposes only and ma y be trademarks of their respective owners. |
Price & Availability of S29AL016D90DGI017
![]() |