Part Number Hot Search : 
CRO2065B BAV99BRW MB91307 CA307 70506 A2210 IN80C49N TS2GUSD
Product Description
Full Text Search
 

To Download RTD14048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 general purpose relays pcb relays n 1 pole 12a/16a, 1 form c (co) or 1 form a (no) contact n dc or ac coil n 5kv/10mm coil-contact, reinforced insulation n ambient temperature 85c (dc coil) n wg version: product in accordance to iec 60335-1 n refow version: for thr (through-hole refow) soldering process typical applications boiler control, timers, garage door control, pos automation, interface modules approvals vde reg.-nr. 6106, culus e214025, ccsaus 14385; cqc technical data of approved types on request contact data 12a 16a contact arrangement 1 form c (co) or 1 form a (no) rated voltage 250vac max. switching voltage 400vac rated current 12a 16a limiting continuous current 12a 16a, ul: 20a limiting making current max. 4s, duty factor 10% 25a 30a breaking capacity max. 3000va 4000va contact material agni 90/10, agni 90/10 gold plated frequency of operation, with/without load dc coil 360/72000h -1 ac coil 360/36000h -1 operate/release time max., dc coil 8/6ms bounce time max., dc coil, form a/form b 4/6ms electrical endurance see electrical endurance graph 1) contact ratings type contact load cycles iec 61810 rt314 dc-coil a (no) 16a, 250vac, cos =1, 85c 30x10 3 rt314 dc-coil c (co) 16a, 250vac, cos =1, 85c 10x10 3 rt314 dc-coil a (no) 10a, 400vac, cos =1, 85c 150x10 3 rt114 dc-coil a (no) 12a, 250vac, cos =1, 85c 50x10 3 rt114 ac-coil a (no) 12a, 250vac, cos =1, 70c 100x10 3 ul 508 rt314 a/b (no/nc) 20a, 250vac, general purpose, 85c 6x10 3 rt334 a (no) 16a, 250vac, gen. purpose, 85c 50x10 3 rt314 a (no) 1hp, 240vac, 40c 1x10 3 rt314 a (no) fla/lra, 4.5/13.1a, 480vac, 70c 100x 10 3 en60947-5-1 rt314 dc-coil a/b (no/nc) 2a, 24vdc, dc13 6.050 en60730-1 rt314 dc-coil a (no) 12(2)a, 250vac, 85c 100x10 3 1) for refow solderable versions: actual contact performance may be infuenced by the refow soldering process. contact data (continued) mechanical endurance dc coil >30x10 6 operations ac coil >10x10 6 operations ac coil, refow version >5x10 6 operations coil data coil voltage range, dc coil/ ac coil 5 to 110vdc / 24 to 230vac operative range, iec 61810 2 coil insulation system according ul class f coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% 2) mw 005 5 3.5 0.5 62 403 006 6 4.2 0.6 90 400 009 9 6.3 0.9 200 400 012 12 8.4 1.2 360 400 024 24 16.8 2.4 1440 400 048 48 33.6 4.8 5520 417 060 60 42.0 6.0 8570 2) 420 110 110 77.0 11.0 28800 2) 420 2) coil resistance 12%. all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. coil versions, ac coil 50/60 hz coil rated operate release coil rated coil code voltage voltage voltage resistance power vac vac vac ?15% 3) va 524 24 18.0 3.6 350 3) 0.76 615 115 86.3 17.3 8100 0.76 620 120 90.0 18.0 8800 0.75 700 200 150.0 30.0 24350 0.76 730 230 172.5 34.5 32500 0.74 3) coil resistance 10%. all fgures are given for coil without pre-energization, at ambient temperature +23c, 50 hz. other coil voltages on request. power pcb relay rt1 f0144-c z b schrack
07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays pcb relays power pcb relay rt1 (continued) other data (continued) terminal type standard version pcb-tht, plug-in refow version pcb-thr mounting distance ac coil: 2.5mm weight 14g resistance to soldering heat tht, iec 60068-2-20 rtii 270c/10s rtiii 260c/5s resistance to soldering heat thr refow soldering (for refow version) forced gas convection 4) or vapour phase 5) temperature profle according en61730 packaging/unit tube/20 pcs., box/500 pcs. 4) infrared heating not allowed 5) recommended fuid ls/230 accessories for details see datasheet accessories industrial power relay rt note: indicated contact ratings and electrical endurance data for direct wiring of relays (according iec 61810-1); for relays mounted on sockets deratings may apply. insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 5000v rms clearance/creepage between contact and coil 10/10mm material group of insulation parts iiia tracking index of relay base pti 250v refow version pti 175v other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter resistance to heat and fre wg version or refow version according en60335, par30 ambient temperature dc coil -40 to 85c ac coil -40 to 70c category of environmental protection, iec 61810 standard version rtii - fux proof, rtiii - wash tight refow version rtii - fux proof vibration resistance (functional) form a/form b contact, 30 to 500hz 20g/5g shock resistance (destructive) 100g pcb layout / terminal assignment bottom view on solder pins 12 a, pinning 3.5 mm 1 form c (co) contact 1 form a (no) contact 12 a, pinning 5 mm 1 form c (co) contact 1 form a (no) contact 16 a, pinning 5 mm 1 form c (co) contact 1 form a (no) contact s0418-cb s0418-cn s0418-ca s0163-be s0163-bc s0163-bg s0163-bh s0163-bd s0163-bf *) with the recommended pcb hole sizes a grid pattern from 2.5 mm to 2.54 mm can be used. schrack
07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 general purpose relays pcb relays power pcb relay rt1 (continued) product code structure typical product code rt 3 1 4 024 type rt power pcb relay rt1 version 1 12a, pinning 3.5mm, fux proof 2 12a, pinning 5mm, fux proof *) 3 16a, pinning 5mm, fux proof b 12a, pinning 3.5mm, wash tight d 16a, pinning 5mm, wash tight contact arrangement 1 1 form c (co) contact 3 1 form a (no) contact contact material 4 agni 90/10 5 agni 90/10 gold plated (for type rt31.) coil coil code: please refer to coil versions table version blank standard version wg product in accordance with iec 60335-1 (domestic appliances) r refow solderable *) wash tight version on request dimensions s0272-bb process conditions for refow soldering according to en61760-1 tht version thr version (refow solderable) s0272-brb schrack
07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 4 general purpose relays pcb relays power pcb relay rt1 (continued) product code version contacts contact material coil version part number rt114009 12a, pinning 3.5mm, 1 form c (co) agni 90/10 9vdc standard 1393239-9 rt114012 fux proof contact 12vdc 1419108-1 rt114012wg iec60335-1 compliant 7-1415538-6 rt114024 24vdc standard 1-1393239-3 rt114024wg iec60335-1 compliant 1415539-4 rt114730 230vac standard 1-1393239-9 rt115024 agni 90/10 gold pl. 24vdc 2-1393239-1 rt134012 1 form a (no) agni 90/10 12vdc 2-1393239-6 rt134024 contact 24vdc 3-1393239-0 rt214012 12a, pinning 5mm, 1 form c (co) 12vdc 5-1393239-4 rt214024 fux proof contact 24vdc 5-1393239-5 rt214524 24vac 5-1393239-9 rt214730 230vac 1419108-6 rt314005 16a, pinning 5mm, 5vdc 9-1393239-1 rt314006 fux proof 6vdc 9-1393239-3 rt314012 12vdc 9-1393239-5 rt314012wg iec60335-1 compliant 8-1415535-6 rt314024 24vdc standard 9-1393239-8 rt314024wg iec60335-1 compliant 1415538-7 rt314048 48vdc standard 1393240-1 rt314730 230vac 1393240-7 rt315024 agni 90/10 gold pl. 24vdc 1-1393240-4 rt334009wg 1 form a (no) agni 90/10 9vdc iec60335-1 compliant 3-1415538-1 rt334012 contact 12vdc standard 4-1393240-5 rt334012wg iec60335-1 compliant 1-1415527-1 rt334024 24vdc standard 4-1393240-8 rt334048 48vdc 5-1393240-0 rtb14005 12a, pinning 3.5mm, 1 form c (co) 5vdc 1-1393238-2 rtb14012 wash tight contact 12vdc 1-1393238-5 rtb14024 24vdc 1-1393238-9 rtb14524 24vac 2-1393238-4 rtd14005 16a, pinning 5mm, 5vdc 5-1393238-9 rtd14012 wash tight 12vdc 6-1393238-2 rtd14024 24vdc 6-1393238-8 RTD14048 48vac 6-1393238-9 rtd34012 1 form a (no) 12vdc 3-1419108-5 rtd34024 contact 24vdc 3-1419108-8 this list represents the most common types and does not show all variants covered by this datasheet. other types on request schrack
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: te connectivity: ? rtb14730? rtd14615? rtd14012? rtb14524? rtb14615? rtd34615? rtd34005? rtb34012? rt134012? rtc14615? rtd14024? rtd34012? rt334012? rtd14005? rt114024? rt214012


▲Up To Search▲   

 
Price & Availability of RTD14048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X