Part Number Hot Search : 
FS800 43U02 P80C52X2 SCA24CA KMM532 1N3296A NDC652P 2SD1118
Product Description
Full Text Search
 

To Download RS7212-285NEG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page ? no. ? : ? 1/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com rs7212 ? 300ma ? cmos ? ldo ? linear ? regulator ? with ? enable ? and ? fast ? discharge ? function ? ? general ? description ? the ? rs7212 ? is ? a ? 4 \ low ? (low \ dropout, ? low \ quiescent ? current, ? low \ noise, ? low \ cost) ? linear ? regulator ? with ? on/off ? control. ? the ? device ? operates ? in ? the ? input ? voltage ? range ? from ? +2.2v ? to ? +7.0v ? and ? delivers ? 300ma ? output ? current. ?? ? the ? high \ accuracy ? output ? voltage ? is ? preset ? at ? an ? internally ? trimmed ? voltage ? 1.2v, ? 1.5v, ? 1.8v, ? 2.5v, ? 2.8v, ? 3.0v ? or ? 3.3v. ? other ? output ? voltages ? can ? be ? mask \ optioned ? from ? 1.2v ? to ? 5.0v ? with ? 100mv ? increment. ? ? the ? rs7212 ? consists ? of ? a ? 1.0v ? reference ? compare ? amplifier, ? a ? p \ channel ? pass ? transistor, ? and ? an ? enable/disable ? logic ? circuit. ? other ? features ? include ? short \ circuit ? protection, ? and ? thermal ? shutdown ? protection. ? ? the ? rs7212 ? is ? also ? compatible ? with ? low ? esr ? ceramic ? capacitors ? which ? give ? added ? output ? stability. ? this ? stability ? can ? be ? maintained ? even ? during ? load ? fluctuations ? due ? to ? the ? excellent ? transient ? response ? of ? the ? chip. ? the ? rs7212 ? devices ? are ? available ? in ? sot \ 25 ? and ? vson \ 6 ? (2x2) ? packages. ? features ? applications ? operating ? voltages ? range +2.5v ? to ? +9.0v ? rs7212 ? with ? fast ? discharge ? operating ? voltage ? range +2.2v ? to ? +7.0v ? output ? voltages +1.2v ? to ? +5.0v ? with ? 100mv ? dropout ? voltage 160mv@150ma ? low ? current ? consumption ? 15 a ? (typ.) ? shutdown ? current 0.1 a ? (typ.) ? 2% ? output ? voltage ? accuracy ? (special ? 1% ? highly ? accurate) ? low ? esr ? capacitor ? compatible ? high ? ripple ? rejection 70db ? output ? current ? limit ? protection ? (450ma) ? short ? circuit ? protection ? (150ma) ? thermal ? overload ? shutdown ? protection ? control ? output ? on/off ? function ? sot \ 25 ? and ? vson \ 6 ? (2x2) ? packages ? rohs ? compliant ? and ? 100% ? lead ? (pb) \ free ? and ? green ? (halogen ? free ? with ? commercial ? standard) ? battery \ powered ? equipment ? voltage ? regulator ? for ? microprocessor ? voltage ? regulator ? for ? lan ? cards ? wireless ? communication ? equipment ? audio/video ? equipment ? post ? regulator ? for ? switching ? power ? home ? electric/electronic ? appliance ? cdma/gsm ? cellular ? handsets ? laptop, ? palmtops, ? notebook ? computers ? portable ? information ? application ? application ? circuits ? ? ? ? ? this ? integrated ? circuit ? can ? be ? damaged ? by ? esd. ? orister ? corporation ? recommends ? that ? all ? integrated ? circuits ? be ? handled ? with ? appropriate ? precautions. ? failure ? to ? observe ? proper ? handling ? and ? installation ? procedures ? can ? cause ? damage. ? ? esd ? damage ? can ? range ? from ? subtle ? performance ? degradation ? to ? complete ? device ? failure. ? precision ? integrated ? circuits ? may ? be ? more ? susceptible ? to ? damage ? because ? very ? small ? parametric ? changes ? could ? cause ? the ? device ? not ? to ? meet ? its ? published ? specifications. ?
page ? no. ? : ? 2/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com pin ? assignment ? ?? sot \ 25 ? vson \ 6 ? (2x2) ? ?? ? ? ? package ? pin ? symbol ? description ? 1 ? vin ? regulator ? input ? pin ? 2 ? gnd ? ground ? pin ? 3 ? en ? chip ? enable ? pin ? 4 ? nc ? no ? connection ? sot \ 25 ? 5 ? vout ? regulator ? output ? pin ? ? package ? pin ? symbol ? description ? 1 ? vout ? regulator ? output ? pin ? 2, ? 5 ? nc ? no ? connection ? 3, ? ep ? gnd ? ground ? pin ? 4 ? en ? chip ? enable ? pin ? vson \ 6 ? (2x2) ? 6 ? vin ? regulator ? input ? pin ? ordering ? information ? device ? device ? code ? rs7212 \ xx ? yy ? z ? xx ? is ? nominal ? output ? voltage ? (for ? example, ? 15 ? = ? 1.5v, ? 33 ? = ? 3.3v, ? 285 ? = ? 2.85v). ? yy ? is ? package ? designator ? : ? ne ? : ? sot \ 25 ? vf ? : ? vson \ 6 ? (2x2) ? z ? is ? lead ? free ? designator ? : ? p: ? commercial ? standard, ? lead ? (pb) ? free ? and ? phosphorous ? (p) ? free ? package ? g: ? green ? (halogen ? free ? with ? commercial ? standard) ? block ? diagram ? ? ?
page ? no. ? : ? 3/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com absolute ? maximum ? ratings ? parameter ? symbol ? ratings ? units input ? voltage ? v in ? to ? gnd ? v in ? 7.0 ? v ? output ? current ? limit, ? i (limit) ? i limit ? 0.5 ? a ? junction ? temperature ? t j ? +155 ? o c ? thermal ? resistance ? sot \ 25 ? ja ? 250 ? o c/w sot \ 25 ? 400 ? power ? dissipation ? vson \ 6 ? (2x2) ? p d ? 500 ? mw ? operating ? ambient ? temperature ? t opr ?\ 40 ? ~ ? +125 ? o c ? storage ? temperature ? t stg ?\ 55~+150 ? o c ? lead ? temperature ? (soldering, ? 10sec) ?\? +260 ? o c ? notes ? 1 the ? power ? dissipation ? values ? are ? based ? on ? the ? condition ? that ? junction ? temperature ? t j ? and ? ambient ? temperature ? t a ? difference ? is ? 100c. ? 2 stresses ? beyond ? those ? listed ? under ? ?absolute ? maximum ? ratings? ? may ? cause ? permanent ? damage ? to ? the ? device. ? these ? are ? stress ? ratings ? only, ? and ? function ? operation ? of ? the ? device ? at ? these ? or ? any ? other ? conditions ? beyond ? those ? indicated ? under ? ?recommended ? operating ? conditions? ? is ? not ? implied. ? exposure ? to ? absolute \ maximum ? ?rated ? conditions ? for ? extended ? periods ? may ? affect ? device ? reliability. ? 3 the ? power ? dissipation ? of ? vson \ 6 ? (2x2) ? would ? be ? 500mw ? normally ? with ? the ? 0.5x0.5 ? square ? inches ? cooper ? area ? connected ? to ? the ? bottom ? pad. ? however, ? it ? could ? be ? up ? to ? 1000mw ? with ? larger ? cooper ? area. ? electrical ? characteristics ? (v in =5v, ? t a =25c, ? unless ? otherwise ? specified) ? symbol ? parameter ? conditions ? min. ? typ. ? max. unit ? v in ? input ? voltage ?\? 2.2 ?\? 7.0 ? v ? v out ? output ? voltage ? v in ? = ? v out +0.8v ?\ 2% ? v out ? +2% ? v ? i max ? output ? current ? (see ? note ? 1) ? v out +0.8v Q v in Q 7.0v, ? 2.2v Q v in ? 300 ?\? \? ma ? v drop ? dropout ? voltage ? i out =150ma, ? 2.8v Q v in ? \? 160 ? 180 ? mv ? v out +0.5v Q v in Q 7v, ? i out =1ma ? \? 0.2 ? 0.3 ? v line ? line ? regulation ? v out +0.15v Q v in Q 5v,i out =1ma, ? v in R 2.8v ? \? \? 0.2 ? %/v ? v load ? load ? regulation ? v in =v out +1v, ? 1ma Q i out Q 100ma ? \? 0.01 ? 0.02 ? %/ma v in =5v, ? en=5v, ? no ? load ?\? 15 ? 30 ? i q ? ground ? pin ? current ? v in =5v, ? en=5v, ? i out =150ma ?\? 30 ? 60 ? ua ? i sd ? shutdown ? current ? v in =v out +1v, ? en=0v, ? no ? load ?\? 0.1 ? 1.0 ? ua ? v ih ? en ? pin ? input ? voltage ? ?h? ? (see ? note ? 2,3) ? 2.0 ?\? \? v ? v il ? en ? pin ? input ? voltage ? ?l? ? (see ? note ? 2) ?\?\? 0.3 ? v ? i en ? en ? pin ? leakage ? current ? v in =(v out +0.15) ? to ? 5v, ? v en ? > ? v ih ?\? 0.1 ? 0.15 ? ua ? i sc ? short ? circuit ? current ?\?\? 150 ?\? ma ? i out =30ma, ? f=1khz ?\? 70 ?\? psrr ? ripple ? rejection ? i out =30ma, ? f=10khz ?\? 65 ?\? db ? e n ? output ? noise ? i out =100ma ? , ? f=1khz, ? c out =10uf ?\? 40 ?\? uv (rms) t sd ? thermal ? shutdown ? temperature ?\? \? 150 ?\? o c ? t hys ? thermal ? shutdown ? hysteresis ?\?\? 20 ?\? o c ? notes ? 1 measured ? using ? a ? double ? sided ? board ? with ? 1? ? x ? 2? ? square ? inches ? of ? copper ? area ? connected ? to ? the ? gnd ? pins ? for ? ?heat ? spreading?. ? 2 en ? pin ? input ? voltage ? must ? be ? always ? less ? than ? or ? equal ? to ? input ? voltage. ? 3 en ? pin ? with ? internal ? pull ? high ? resistor ? is ? about ? several ? hundreds ? of ? k ? for ? rs7212 ? only. ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 4/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com detail ? description ? the ? rs7212 ? is ? a ? low \ dropout ? linear ? regulator. ? the ? device ? provides ? preset ? 2.5v, ? 2.85v ? and ? 3.3v ? output ? voltages ? for ? output ? current ? up ? to ? 150ma. ? other ? mask ? options ? for ? special ? output ? voltages ? from ? 1.2v ? to ? 5.0v ? with ? 100mv ? increment ? are ? also ? available. ? as ? illustrated ? in ? function ? block ? diagram, ? it ? consists ? of ? a ? 1.0v ? reference, ? error ? amplifier, ? a ? p \ channel ? pass ? transistor, ? an ? on/off ? control ? logic ? and ? an ? internal ? feedback ? voltage ? divider. ? ? the ? 1.0v ? band ? gap ? reference ? is ? connected ? to ? the ? error ? amplifier, ? which ? compares ? this ? reference ? with ? the ? feedback ? voltage ? and ? amplifies ? the ? voltage ? difference. ? if ? the ? feedback ? voltage ? is ? lower ? than ? the ? reference ? voltage, ? the ? pass \ transistor ? gate ? is ? pulled ? lower, ? which ? allows ? more ? current ? to ? pass ? to ? the ? output ? pin ? and ? increases ? the ? output ? voltage. ? if ? the ? feedback ? voltage ? is ? too ? high, ? the ? pass ? transistor ? gate ? is ? pulled ? up ? to ? decrease ? the ? output ? voltage. ? ? the ? output ? voltage ? is ? feed ? back ? through ? an ? internal ? resistive ? divider ? connected ? to ? v out ? pin. ? additional ? blocks ? include ? an ? output ? current ? limiter, ? thermal ? sensor, ? and ? shutdown ? logic. ? ? internal ? p \ channel ? pass ? transistor ? the ? rs7212 ? features ? a ? p \ channel ? mosfet ? pass ? transistor. ? unlike ? similar ? designs ? using ? pnp ? pass ? transistors, ? p \ channel ? mosfets ? require ? no ? base ? drive, ? which ? reduces ? quiescent ? current. ? pnp ? based ? regulators ? also ? waste ? considerable ? current ? in ? dropout ? when ? the ? pass ? transistor ? saturates, ? and ? use ? high ? base \ drive ? currents ? under ? large ? loads. ? the ? rs7212 ? does ? not ? suffer ? from ? these ? problems ? and ? consumes ? only ? 15 a ? (typ.) ? of ? current ? consumption ? under ? heavy ? loads ? as ? well ? as ? in ? dropout ? conditions. ? ? enable ? function ? en ? pin ? starts ? and ? stops ? the ? regulator. ? when ? the ? en ? pin ? is ? switched ? to ? the ? power ? off ? level, ? the ? operation ? of ? all ? internal ? circuit ? stops, ? the ? build \ in ? p \ channel ? mosfet ? output ? transistor ? between ? pins ? v in ? and ? v out ? is ? switched ? off, ? allowing ? current ? consumption ? to ? be ? drastically ? reduced. ? the ? v out ? pin ? enters ? the ? gnd ? level ? through ? the ? internal ? discharge ? path ? between ? v out ? and ? gnd ? pins. ? ? output ? voltage ? selection ? the ? rs7212 ? output ? voltage ? is ? preset ? at ? an ? internally ? trimmed ? voltage ? 2.5v, ? 2.85v ? or ? 3.3v. ? the ? output ? voltage ? also ? can ? be ? mask \ optioned ? from ? 1.2v ? to ? 5.0v ? with ? 100mv ? increment ? by ? special ? order. ? the ? first ? two ? digits ? of ? part ? number ? suffix ? identify ? the ? output ? voltage ? (see ? ordering ? information). ? for ? example, ? the ? rs7212 \ 33 ? has ? a ? preset ? 3.3v ? output ? voltage. ? ? current ? limit ? the ? rs7212 ? also ? includes ? a ? fold ? back ? current ? limiter. ? it ? monitors ? and ? controls ? the ? pass ? transistor?s ? gate ? voltage, ? estimates ? the ? output ? current, ? and ? limits ? the ? output ? current ? within ? 0.5a. ? ? thermal ? overload ? protection ? thermal ? overload ? protection ? limits ? total ? power ? dissipation ? in ? the ? rs7212. ? when ? the ? junction ? temperature ? exceeds ? t j =+150c, ? a ? thermal ? sensor ? turns ? off ? the ? pass ? transistor, ? allowing ? the ? ic ? to ? cool ? down. ? the ? thermal ? sensor ? turns ? the ? pass ? transistor ? on ? again ? after ? the ? junction ? temperature ? cools ? down ? by ? 20c, ? resulting ? in ? a ? pulsed ? output ? during ? continuous ? thermal ? overload ? conditions. ? ? thermal ? overload ? protection ? is ? designed ? to ? protect ? the ? rs7212 ? in ? the ? event ? of ? fault ? conditions. ? for ? continuous ? operation, ? the ? absolute ? maximum ? operating ? junction ? temperature ? rating ? of ? t j =+125c ? should ? not ? be ? exceeded. ? ? operating ? region ? and ? power ? dissipation ? maximum ? power ? dissipation ? of ? the ? rs7212 ? depends ? on ? the ? thermal ? resistance ? of ? the ? case ? and ? circuit ? board, ? the ? temperature ? difference ? between ? the ? die ? junction ? and ? ambient ? air, ? and ? the ? rate ? of ? airflow. ? the ? power ? dissipation ? across ? the ? devices ? is ? p ? = ? i out ? x ? (v in \ v out ). ? the ? resulting ? maximum ? power ? dissipation ? is: ? ja a j ca jc a j max t t t t p ) ( ) ( ? = + ? = ?
page ? no. ? : ? 5/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? where ? (t j \ t a ) ? is ? the ? temperature ? difference ? between ? the ? rs7212 ? die ? junction ? and ? the ? surrounding ? air, ? jc ? is ? the ? thermal ? resistance ? of ? the ? package ? chosen, ? and ? ca ? is ? the ? thermal ? resistance ? through ? the ? printed ? circuit ? board, ? copper ? traces ? and ? other ? materials ? to ? the ? surrounding ? air. ? for ? better ? heat \ sinking, ? the ? copper ? area ? should ? be ? equally ? shared ? between ? the ? v in , ? v out , ? and ? gnd ? pins. ? ? the ? thermal ? resistance ? ja ? of ? sot \ 25 ? package ? of ? rs7212 ? is ? 250c/w. ? based ? on ? a ? maximum ? operating ? junction ? temperature ? 125c ? with ? an ? ambient ? of ? 25c, ? the ? maximum ? power ? dissipation ? will ? be: ? ? w 40 0 250 25 125 t t p ca jc a j max . ) ( ) ( = ? = + ? = ? ? thermal ? characteristics ? were ? measured ? using ? a ? double ? sided ? board ? with ? 1?x2? ? square ? inches ? of ? copper ? area ? connected ? to ? the ? gnd ? pin ? for ? ?heat ? spreading?. ? ? dropout ? voltage ? a ? regulator?s ? minimum ? input \ output ? voltage ? differential, ? or ? dropout ? voltage, ? determines ? the ? lowest ? usable ? supply ? voltage. ? in ? battery \ powered ? systems, ? this ? will ? determine ? the ? useful ? end \ of \ life ? battery ? voltage. ? the ? rs7212 ? use ? a ? p \? channel ? mosfet ? pass ? transistor, ? its ? dropout ? voltage ? is ? a ? function ? of ? drain \ to \ source ? on \ resistance ? r ds(on) ? multiplied ? by ? the ? load ? current. ? ? out on ds out in dropout i r v v v = ? = ) ( ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 6/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com typical ? operating ? characteristics ? ? (1) ? output ? voltage ? vs. ? output ? current ? ? ? ? ? ? ? ?
page ? no. ? : ? 7/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? (1) ? output ? voltage ? vs. ? output ? current ? (continued) ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 8/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? (2) ? dropout ? voltage ? vs. ? output ? current ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 9/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? (3) ? supply ? current ? vs. ? input ? voltage ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 10/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? (4) ? supply ? current ? vs. ? ambient ? temperature ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 11/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? (5) ? output ? voltage ? vs. ? ambient ? temperature ? ? ? ? ? ? (6) ? supply ? current ? vs. ? output ? current ? ? ? ?
page ? no. ? : ? 12/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? (7) ? output ? voltage ? vs. ? input ? voltage ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 13/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com sot \ 25 ? dimension ? ? notes: ? a. all ? linear ? dimensions ? are ? in ? millimeters. ? b. this ? drawing ? is ? subject ? to ? change ? without ? notice. ? c. body ? dimensions ? do ? not ? include ? mold ? flash ? or ? protrusion. ? d. falls ? within ? jedec ? mo \ 193 ? variation ? ab ? (5 ? pin). ? ? ? ? ? ? ? ? ? ? ? ? ?
page ? no. ? : ? 14/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com vson \ 6 ? (2x2) ? dimension ? ? ? notes: ? a. all ? linear ? dimensions ? are ? in ? millimeters. ? b. this ? drawing ? is ? subject ? to ? change ? without ? notice. ? c. small ? outline ? no \ lead ? (son) ? package ? configuration. ? d. the ? package ? thermal ? pad ? must ? be ? soldered ? to ? the ? board ? for ? thermal ? and ? mechanical ? performance. ? ? ? ? ? ?
page ? no. ? : ? 15/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com soldering ? methods ? for ? orister?s ? products ? 1. ? storage ? environment: ? temperature=10 o c~35 o c ? humidity=65%15% ? 2. ? reflow ? soldering ? of ? surface \ mount ? devices ? ? profile ? feature ? sn \ pb ? eutectic ? assembly ? pb \ free ? assembly ? average ? ramp \ up ? rate ? (t l ? to ? t p ) ? <3 o c/sec ? <3 o c/sec ? preheat ? \? temperature ? min ? (ts min ) ? \? temperature ? max ? (ts max ) ? \? time ? (min ? to ? max) ? (ts) ? ? 100 o c ? 150 o c ? 60~120 ? sec ? ? 150 o c ? 200 o c ? 60~180 ? sec ? tsmax ? to ? t l ? ? \? ramp \ up ? rate ? ? <3 o c/sec ? ? <3 o c/sec ? time ? maintained ? above: ? \? temperature ? (t l ) ? \? time ? (t l ) ? ? 183 o c ? 60~150 ? sec ? ? 217 o c ? 60~150 ? sec ? peak ? temperature ? (t p ) ? 240 o c ? +0/ \ 5 o c ? 260 o c ? +0/ \ 5 o c ? time ? within ? 5 o c ? of ? actual ? peak ? temperature ? (t p ) ? 10~30 ? sec ? 20~40 ? sec ? ramp \ down ? rate ? <6 o c/sec ? <6 o c/sec ? time ? 25 o c ? to ? peak ? temperature ? <6 ? minutes ? <8 ? minutes ? 3. ? flow ? (wave) ? soldering ? (solder ? dipping) ? products ? peak ? temperature ? dipping ? time ? pb ? devices. ? 245 o c ? 5 o c ? 5sec ? 1sec ? pb \ free ? devices. ? 260 o c ? +0/ \ 5 o c ? 5sec ? 1sec ? ? ? ? ? ? figure ? 1: ? temperature ? profile ? t p t l ramp-down ramp-up ts max ts min critical zone t l to t p t s preheat t l t p 25 t 25 o c to peak time temperature
page ? no. ? : ? 16/16 ds \ rs7212 \ 02 ??? september, ? 2009 ? www.orister.com ? ? important ? notice: ? ? ? ? orister ? corporation ? orister ? cannot ? assume ? responsibility ? for ? use ? of ? any ? circuitry ? other ? than ? circuitry ? entirely ? embodied ? in ? an ? orister ? product. ? no ? circuit ? patent ? licenses, ? copyrights, ? mask ? work ? rights, ? or ? other ? intellectual ? property ? rights ? are ? implied. ? ? orister ? reserves ? the ? right ? to ? make ? changes ? to ? their ? products ? or ? specifications ? or ? to ? discontinue ? any ? product ? or ? service ? without ? notice. ? except ? as ? provided ? in ? orister?s ? terms ? and ? conditions ? of ? sale, ? orister ? assumes ? no ? liability ? whatsoever, ? and ? orister ? disclaims ? any ? express ? or ? implied ? warranty ? relating ? to ? the ? sale ? and/or ? use ? of ? orister ? products ? including ? liability ? or ? warranties ? relating ? to ? fitness ? for ? a ? particular ? purpose, ? merchantability, ? or ? infringement ? of ? any ? patent, ? copyright ? or ? other ? intellectual ? property ? right. ? in ? order ? to ? minimize ? risks ? associated ? with ? the ? customer?s ? applications, ? adequate ? design ? and ? operating ? safeguards ? must ? be ? provided ? by ? the ? customer ? to ? minimize ? inherent ? or ? procedural ? hazards. ? testing ? and ? other ? quality ? control ? techniques ? are ? utilized ? to ? the ? extent ? orister ? deems ? necessary ? to ? support ? this ? warranty. ? specific ? testing ? of ? all ? parameters ? of ? each ? device ? is ? not ? necessarily ? performed. ?? ? orister ? and ? the ? orister ? logo ? are ? trademarks ? of ? orister ? corporation. ? all ? other ? brand ? and ? product ? names ? appearing ? in ? this ? document ? are ? registered ? trademarks ? or ? trademarks ? of ? their ? respective ? holders. ? ? ? ?


▲Up To Search▲   

 
Price & Availability of RS7212-285NEG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X