Part Number Hot Search : 
02822 ER1006 SMB100A DF08G MSG104 B39A1 P11S2 SDT18
Product Description
Full Text Search
 

To Download R20507RR03Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k rotary kC 18 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com models available r series rota-slide ? rotary switches features/benefits ? multi-pole and multi-position ? positive detent ? panel and pcb mounting ? enclosed ? rohs compliant typical applications ? ceiling fans ? industrial equipment ? portable tools specifications contact rating: q contact material: 5 amps @ 125 v ac; 2.5 amps @ 250 v ac; 0.5 amp @ 125 v dc; 1/8 hp @ 125 and 250 vac (ul/csa). see page l-36 for additional ratings. electrical life: 10,000 make-and-break cycles at full load. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. indexing: 36o-ne contact models, 10 position max.; two contact models, 5 position max. operating & storage temperature: -30o to 95? materials housing & bushing: 6/6 nylon (ul 94v-2). actuator: 6/6 nylon (ul 94v-2). contacts & terminals: q contact material: copper, silver plated. see page k-36 for additional contact materials. contact spring: music wire or stainless steel. mounting nut: steel, zinc plated. terminal seal: epoxy . note: any models supplied with q or b contact material are rohs compliant. note: specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult custome service center . build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages k-19 and k-20. for additional options not shown in catalog, consult customer service center. switch function r100 sp, 36 index, 10 pos. no stops r103 sp , 36 index, 3 pos. r104 sp, 36 index, 4 pos. r108 sp, 36 index, 8 pos. r203 dp , 36 index, 3 pos. r204 dp, 36 index, 4 pos. r205 dp, 36 index, 5 pos. terminations 03 solder lug with hole 01 solder lug with notch 02 pc thru-hole wc wire lead seal none no seal e epoxy seal contact material q silver b gold actuator 07 .500" high with .156" flat 05 .375" high with .156" flat 15 screwdriver slot without bushing mounting style rr 3/8-32 threaded bushing rn pc without bushing rs pc without bushing
kC9 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com k rotary third angle projection r series rota-slide ? rotary switches switch function actuator dp models 36 o in dexing schematic sp mo dels 36o in dexing schema tic 15 screwdriver slot 07 .500 " high with .156" fla t 05 .375" high with .156" fla t note: br eak-before-make contacts. actuators and contacts are shown in position 1. no common terminal is pr esent. switching function is provided by movable contacts shorting adjacent pairs of stationary contacts. part number show: r10007rr03q shown with r?ounting style. for mounting styles without bushing, add .250 (6,35) to actuator length. shown with n?ounting style. arrow on actuator marked red (std.). shown with s?ounting style. all t erminals 5 position r205 all terminals 4 position r204 10-1-2-3,5-6-7-8 3 position r203 dp terminals switch function model no. no. poles dp models 36oindexing all models with all options when or dered with ?ontact material. 10-1-2-3 -4 4 po s ition r1 0 4 10-1-2-3 3 po s ition r1 0 3 al l te r mi na ls 10 po s ition no st o ps r1 0 0 sp te rmin als sw itc h functi on model no . no . poles sp mod e ls 36o in dexin g 10-1-2-3 -4-5 -6 - 7-8 8 po s ition r1 0 8
third angle projection r series rota-slide ? rotary switches mounting style termina tions contact material seal panel mounting pc mounting none no seal e epoxy seal 03 solder lug with hole 02 pc thru-hole wc wire lead 01 solder lug with notch rs pc screwdriver slot without bushing rr 3/8-32 threaded bushing rn pc without bushing mounting nut included (part number 175000100). position numbers and characters are molded on housing. * note: see t echnical data section of this catalog for rohs compliant and compatible definition and specifications. 1 contacts & terminals: copper, with gold plate over nickel plate. 2 contacts & terminals: copper, silver plated. (standard with all termination options.) all models with all options when ordered with ?ontact material. note: any models supplied with q, b or g contact material ar e rohs compliant. co n t ac t an d option co d e te rmin al mater ial ra ti n g q 5 a m ps @ 1 25 v a c; 2.5 a m ps @ 2 50 v a c; 0.5 a m p @ 1 25 v d c (ul/csa ); 1 /8 hp @ 1 25 a nd 250 va c (ul/csa ). low leve l/ d ry cir cu it b si l ver 2 po wer 0.4 va m ax . @ 2 0 v a c o r d c m a x. go ld 1 6.00 (152,4) .50 (12,7) 22 awg insu la ted wir e k rotary kC 20 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com


▲Up To Search▲   

 
Price & Availability of R20507RR03Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X