Part Number Hot Search : 
32403 CMHD7006 3244V UAA3500 MK325B GBL08 HEF4010 LV59001M
Product Description
Full Text Search
 

To Download PJSD05LCTM-AUA000001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 february 2,2013-rev.03 pjsd05lctm-au bi-directional esd protection diode this penta has been designed to protect sensitive equipment against esd and to prevent latch-up events in cmos circuitry operating at 5vdc and below.this offers an integrated solution to protect up to data line where the board space is a premium. maximum ratings electrical characteristics (t a =25 o c) specification features ? 25w power dippsipation (8/20 ? s waveform) ? low leakage current, maximum of 1 ? a@5vdc ? very low clamping voltage ? iec 61000-4-2 esd 15kv air, 8kv contact compliance ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) ? acqire quality system certificate : ts16949 ? aec-q101 qualified applications ? video i/o ports protection ? set top boxes ? portable instrumentation mechanical data ? case : sod-923, plastic ? terminals : solderable per mil-std-750, method 2026 ? approx. weight : 0.0004gram ? marking : x rating symbol value units peak pulse power (8/20 ? s waveform) p pp 25 w peak pulse current (8/20 ? s waveform) i pp 2 a esd voltage (hbm) v esd >25 kv operating junction and storage temperature range t j ,t stg -55 to +150 o c parameter symbol conditions min. typ. max. units reverse stand-off voltage v wrm --5 . 0v reverse breakdown voltage v br i br =1ma 5.78 - 7.82 v reverse leakage current i r v r =5v - - 1.0 ? a clamping voltage (8/20 ? s) v c i pp =2a - - 12.5 v off state junction capacitance c j 0 vdc bias f=1mhz - - 15 pf
page . 2 february 2,2013-rev.03 typical characteristics 12.0 11.5 11.0 10.5 10.0 9.5 9.0 0 1 2 3 4 67891011 ipp, peak pulse c urrent ( a) clamping v oltage v c (v) typical peak c lamping v oltage ( 8/20 s)
page . 3 february 2,2013-rev.03 mounting pad layout order information ? packing information t/r - 8k per 7" plastic reel 0.047 (1.20) 0.016 (0.4) 0.024 (0.60) 0.012 (0.30)
page . 4 february 2,2013-rev.03 pjsd05lctm-au part no_packing code_version pjsd05lctm-au_r1_000a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 february 2,2013-rev.03 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of PJSD05LCTM-AUA000001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X