Part Number Hot Search : 
B80C1 M0365 2C508 2E225 SP2111 EX242 56F8000 DT60L
Product Description
Full Text Search
 

To Download NMC0402X5R105K10TRPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nmc high cv series multilayer ceramic chip capacitors features ? x7r, x5r and y5v dielectrics ? high capacitance density ? ultra low esr & esl ? excellent mechanical strength ? nickel barrier terminations ? rohs compliant ? sac solder compatible* nmc 0603 y5v 105 z 25 trp or trplp 3k f rohs compliant optional reel qty (3k = 3, 000pcs) tape & reel (embossed plastic carrier) tape & reel (punched carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, rst 2 digits are signi cant, 3rd digit is no. of zeros temperature characteristic (x7r, x5r or y5v) size code (see chart) series part number system *re ow soldering is recommended. contact nic regarding the use of other soldering methods. typical esr versus frequency typical capacitance versus bias voltage *see part number system for details temperature coef cient x7r x5r y5v capacitance range 1.0 f ~ 10 f 1.0 f ~ 100 f 1.0 f ~ 100 f capacitance tolerance 10% (k) & 20% (m) 10% (k) & 20% (m) +80%/-20% (z) operating temperature range -55c ~ +125c -55c ~ +85c -30c ~ +85c temperature characteristics 15% cap. 15% cap. +22%, -82% cap. rated voltages 4vdc, 6.3vdc, 16vdc, 25vdc, 50vdc & 100vdc dissipation factor see sizes & values tables insulation resistance 100megohm/ f minimum @ +25c dielectric withstanding voltage 250% of rated voltage for 5 1 sec., 50ma max. 150% of rated voltage for 5 1 sec., 50ma max. test conditions (eia-198-2e) c < 10 f 1khz, 1.0v 0.2vrms (alc on) c > 10 f 120hz, 0.5v 0.2vrms (alc on) 1khz, 1.0v 0.1vrms (alc on) rohs compliant includes all homogeneous materials capacitance value stability over applied vdc is not assured for class ii mlcc (x7r, x5r & y5v) and it is suggested to consider to use npo mlccs ceramic capacitors, film capacitors or electrolytic capacitors for applications where stability in capacitance value, over applied vdc, is performance requirement. for additional information go to: http://www.niccomp.com/help/voltagecoef cientofcapacitors-032012-r1.pdf.
2 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change x7r high cv capacitor values and sizes (mm) eia case size 0603 0805 1206 length (l) 1.6 0.15 2.0 0.2 3.20.2 width (w) 0.8 0.15 1.25 0.2 1.60.2 thickness max. (t) 1.0 1.35 1.90 termination width (p) 0.1 ~ 0.65 0.25 ~ 0.75 0.25 ~ 0.85 capacitance working voltage (vdc) 6.3v 10 16 6.3 10 16 25 6.3 10 16 25 35 50 1.0 f 5% 5% 5% 3.5% 5% 5% 5% 3.5% 3% 1.5 f 2.2 f 10% 10%* 5%* 5%* 5%* 5% 5% 3.5% 3.3 f 10%* 5% 5% 3.5% 4.7 f 10%* 5% 5% 3.5% 10 f 15%* 10% 5% 3.5%** * 1.45mm maximum thickness, **2.20mm maximum thickness x7r high cv capacitor values and sizes (mm) eia case size 1210 1812 2225 length (l) 3.20.2 4.50.4 5.70.4 width (w) 2.50.2 3.20.3 6.350.25 thickness max. (t) 2.20 1.8 2.20 termination width (p) 0.25 ~ 1.00 0.25 ~ 1.5 0.25 ~ 1.02 capacitance working voltage (vdc) 10 16 25 35 50 100 10 16 25 50 100 25 50 100 1.0 f 5% 3.5% 3.5% 3.5% 2.5%** 5% 3.5% 3.5% 2.5%* 2.5%* 2.5% 2.5% 2.5% 1.5 f 2.5% 2.2 f 3.5% 2.5% 3.3 f 3.5% 4.7 f 3.5% 5% 2.5%** 10 f 5% 3.5% 5%** *2.20mm maximum thickness, **2.80mm maximum thickness nmc high cv series multilayer ceramic chip capacitors p p l w t 100% sn over ni barrier (consult factory for capacitance values not listed) percentages in the table represent the dissipation factor for that value. percentages in the table represent the dissipation factor for that value.
3 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change x5r high cv capacitor values and sizes (mm) eia case size 0402 0603 0805 length (l) 1.0 0.05 1.6 0.15 2.0 0.2 width (w) 0.5 0.05 0.8 0.15 1.25 0.2 thickness max. (t) 0.6 1.0 1.45 termination width (p) 0.1 ~ 0.3 0.1 ~ 0.65 0.20 ~ 0.75 capacitance working voltage (vdc) 4 6.3 10 16 4 6.3 10 16 25 4 6.3 10 16 25 1.0 f 10% 15% 10% 10% 10% 5% 5% 10% 7.5% 5% 5% 1.5 f 2.2 f 10% 10% 10% 10% 3.5% 10% 10% 5% 5% 3.3 f 10% 10% 10% 4.7 f 10% 12.5%* 10% 5% 10% 10% 10% 10% 6.8 f 10 f 10% 10% 10% 10% 10% 22 f 12.5% 15% 47 f 10% x5r high cv capacitor values and sizes (mm) eia case size 1206 1210 length (l) 3.20.2 3.20.3 width (w) 1.60.2 2.50.2 thickness max. (t) 1.90 2.2 termination width (p) 0.25 ~ 0.85 0.25 ~ 1.0 capacitance working voltage (vdc) 4 6.3 10 16 25 6.3 10 16 25 35 1.0 f 1.5 f 5% 2.2 f 10% 7.5% 5% 3.5% 3.5% 3.3 f 10% 7.5% 5% 3.5% 4.7 f 10% 7.5% 5% 5% 10% 5% 3.5% 3.5%* 6.8 f 10% 10 f 10% 10% 5% 5% 10% 5% 5% 5%* 10% 22 f 10% 10% 3.5% 10%* 10%* 5%* 5%* 47 f 10% 10% 10% 10%* 10%* 100 f 15%* *length 3.2mm 0.4mm, 2.8mm maximum thickness nmc high cv series multilayer ceramic chip capacitors p p l w t 100% sn over ni barrier (consult factory for capacitance values not listed) percentages in the table represent the dissipation factor for that value. percentages in the table represent the dissipation factor for that value. *t max. 0.65mm, l & w tolerance -0/+0.15mm
4 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change y5v high cv capacitor values and sizes (mm) eia case size 0402 0603 0805 length (l) 1.0 0.05 1.6 0.15 2.0 0.2 width (w) 0.5 0.05 0.8 0.15 1.25 0.2 thickness max. (t) 0.6 1.0 1.45 termination width (p) 0.1 ~ 0.3 0.1 ~ 0.65 0.25 ~ 0.75 capacitance working voltage (vdc) 6.3 10 6.3 10 16 25 6.3 10 16 25 50 1.0 f 20% 12.5% 16% 16% 9% 16% 12.5% 9% 9% 9% 1.5 f 16% 12.5% 9% 2.2 f 20% 16% 16% 16% 12.5% 9% 9% 3.3 f 16% 12.5% 9% 4.7 f 20% 12.5% 16% 12.5% 12.5% 6.8 f 16% 10 f 20% 30% 22 f 20% *2.5mm maximum thickness y5v high cv capacitor values and sizes (mm) eia case size 1206 1210 1812 length (l) 3.20.2 3.20.2 4.50.4 width (w) 1.60.2 2.50.2 3.20.3 thickness max. (t) 1.90 2.2 2.8 termination width (p) 0.25 ~ 0.85 0.25 ~ 1.0 0.25 ~ 1.5 capacitance working voltage (vdc) 6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 50 1.0 f 12.5% 12.5% 7% 7% 12.5% 12.5% 9% 7% 12.5% 9% 5% 5% 1.5 f 12.5% 12.5% 9% 12.5% 12.5% 9% 12.5% 9% 5% 5% 2.2 f 12.5% 12.5% 9% 9% 12.5% 12.5% 9% 7% 12.5% 9% 5% 5% 3.3 f 12.5% 12.5% 9% 12.5% 12.5% 9% 12.5% 9% 5% 5% 4.7 f 12.5% 12.5% 9% 7% 20% 12.5% 12.5% 9% 7% 12.5% 9% 5% 5% 6.8 f 16% 12.5% 12.5% 12.5% 9% 12.5% 9% 5% 5% 10 f 20% 16% 12.5% 9% 9% 16% 12.5% 9% 7% 12.5% 9% 5% 5% 22 f 20% 16% 20% 16% 16% 5% 33 f 47 f 20% 16% 16% 9% 100 f 20%* 20% 16% *2.8mm maximum thickness nmc high cv series multilayer ceramic chip capacitors (consult factory for capacitance values not listed) p p l w t 100% sn over ni barrier percentages in the table represent the dissipation factor for that value. percentages in the table represent the dissipation factor for that value.
5 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping speci cations embossed plastic carrier tape dimensions (mm) reel dimensions (mm) 7 inch reel quantities* *quantity dependent on chip thickness. contact nic for reel quantities on larger diameter reels. notes: 1. speci cations are in compliance with eia rs481-1-a ?taping of surface mount components for automatic placement? 2. dimensions a o (max.) equals component width dimension plus 0.5mm 3. dimension b o (max.) equals component length dimension plus 0.5mm punched carrier tape dimensions (mm) type a o b o wf e p1 p0d0 t1 max. t2 max. mounting hole 01005 0.25 0.04 0.45 0.04 8.0 0.3 3.5 0.05 1.75 0.1 2.0 0.05 4.0 0.1 1.5 +0.1/-0.0 0.27 0.36 angular punch hole 0201 0.37 0.03 0.67 0.05 0.45 0.80 0402 0.65 0.05 1.15 0.05 1.1 1.4 0603 1.1 0.2 1.9 0.2 4.0 0.10 0805 1.65 0.2 2.4 0.2 1206 2.0 0.2 3.6 0.2 size 01005 0201 0402 0603 0805 1206 1210 1812 tape size 8mm 8mm 8mm 8mm 8mm 8mm 8mm 12mm min. qty per reel 20,000 20,000 10,000 4,000 4,000 4,000 1,000 1,000 max. qty per reel 20,000 20,000 10,000 4,000 5,000 5,000 5,000 2,000 multilayer ceramic chip capacitors reel diameter (a) b c d t max. 7? (178 2.0) 13 0.5 50 min. 21 1.0 8.4 +1.0/-0 (1812 case size 12.4 +2.0/-0) 10? (250 2.0) 100 1.0 13? (330 2.0) 100 1.0 c b t a reel d tape size w f e p 0 p 2 d k max. t max. p 8mm 8.0 0.2 3.5 0.05 1.75 0.10 4.0 0.1 2.0 0.5 1.5 +0.1 -0.0 3.0 2.0 4.0 0.1 12mm 12 0.2 5.5 0.05 4.5 8.0 0.1 parts with a thickness of >1mm will be taped on embossed plastic carrier. parts with a thickness of less then 1mm will be taped on paper carrier carrier tape material embossed plastic carrier tape k t d p o w f a o p b o e p 2 see notes 2 & 3 regarding dimensions a o and b o t 2 t 1 d p o w f a o p1 component pitch b o e punched carrier tape


▲Up To Search▲   

 
Price & Availability of NMC0402X5R105K10TRPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X