Part Number Hot Search : 
IRF370 AD7541 ULQ2801 2SC2591 STU2040 STU2040 PXA310 10W68
Product Description
Full Text Search
 

To Download MMSZ5240B-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  planar die construction  zener voltages from 2.4v - 39v and 500mw power dissipation  ideally suited for automated assembly processes mechanical data   approx. weight: 0.00 9 grams  mounting position: any  storage & operating temperature: -55 o c to +150 o c maximum ratings @ 25 o c unless otherwise specified maximum forward voltage v f 0.9 v power dissipation (no te s a) p (av) 500 mwatt notes: mmsz5221b thru mmsz5259b(c) 500 mw zener diodes 2.4 to 39 volts m c c a. mounted on 5.0mm2(.013mm thick) land areas. inches mm dim min max min max note a .141 .154 3.60 3.90 b .098 .110 2.50 2.80 c .055 .071 1.40 1.80 d .037 .053 0.95 1.35 e .019 .028 0.50 0.70 f --- .008 --- 0.20 g .016 --- 0.40 --- .036 .093 " .048 suggested solder pad layout a b e c h d f g sod123 dimensions  
 omp onents 20736 marilla street chatsworth       
     h --- .005 --- 0.12 max tm micro commercial components 1 of 6  lead free finish/rohs compliant("p" suffix designates rohs compliant. see ordering infor mation) revision: f 2013/04/17 www. mccsemi .com @ if=10ma epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1  ? halogen free available upon request by adding suffix "-hf"
m c c electrical characteristics @ 25 o c unless otherwise specified normal zener voltage vz@ izt test current izt maximum zener impedance zzt @ izt zzk @ izk=0.25ma maximum reverse leakage current ir @ vr maximum zener voltage temp mcc part number marking volts ma ohms ohms ua volts %/ o c mmsz5221b c1 2 . 4 20 30 1200 100 1 . 0 -0.085 mmsz5222b c2 2 . 5 20 30 1250 100 1 . 0 -0.085 mm s z5223 b c3 2 . 7 20 30 1300 75 1 . 0 -0.080 mm s z5225 b c5 3 . 0 20 29 1600 50 1 . 0 -0.075 mm s z5226 b d1 3 . 3 20 28 1600 25 1 . 0 -0.070 mm s z5227 b d2 3 . 6 20 24 1700 15 1 . 0 -0.065 mm s z5228 b d3 3 . 9 20 23 1900 10 1 . 0 -0.060 mm s z5229 b d4 4 . 3 20 22 2000 5 . 0 1 . 0 0.055 mm s z5230 b d5 4 . 7 20 19 1900 5 . 0 2 . 0 0.030 mm s z5231 b e1 5 . 1 20 17 1600 5 . 0 2 . 0 0.030 mm s z5232 b e2 5 . 6 20 11 1600 5 . 0 3 . 0 +0.038 mm s z5234 b e4 6 . 2 20 7 . 0 1000 5 . 0 4 . 0 +0.045 mm s z5235 b e5 6 . 8 20 5 . 0 750 3 . 0 5 . 0 +0.050 mm s z5236 b f1 7 . 5 20 6 . 0 500 3 . 0 6 . 0 +0.058 mm s z5237 b f2 8 . 2 20 8 . 0 500 3 . 0 6 . 5 +0.062 mm s z5239 b f4 9 . 1 20 10 600 3 . 0 7 . 0 +0.068 mm s z5240 b f5 10 20 17 600 3 . 0 8 . 0 +0.075 mm s z5241 b h1 11 20 22 600 2 . 0 8 . 4 +0.076 mmsz5242 b h2 12 20 30 600 1 . 0 9 . 1 +0.077 mm s z5243 b h3 13 9 . 5 13 600 0 . 5 9 . 9 +0.079 mm s z5245 b h5 15 8 . 5 16 600 0 . 1 11 +0.082 mm s z5246 b j1 16 7 . 8 17 600 0 . 1 12 +0.083 mm s z5248 b j3 18 7 . 0 21 600 0 . 1 14 +0.085 mm s z5250 b j5 20 6 . 2 25 600 0 . 1 15 +0.086 mm s z5251 b k1 22 5 . 6 29 600 0 . 1 17 +0.087 mm s z5252 b k2 24 5 . 2 33 600 0 . 1 18 +0.088 mm s z5254 b k4 27 4 . 6 41 600 0 . 1 21 +0.090 mm s z5255 b k5 28 4 . 5 44 600 0 . 1 21 +0.091 mm s z5256 b m1 30 4 . 2 49 600 0 . 1 23 +0.091 mm s z5257 b m2 33 3 . 8 58 700 0 . 1 25 +0.092 mm s z5258 b m3 36 3 . 4 70 700 0 . 1 27 +0.093 mm s z5259 b m4 39 3. 2 80 800 0 . 1 30 +0.094 mmsz5233 b e3 6.0 20 7.0 1600 5.0 3.5 +0.040 g1/ g2/ g3/ g4/ g5/ tm micro commercial components w w w. mccsemi .com 2 of 6 revision: f 2013/04/17 mm s z524 4 b h4 14 9 .0 15 600 0 . 1 10 .5 +0.081 note: 1.. standard zener voltage tolerance is 5% with a "b" suffix (e.g.: mmsz5225b),suffix ''c'' is 2 % tolerance 2. specials available include: a. nominal zener voltages between the voltages show n and tighter voltage tolerances. b. matched sets. 3. zener voltage (v z ) measurement. guarantees the zener voltage when mea sured at 90 seconds while maintaining the lead temp erature (t l ) at 30 o c, from the diode body. 4. zener impedance (z z ) derivation. the zener impedance is derived from t he 60 cycle ac voltage, which results when an ac cu rrent having an rms value equal to 10% of the dc zen er current (i zt or i zk ) is superimposed on i zt or i zk . 5. surge current (i r ) non-repetitive. the rating listed in the electric al characteristics table is maximum peak, non-repet itive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec registration; however, actual device ca pability is as described in figure 5. mmsz5238 b f3 8 .7 20 8 . 0 600 3 . 0 6 . 5 +0.065 . mmsz5221b thru mmsz5259b(c)
m c c electrical characteristics @ 25 o c unless otherwise specified normal zener voltage vz@ izt test current izt maximum zener impedance zzt @ izt zzk @ izk=0.25ma maximum reverse leakage current ir @ vr maximum zener voltage temp mcc part number marking volts ma ohms ohms ua volts %/ o c mmsz5229c 4 . 3 20 22 2000 5 . 0 1 . 0 0.055 mmsz5230c 4 . 7 20 19 1900 5 . 0 2 . 0 0.030 mmsz5231c 2e1/e1 5 . 1 20 17 1600 5 . 0 2 . 0 0.030 mmsz5232c 2e2/e2 5 . 6 20 11 1600 5 . 0 3 . 0 +0.038 mmsz5234c 2e4/e4 6 . 2 20 7 . 0 1000 5 . 0 4 . 0 +0.045 mmsz5235c 2e5/e5 6 . 8 20 5 . 0 750 3 . 0 5 . 0 +0.050 mmsz5236c 2f1/f1 7 . 5 20 6 . 0 500 3 . 0 6 . 0 +0.058 mmsz5237c 2f2/f2 8 . 2 20 8 . 0 500 3 . 0 6 . 0 +0.062 mmsz5239c 2f4/f4 9 . 1 20 10 600 3 . 0 6.5 +0.068 mmsz5240c 2f5/f5 10 20 17 600 3 . 0 8 . 0 +0.075 mmsz5241c 2h1/h1 11 20 22 600 3 . 0 8 . 4 +0.076 mmsz5242 c 2h2/h2 12 20 30 600 2 . 0 9 . 1 +0.077 mmsz5243 c 2h3/h3 13 9 . 5 13 600 1.0 9 . 9 +0.079 mmsz5245 c 2h5/h5 15 8 . 5 16 600 0 . 5 11 +0.082 mmsz5246 c 2j1/j1 16 7 . 8 17 600 0 . 1 12 +0.083 mmsz5248c 2j3/j3 18 7 . 0 21 600 0 . 1 14 +0.085 mmsz5250 c 2j5/j5 20 6 . 2 25 600 0 . 1 15 +0.086 mmsz5251 c 2k1/k1 22 5 . 6 29 600 0 . 1 17 +0.087 mmsz5252 c 2k2/k2 24 5 . 2 33 600 0 . 1 18 +0.088 mmsz5254c 2k4/k4 27 4 . 6 41 600 0 . 1 21 +0.090 mmsz5255 c 2k5/k5 28 4 . 5 44 600 0 . 1 21 +0.091 mmsz5256 c 2m1/m1 30 4 . 2 49 600 0 . 1 23 +0.091 mmsz5257 c 2m2/m2 33 3 . 8 58 700 0 . 1 25 +0.092 mmsz5258 c 2m3/m3 36 3 . 4 70 700 0 . 1 27 +0.093 mmsz5259 c 2m4/m4 39 3. 2 80 800 0 . 1 30 +0.094 mmsz5233c 2e3/e3 6.0 20 7.0 1600 5.0 3.5 +0.040 2g4/d4 2g5/d5 tm micro commercial components w w w. mccsemi .com 3 of 6 revision: f 2013/04/17 mmsz5244 c 2h4/h4 14 9 .0 15 600 0 . 5 10 .5 +0.081 note: 1.. standard zener voltage tolerance is 5% with a "b" suffix (e.g.: mmsz5225b),suffix ''c'' is 2 % tolerance 2. specials available include: a. nominal zener voltages between the voltages show n and tighter voltage tolerances. b. matched sets. 3. zener voltage (v z ) measurement. guarantees the zener voltage when mea sured at 90 seconds while maintaining the lead temp erature (t l ) at 30 o c, from the diode body. 4. zener impedance (z z ) derivation. the zener impedance is derived from t he 60 cycle ac voltage, which results when an ac cu rrent having an rms value equal to 10% of the dc zen er current (i zt or i zk ) is superimposed on i zt or i zk . 5. surge current (i r ) non-repetitive. the rating listed in the electric al characteristics table is maximum peak, non-repet itive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec registration; however, actual device ca pability is as described in figure 5. mmsz5238c 2f3/f3 8 .7 20 8 . 0 600 3 . 0 6 . 5 +0.065 . mmsz5221b thru mmsz5259b(c)
w w w. mccsemi .com m c c temperature coefficients temperature coefficient,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 9 8 7 6 5 4 3 2 -2 -3 temperature coefficients effect of zener voltage on zener impedance 100 10 1 1000 100 10 1 i z = 1 ma 5 ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) forward current, ma typical forward voltage forward voltage, volts 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5 c o 25 c o 150 c o typical capacitance 100 1000 100 10 1 10 1 bias at 50% of v z nom 0 v bias 1 v bias capacitance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture coefficient,mv / c) o 10 100 temperature ( c) o power dissipation, watts steady state power derating 1.2 1.0 0.8 0.6 0.4 0.2 0 150 125 100 75 50 25 p d v . s . t a 155 tm micro commercial components 4 of 6 revision: f 2013/04/17 mmsz5221b thru mmsz5259b(c)
m c c w w w. mccsemi .com zener voltage v.s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 leakage current ( a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 10 8 6 4 2 0 zener current, ma zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener voltage v.s. zener current zener current, ma tm micro commercial components 5 of 6 revision: f 2013/04/17 mmsz5221b thru mmsz5259b(c)
m c c tm micro commercial components w w w. mccsemi .com 6 of 6 revision: f 2013/04/17 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of MMSZ5240B-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X