Part Number Hot Search : 
AKD4631 20022HS NCP699S XXXCA XXXCA SK3842 J16BB1 LN429YPH
Product Description
Full Text Search
 

To Download MMSZ5240B-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 mmsz5221b-au~mmsz5262b-au maximum ratings and electrical characteristics notes: a. mounted on 100cm 2 (1mm thick) copper areas. surface mount silicon zener diodes voltage 2.4 to 51 volts power 500 mwatts mechanical data ? case: sod-123, molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? approx. weight: 0.000 4 ounces, 0.0104 grams ? mounting position: any parameter symbol value units total power dissipation (notes a) at t l =60 o c p d 500 mw operating junction and storagetemperature range t j -55 to +150 o c 1 2 cathode anode february 17,2011-rev.03 0.154(3.90) 0.141(3.60) 0.110(2.80) 0.098(2.50) 0.028(0.70) 0.019(0.50) 0.008(0.20)max. 0.005(0.12)max. 0.016(0.40)min. 0.053(1.35) 0.037(0.95) 0.071(1.80) 0.055(1.40) unit inch(mm) sod-123 features ? planar die construction ? 500mw power dissipation ? ideally suited for automated assembly processes ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free)
page . 2 part number nominal zener voltage max. zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ma ma av 500 mw zener diodes 2.4 2.28 2.52 30 20 1200 0.25 100 1 c1 2.5 2.38 2. 63 30 20 1250 0.25 100 1 c2 2.7 2.57 2.84 30 20 1300 0.25 75 1 c3 2.8 2.66 2.94 30 20 1400 0.25 75 1 c4 3 2.85 3.15 30 20 1600 0.25 50 1 c5 3.3 3.14 3.47 28 20 1600 0.25 25 1 d1 3.6 3.42 3.78 24 20 1700 0.25 15 1 d2 3.9 3.71 4.1 23 20 1900 0.25 10 1 d3 4.3 4.09 4.52 22 20 2000 0.25 5 1 d4 4.7 4.47 4.94 19 20 1900 0.25 5 2 d5 5.1 4.85 5.36 17 20 1600 0.25 5 2 e1 5.6 5.32 5.88 11 20 1600 0.25 5 3 e2 6.0 5.70 6.30 7 20 1600 0.25 5 3.5 e3 6.2 5.89 6.51 7 20 1000 0.25 5 4 e4 6.8 6.46 7.14 5 20 750 0.25 3 5 e5 7.5 7.13 7.88 6 20 500 0.25 3 6 f1 8.2 7.79 8.61 8 20 500 0.25 3 6 f2 8.7 8.27 9.14 8 20 600 0.25 3 6.5 f3 9.1 8.65 9.56 10 20 600 0.25 3 6.5 f4 10 9.5 10.5 17 20 600 0.25 3 8 f5 11 10.45 11.55 22 20 600 0.25 2 8.4 h1 12 11.4 12.6 30 20 600 0.25 1 9.1 h2 13 12.35 13.65 13 9.5 600 0.25 0.5 9.9 h3 14 13.3 14.7 15 9 600 0.25 0.1 10.5 h4 15 14.25 15.75 16 8.5 600 0.25 0.1 11 h5 16 15.2 16.8 17 7.8 600 0.25 0.1 12 j1 17 16.15 17.85 19 7.5 600 0.25 0.1 13 j2 18 17.1 18.9 21 7 600 0.25 0.1 14 j3 19 18.05 19.95 23 6.6 600 0.25 0.1 14 j4 20 19 21 25 6.2 600 0.25 0.1 15 j5 22 20.9 23.1 29 5.6 600 0.25 0.1 17 k1 24 22.8 25.2 33 5.2 600 0.25 0.1 18 k2 25 23.75 26.25 35 5.0 600 0.25 0.1 19 k3 27 25.65 28.35 41 5 600 0.25 0.1 21 k4 28 26.6 29.4 44 4.5 600 0.25 0.1 21 k5 30 28.5 31.5 49 4.2 600 0.25 0.1 23 m1 33 31.35 34.65 58 3.8 700 0.25 0.1 25 m2 36 34.2 37.8 70 3.4 700 0.25 0.1 27 m3 39 37.05 40.95 80 3.2 800 0.25 0.1 30 m4 43 40.85 45.15 93 3 900 0.25 0.1 33 m5 47 44.65 49.35 105 2.7 1000 0.25 0.1 36 n1 51 48.45 53.55 125 2.5 1100 0.25 0.1 39 n2 february 17,2011-rev.03 mmsz5221b-au mmsz5222b-au mmsz5223b-au mmsz5224b-au mmsz5225b-au mmsz5226b-au mmsz5227b-au mmsz5228b-au mmsz5229b-au mmsz5230b-au mmsz5231b-au mmsz5232b-au mmsz5233b-au mmsz5234b-au mmsz5235b-au mmsz5236b-au mmsz5237b-au mmsz5238b-au mmsz5239b-au MMSZ5240B-AU mmsz5241b-au mmsz5242b-au mmsz5243b-au mmsz5244b-au mmsz5245b-au mmsz5246b-au mmsz5247b-au mmsz5248b-au mmsz5249b-au mmsz5250b-au mmsz5251b-au mmsz5252b-au mmsz5253b-au mmsz5254b-au mmsz5255b-au mmsz5256b-au mmsz5257b-au mmsz5258b-au mmsz5259b-au mmsz5260b-au mmsz5261b-au mmsz5262b-au mmsz5221b-au~mmsz5262b-au
page . 3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 fig.2 temperature coefficients fig.4 typical forward voltage fig.5 power derating curve nominal zener voltage ,volts forward voltage, volts temperature coefficient,(mv/ c) o p , power dissipation, (w) d forward current ,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 8070605040302010 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current , a  normal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 fig.1 temperature coefficients nominal zener voltage ,volts temperature coefficient,(mv/ c) o 0.80 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 908070605040302010 0 150 140 130 120 110 100 tl, lead tempe rature ( c) o february 17,2011-rev.03 mmsz5221b$8~mmsz5262b$8
page . 4 mounting pad layout ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7" plastic reel order information february 17,2011-rev.03 sod-123 0.167 (4.25) 0.091 (2.31) 0.038 (0.97) 0.048 (1.22) unit inch(mm) mmsz5221b$8~mmsz5262b$8
page . 5 february 17,2011-rev.03 part no_packing code_version mmsz5221b-au _r1_000 a 1 for e xample : rb500v-40 _ r2 _ 00001 mmsz5221b-au _r2_000a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d mmsz5221b$8~mmsz5262b$8
page . 6 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. mmsz5221b$8~mmsz5262b$8 february 17,2011-rev.03


▲Up To Search▲   

 
Price & Availability of MMSZ5240B-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X