Part Number Hot Search : 
2SB562 TA8749S W9954F SR5409 CS8530 3205Z 1205E A2601
Product Description
Full Text Search
 

To Download MMPC-2B-1-2-1-0-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high power combiners ( 2 +1) x 1 high power combiners parameter signal wavelength range 1030 - 1080 nm pump wavelength range 800 - 1000 nm number of p ump input fibers 2 number of signal fibers 1 input fiber type 1 core/clad diameter 105 /125 m na 0.15 type 2 core/clad diameter 105 /125 m na 0.22 signal & output fiber type 1 core/clad diameter 10 /125 m na 0.08 / 0.46 type 2 core/clad diameter 2 0 /125 m na 0.07 / 0.47 optical return loss 45 db pump insertion loss 0.5 db signal insertion loss 0.5 db maximum total input power 14 w operating temperature 0 c ~ + 7 5 c storage temperature - 40 c ~ + 85 c package dimensions 4 mm ( ? ) x 6 5 mm (l) note1: all values specified are without connectors and at ro om temperature . note2: higher performance specifications upon request. m m p c - 2 b - - - - - 0 structure input fiber signal fiber output fiber fiber length connector 2 b: ( 2 +1) x 1 1: type 1 1: type 1 1: type 1 0: 0.5 meter 0: none 2: type 2 2: type 2 2: type 2 1: 1.0 meter 9: 0.75 meter www.lighteltech.com 2210 lind ave sw , suite 100 renton, wa 98057 usa (425) 277 - 8000 ph. (425) 277 - 5280 fax all rights reserved 2009


▲Up To Search▲   

 
Price & Availability of MMPC-2B-1-2-1-0-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X