Part Number Hot Search : 
KIA378 1010A 342A138 MAX15022 KBPC10 NSSW088 FCM7002 SCD110H
Product Description
Full Text Search
 

To Download LQW2BHN27NJ03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency vertical wire wound 2.0 0.2 1.5 0.2 0.5 min. 0.5 min. 0.5 min. 1.5 0.2 1.5 0.2 (in mm) 1.7 +0.08 -0.1 chip inductor (chip coil) for high frequency vertical wire wound lqw2bh_03 series (0805 size)  dimensions  packaging code packaging minimum quantity l 180mm embossed tape 2000 k 330mm embossed tape 7500  rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqw2bhn3n3d03 p 3.3nh 0.5nh 100mhz 910ma 0.05ohm 10 250mhz 6000mhz lqw2bhn6n8d03 p 6.8nh 0.5nh 100mhz 680ma 0.11ohm 20 250mhz 5400mhz lqw2bhn8n2d03 p 8.2nh 0.5nh 100mhz 630ma 0.12ohm 20 250mhz 3900mhz lqw2bhn10nj03 p 10nh 5% 100mhz 1320ma 0.03ohm 30 250mhz 3300mhz lqw2bhn12nj03 p 12nh 5% 100mhz 680ma 0.11ohm 30 250mhz 3200mhz lqw2bhn15nj03 p 15nh 5% 100mhz 630ma 0.12ohm 30 250mhz 2700mhz lqw2bhn18nj03 p 18nh 5% 100mhz 690ma 0.10ohm 30 250mhz 2600mhz lqw2bhn22nj03 p 22nh 5% 100mhz 720ma 0.09ohm 30 250mhz 2100mhz lqw2bhn27nj03 p 27nh 5% 100mhz 540ma 0.17ohm 40 250mhz 2300mhz lqw2bhn33ng03 p 33nh 2% 100mhz 570ma 0.15ohm 40 250mhz 1900mhz lqw2bhn33nj03 p 33nh 5% 100mhz 570ma 0.15ohm 40 250mhz 1900mhz lqw2bhn39ng03 p 39nh 2% 100mhz 730ma 0.09ohm 40 250mhz 1700mhz lqw2bhn39nj03 p 39nh 5% 100mhz 730ma 0.09ohm 40 250mhz 1700mhz lqw2bhn47ng03 p 47nh 2% 100mhz 450ma 0.23ohm 40 200mhz 1600mhz lqw2bhn47nj03 p 47nh 5% 100mhz 450ma 0.23ohm 40 200mhz 1600mhz lqw2bhn56ng03 p 56nh 2% 100mhz 430ma 0.26ohm 40 200mhz 1500mhz lqw2bhn56nj03 p 56nh 5% 100mhz 430ma 0.26ohm 40 200mhz 1500mhz lqw2bhn68ng03 p 68nh 2% 100mhz 460ma 0.23ohm 40 200mhz 1200mhz lqw2bhn68nj03 p 68nh 5% 100mhz 460ma 0.23ohm 40 200mhz 1200mhz lqw2bhn82ng03 p 82nh 2% 100mhz 320ma 0.42ohm 40 150mhz 1100mhz lqw2bhn82nj03 p 82nh 5% 100mhz 320ma 0.42ohm 40 150mhz 1100mhz lqw2bhnr10g03 p 100nh 2% 100mhz 270ma 0.55ohm 35 150mhz 900mhz lqw2bhnr10j03 p 100nh 5% 100mhz 350ma 0.38ohm 40 150mhz 900mhz lqw2bhnr12g03 p 120nh 2% 100mhz 320ma 0.40ohm 40 150mhz 750mhz operating temperature range: -40 c to +85 c continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency vertical wire wound part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqw2bhnr12j03 p 120nh 5% 100mhz 320ma 0.40ohm 40 150mhz 750mhz lqw2bhnr15g03 p 150nh 2% 100mhz 260ma 0.68ohm 30 150mhz 350mhz lqw2bhnr15j03 p 150nh 5% 100mhz 390ma 0.47ohm 30 150mhz 350mhz lqw2bhnr18g03 p 180nh 2% 100mhz 250ma 0.71ohm 35 100mhz 700mhz lqw2bhnr18j03 p 180nh 5% 100mhz 250ma 0.71ohm 35 100mhz 700mhz lqw2bhnr22g03 p 220nh 2% 100mhz 240ma 0.70ohm 35 100mhz 500mhz lqw2bhnr22j03 p 220nh 5% 100mhz 240ma 0.70ohm 35 100mhz 500mhz lqw2bhnr27j03 p 270nh 5% 10mhz 190ma 2.00ohm 15 25.2mhz 550mhz lqw2bhnr27k03 p 270nh 10% 10mhz 190ma 2.00ohm 15 25.2mhz 550mhz lqw2bhnr33j03 p 330nh 5% 10mhz 180ma 2.20ohm 15 25.2mhz 500mhz lqw2bhnr33k03 p 330nh 10% 10mhz 180ma 2.20ohm 15 25.2mhz 500mhz lqw2bhnr39j03 p 390nh 5% 10mhz 170ma 2.50ohm 15 25.2mhz 400mhz lqw2bhnr39k03 p 390nh 10% 10mhz 170ma 2.50ohm 15 25.2mhz 400mhz lqw2bhnr47j03 p 470nh 5% 10mhz 160ma 2.80ohm 15 25.2mhz 350mhz lqw2bhnr47k03 p 470nh 10% 10mhz 160ma 2.80ohm 15 25.2mhz 350mhz 1 10 100 10000 frequency (mhz) 100 80 60 40 20 0 1000 q 10nh 33nh 220nh 330nh 470nh 1 10 100 1000 10000 10 100 1000 10000 frequency (mhz) inductance (nh) 470nh 330nh 270nh 33nh 10nh operating temperature range: -40 c to +85 c  q-frequency characteristics (typ.)  inductance-frequency characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQW2BHN27NJ03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X