Part Number Hot Search : 
TC74LC LM2931 FT37AR1 C900603 TL431 2SD1210 1N4001 21A08
Product Description
Full Text Search
 

To Download KL3660-106-1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i n the kl 3600 series one inch switches, the cole instrument rotary switch lock offers many options and combines the versatility of a multi-function switch with the high security of the medeco cylinder. the cole instrument switch is a high reliability switch that meets or surpasses the most stringent requirements of mil-s-3786. the medeco lock is designed to resist drilling, wrenching, pick resistance and other forms of physical attack. other features include:  restricted factory-registered key system with exclusive key assignment available on request.  versatile master-keying capability.  manufactured to precision quality standards by skilled craftsmen.  double ?d? mounting. the cole instrument switch lock was designed for critical and high security applications and demanding usage in aircraft, weapons, medical and industrial control and instrumentation, as well as ground support electronic equipment. cole instrument engineering and design capabilities are available to customers with special application requirements. two types of locks are available 1. kl (standard) for applications where it is not required to have the stringent requirement of mil-s-3786, but conforms to cole?s high reliability switch witch a high security lock adapter. 2. mkl for applications where it is required to meet the requirements of mil-s-3786 with a high security lock adapter. kl 3600 series key lock one-inch enclosed rotary switches iso9001 certified
kl 3600 series kl 3600 series key lock one-inch enclosed rotary switches 2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified kl 3600 series/page 2 side view rear view switch shown in position ?a? 30 indexing 36 indexing 45 indexing 60 indexing 90 indexing suggested mounting hole option of location where key is removable position ?a? thru ?l? - 30 indexing. position ?a? thru ?j? - 36 indexing. position ?a? thru ?h? - 45 indexing. position ?a? thru ?f? - 60 indexing. position ?a? thru ?d? - 90 indexing. the switches are in position #1 when the key in position ?a?. note: shown switch 30 indexing, 1 deck, 6 poles, 12 positions.
kl 3600 series kl 3600 series key lock one-inch enclosed rotary switches 2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified kl 3600 series/page 3 ordering information and notes: how to determine part number kl3630-602-1s with keypulls at a-d-g-i-k: sample part number for a 3600 series switch, 30 indexing, 1 deck, 6 pole per deck, 2 positions per pole, shorting switch with key removals at a, d, g, i and k positions. 1. the chart below lists the standard available combinations for 30, 36, 45, 60, 90 switches. ** shorting and non-shorting contacts are available in the 30, 36, 45, 60 and 90 angle of throw. 2. when ordering specify kl or mkl as a preface to the cole basic switch number. 3. all keylock switches are keyed alike unless otherwise speci ed. 4. keylock switches are supplied with full circle of terminals regardless of the number of active positions. 5. switches of 6 decks or more have longer studs with extra stud nuts for recommended double-end mounting. 6. add 0.315 for length, for each additional deck.


▲Up To Search▲   

 
Price & Availability of KL3660-106-1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X