Part Number Hot Search : 
R2040 10J45 SA210A 74ACT240 M5227 M5227 TLP350 M54523F
Product Description
Full Text Search
 

To Download IS61LF12832-85TQI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated silicon solution, inc. ? 1-800-379-4774 1 preliminary information rev. 00a 05/28/00 this document contains preliminary information data. issi reserves the right to make changes to its products at any time witho ut notice in order to improve design and supply the best possible product. we assume no responsibility for any errors which may appear in this publication. ? copyright 2000, int egrated silicon solution, inc. is61lf12832 is61lf12836 issi ? features ? fast access times: 7.5 ns and 8.5 ns  internal self-timed write cycle  individual byte write control and global write  clock controlled, registered address, data inputs and control signals  interleaved or linear burst sequence control using mode input  three chip enables for simple depth expansion and address pipelining  common data inputs and data outputs  jedec 100-pin tqfp and 119-pin pbga package  single +3.3v +10%, ?5% power supply  power-down snooze mode  2.5v i/o voltage  industrial temperature available description the issi is61lf12832 and is61lf12836 are high-speed synchronous static ram designed to provide a burstable, high-performance memory for high speed networking and communication applications. it is organized as 131,072 words by 32 bits or 36 bits, fabricated with issi 's advanced cmos technology. the device integrates a 2-bit burst counter, high-speed sram core, and high-drive capability outputs into a single monolithic circuit. all synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input. write cycles are internally self-timed and are initiated by the rising edge of the clock input. write cycles can be from one to four bytes wide as controlled by the write control inputs. separate byte enables allow individual bytes to be written. bw1 controls dqa, bw2 controls dqb, bw3 controls dqc, bw4 controls dqd, conditioned by bwe being low. a low on gw input would cause all bytes to be written. bursts can be initiated with either adsp (address status processor) or adsc (address status cache controller) input pins. subsequent burst addresses can be generated internally and controlled by the adv (burst address advance) input pin. the mode pin is used to select the burst sequence order, linear burst is achieved when this pin is tied low. interleave burst is achieved when this pin is tied high or left floating. 128k x 32, 128k x 36 synchronous flow-through static ram preliminary information may 2001 fast access time symbol parameter 7.5 8.5 units t kq clock access time 7.5 8.5 ns t kc cycle time 8.8 10 ns frequency 113 100 mhz
is61lf12832 is61lf12836 issi ? 2 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 block diagram 17 binary counter a16-a0 bw1 gw clr ce clk q0 q1 mode a0' a0 a1 a1' clk adv adsc adsp 15 17 address register ce d clk q dqd byte write registers d clk q dqc byte write registers d clk q dqb byte write registers d clk q dqa byte write registers d clk q enable register ce d clk q enable delay register d clk q bwe bw4 ce ce2 ce2 bw2 bw3 128k x 32, 128k x 36 memory array 32 or 36 input registers clk 32 or 36 oe 4 32 or 36 oe dq[31:0] or dq[35:0]
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 3 preliminary information rev. 00a 05/28/2001 pin configuration pin descriptions a0, a1 synchronous address inputs. these pins must tied to the two lsbs of the address bus. a2-a16 synchronous address inputs clk synchronous clock adsp synchronous processor address status adsc synchronous controller address status adv synchronous burst address advance bw1 - bw4 individual byte write enable bwe synchronous byte write enable gw synchronous global write enable ce , ce2 , ce2 synchronous chip enable oe output enable dqa-dqd synchronous data input/output mode burst sequence mode selection v cc +3.3v power supply gnd ground v ccq isolated output buffer supply: +2.5v zz snooze enable a b c d e f g h j k l m n p r t u vccq nc nc dqc1 dqc2 vccq dqc5 dqc7 vccq dqd1 dqd4 vccq dqd6 dqd8 nc nc vccq a6 ce2 a7 nc dqc3 dqc4 dqc6 dqc8 vcc dqd2 dqd3 dqd5 dqd7 nc a5 nc nc a4 a3 a2 gnd gnd gnd bw3 gnd nc gnd bw4 gnd gnd gnd mode a10 nc adsp adsc vcc nc ce oe adv gw vcc clk nc bwe a1 a0 vcc a11 nc a8 a9 a12 gnd gnd gnd bw2 gnd nc gnd bw1 gnd gnd gnd gnd a14 nc a16 ce2 a15 nc dqb6 dqb5 dqb4 dqb2 vcc dqa7 dqa5 dqa4 dqa3 nc a13 nc nc vccq nc nc dqb8 dqb7 vccq dqb3 dqb1 vccq dqa8 dqa6 vccq dqa2 dqa1 nc zz vccq 1 2 3 4 5 6 7 nc dqb8 dqb7 vccq gnd dqb6 dqb5 dqb4 dqb3 gnd vccq dqb2 dqb1 gnd nc vcc zz dqa8 dqa7 vccq gnd dqa6 dqa5 dqa4 dqa3 gnd vccq dqa2 dqa1 nc a6 a7 ce ce2 bw4 bw3 bw2 bw1 ce2 vcc gnd clk gw bwe oe adsc adsp adv a8 a9 nc dqc1 dqc2 vccq gnd dqc3 dqc4 dqc5 dqc6 gnd vccq dqc7 dqc8 nc vcc nc gnd dqd1 dqd2 vccq gnd dqd3 dqd4 dqd5 dqd6 gnd vccq dqd7 dqd8 nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 mode a5 a4 a3 a2 a1 a0 nc nc gnd vcc nc nc a10 a11 a12 a13 a14 a15 a16 46 47 48 49 50 128k x 32 119-pin pbga (top view) 100-pin tqfp
is61lf12832 is61lf12836 issi ? 4 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 pin configuration pin descriptions a0, a1 synchronous address inputs. these pins must tied to the two lsbs of the address bus. a2-a16 synchronous address inputs clk synchronous clock adsp synchronous processor address status adsc synchronous controller address status adv synchronous burst address advance bw1 - bw4 individual byte write enable bwe synchronous byte write enable gw synchronous global write enable ce , ce2 , ce2 synchronous chip enable oe output enable dqa-dqd synchronous data input/output mode burst sequence mode selection v cc +3.3v power supply gnd ground v ccq isolated output buffer supply: +2.5v zz snooze enable dqpa-dqpd parity data i/o a b c d e f g h j k l m n p r t u vccq nc nc dqc1 dqc2 vccq dqc5 dqc7 vccq dqd1 dqd4 vccq dqd6 dqd8 nc nc vccq a6 ce2 a7 dqpc dqc3 dqc4 dqc6 dqc8 vcc dqd2 dqd3 dqd5 dqd7 dqpd a5 nc nc a4 a3 a2 gnd gnd gnd bw3 gnd nc gnd bw4 gnd gnd gnd mode a10 nc adsp adsc vcc nc ce oe adv gw vcc clk nc bwe a1 a0 vcc a11 nc a8 a9 a12 gnd gnd gnd bw2 gnd nc gnd bw1 gnd gnd gnd gnd a14 nc a16 ce2 a15 dqpb dqb6 dqb5 dqb4 dqb2 vcc dqa7 dqa5 dqa4 dqa3 dqpa a13 nc nc vccq nc nc dqb8 dqb7 vccq dqb3 dqb1 vccq dqa8 dqa6 vccq dqa2 dqa1 nc zz vccq 1 2 3 4 5 6 7 dqpb dqb8 dqb7 vccq gnd dqb6 dqb5 dqb4 dqb3 gnd vccq dqb2 dqb1 gnd nc vcc zz dqa8 dqa7 vccq gnd dqa6 dqa5 dqa4 dqa3 gnd vccq dqa2 dqa1 dqpa a6 a7 ce ce2 bw4 bw3 bw2 bw1 ce2 vcc gnd clk gw bwe oe adsc adsp adv a8 a9 dqpc dqc1 dqc2 vccq gnd dqc3 dqc4 dqc5 dqc6 gnd vccq dqc7 dqc8 nc vcc nc gnd dqd1 dqd2 vccq gnd dqd3 dqd4 dqd5 dqd6 gnd vccq dqd7 dqd8 dqpd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 mode a5 a4 a3 a2 a1 a0 nc nc gnd vcc nc nc a10 a11 a12 a13 a14 a15 a16 46 47 48 49 50 128k x 36 119-pin pbga (top view) 100-pin tqfp
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 5 preliminary information rev. 00a 05/28/2001 truth table address operation used ce ce2 ce2 adsp adsc adv write oe dq deselected, power-down none h x x x l x x x high-z deselected, power-down none l x h l x x x x high-z deselected, power-down none l l x l x x x x high-z deselected, power-down none x x h h l x x x high-z deselected, power-down none x l x h l x x x high-z read cycle, begin burst external l h l l x x x x q read cycle, begin burst external l h l h l x read x q write cycle, begin burst external l h l h l x w rite x d read cycle, continue burst next x x x h h l read l q read cycle, continue burst next x x x h h l read h high-z read cycle, continue burst next h x x x h l read l q read cycle, continue burst next h x x x h l read h high-z write cycle, continue burst next x x x h h l w rite x d write cycle, continue burst next h x x x h l w rite x d read cycle, suspend burst current x x x h h h read l q read cycle, suspend burst current x x x h h h read h high-z read cycle, suspend burst current h x x x h h read l q read cycle, suspend burst current h x x x h h read h high-z write cycle, suspend burst current x x x h h h w rite x d write cycle, suspend burst current h x x x h h w rite x d partial truth table function gw bwe bw1 bw2 bw3 bw4 read h h xxxx read h l hhhh write byte 1 h l l h h h write all bytes h lllll write all bytes l xxxxx
is61lf12832 is61lf12836 issi ? 6 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 interleaved burst address table (mode = v cc or no connect) external address 1st burst address 2nd burst address 3rd burst address a1 a0 a1 a0 a1 a0 a1 a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) absolute maximum ratings (1) symbol parameter value unit t bias temperature under bias ? 40 to +85 c t stg storage temperature ? 55 to +150 c p d power dissipation 1.6 w i out output current (per i/o) 100 ma v in , v out voltage relative to gnd for i/o pins ? 0.5 to v ccq + 0.5 v v in voltage relative to gnd for ? 0.5 to v cc + 0.5 v for address and control inputs v cc voltage on vcc supply relatiive to gnd ? 0.5 to 4.6 v notes: 1. stress greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. this device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, precautions may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. 3. this device contains circuitry that will ensure the output devices are in high-z at power up. 0,0 1,0 0,1 a1', a0' = 1,1
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 7 preliminary information rev. 00a 05/28/2001 operating range range ambient temperature v cc v ccq commercial 0 c to +70 c 3.3v, +10%, ? 5% 2.5v +5% v industrial ? 40 c to +85 c 3.3v, +10%, ? 5% 2.5v +5% v power supply characteristics (over operating range) 7.5 8.5 symbol parameter test conditions max. max unit i cc ac operating device selected, com. 300 290 ma supply current all inputs = v il or v ih ind. 310 300 ma oe = v ih , vcc = max. cycle time t kc min. i sb standby current device deselected, com. 70 70 ma ttl v cc = max., ind. 80 80 ma all inputs = v ih or v il clk cycle time t kc min. i zz power-down mode zz = v cc com. 15 15 ma current clock running ind. 20 20 ma all inputs gnd + 0.2v or vcc ? 0.2v notes: 1. the mode pin has an internal pullup. this pin may be a no connect, tied to gnd, or tied to v cc . 2. the mode pin could be tied to vcc or gnd. it exhibits 10 a maximum leakage current when tied to gnd +0.2v or vcc ? 0.2v. dc electrical characteristics (over operating range) symbol parameter test conditions min. max. unit v oh output high voltage i oh = -1.0 ma ? v v ol output low voltage i ol = 1.0 ma ? 0.4 v v ih input high voltage 1.7 v cc + 0.3 v v il input low voltage ? 0.3 0.7 v i li input leakage current gnd v in v cc (1) ? 11 a i lo output leakage current gnd v out v ccq , ? 11 a outputs disabled
is61lf12832 is61lf12836 issi ? 8 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 capacitance (1,2) symbol parameter conditions max. unit c in input capacitance v in = 0v 6 pf c out input/output capacitance v out = 0v 8 pf notes: 1. tested initially and after any design or process changes that may affect these parameters. 2. test conditions: t a = 25 c, f = 1 mhz, vcc = 3.3v. 2.5v i/o ac test conditions parameter unit input pulse level for input pins 0v to 3.0v input pulse level for i/o pins 0v to 2.5v input rise and fall times 1.5 ns input timing reference level 1.5v i/o timing reference level 1.25v output load see figures 1 and 2 z o = 50 ? 1.25v 50 ? output 1,667 ? 5 pf including jig and scope 1,538 ? output +2.5v figure 1 figure 2 i/o output load equivalent
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 9 preliminary information rev. 00a 05/28/2001 read/write cycle switching characteristics (over operating range) 7.5 8.5 symbol parameter min. max. min. max. unit f max (3) clock frequency ? 113 ? 100 mhz t kc (3) cycle time 8.8 ? 10 ? ns t kh clock high time 2.5 ? 3.0 ? ns t kl (3) clock low time 2.5 ? 3.0 ? ns t kq (3) clock access time ? 7.5 ? 8.5 ns t kqx (1) clock high to output invalid 1.5 ? 3 ? ns t kqlz (1,2) clock high to output low-z 0 ? 0 ? ns t kqhz (1,2) clock high to output high-z 2 3.5 2 3.5 ns t oeq (3) output enable to output valid ? 3.5 ? 3.5 ns t oelz (1,2) output enable to output low-z 0 ? 0 ? ns t oehz (1,2) output disable to output high-z ? 3.5 ? 3.5 ns t as (3) address setup time 1.5 ? 1.8 ? ns t ss (3) address status setup time 1.5 ? 1.8 ? ns t ws (3) write setup time 1.5 ? 1.8 ? ns t ces (3) chip enable setup time 1.5 ? 1.8 ? ns t avs (3) address advance setup time 1.5 ? 1.8 ? ns t ah (3) address hold time 0.5 ? 0.5 ? ns t sh (3) address status hold time 0.5 ? 0.5 ? ns t wh (3) write hold time 0.5 ? 0.5 ? ns t ceh (3) chip enable hold time 0.5 ? 0.5 ? ns t avh (3) address advance hold time 0.5 ? 0.5 ? ns notes: 1. guaranteed but not 100% tested. this parameter is periodically sampled. 2. tested with load in figure 2. 3. tested with load in figure 1.
is61lf12832 is61lf12836 issi ? 10 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 read/write cycle timing single read flow-through single write high-z high-z data out data in oe ce2 ce2 ce bw4-bw1 bwe gw a16-a0 adv adsc adsp clk rd1 wr1 wr1 1a 1a 2a 2b 2c 2d unselected burst read t kqx t kc t kl t kh t ss t sh adsp is blocked by ce inactive t ss t sh t as t ah t ws t wh t ws t wh t ws t wh rd2 rd3 t ces t ceh t ces t ceh t ces t ceh ce2 and ce2 only sampled with adsp or adsc ce masks adsp unselected with ce2 t oeqx t kq t oehz t kqx t kqhz t ds t dh t kqhz t kqlz
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 11 preliminary information rev. 00a 05/28/2001 write cycle switching characteristics (over operating range) 7.5 8.5 symbol parameter min. max. min. max. unit t kc (1) cycle time 8.5 ? 10 ? ns t kh (1) clock high time 2.5 ? 3.0 ? ns t kl (1) clock low time 2.5 ? 3.0 ? ns t as (1) address setup time 1.5 ? 1.8 ? ns t ss (1) address status setup time 1.5 ? 1.8 ? ns t ws (1) write setup time 1.5 ? 1.8 ? ns t ds (1) data in setup time 1.5 ? 1.8 ? ns t ces (1) chip enable setup time 1.5 ? 1.8 ? ns t avs (1) address advance setup time 1.5 ? 1.8 ? ns t ah (1) address hold time 0.5 ? 0.5 ? ns t sh (1) address status hold time 0.5 ? 0.5 ? ns t dh (1) data in hold time 0.5 ? 0.5 ? ns t wh (1) write hold time 0.5 ? 0.5 ? ns t ceh (1) chip enable hold time 0.5 ? 0.5 ? ns t avh (1) address advance hold time 0.5 ? 0.5 ? ns notes: 1. tested with load in figure 1.
is61lf12832 is61lf12836 issi ? 12 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 write cycle timing single write data out data in oe ce2 ce2 ce bw4-bw1 bwe gw a16-a0 adv adsc adsp clk wr1 wr2 unselected burst write t kc t kl t kh t ss t sh t as t ah t ws t wh t ws t wh wr3 t ces t ceh t ces t ceh t ces t ceh ce2 and ce3 only sampled with adsp or adsc ce1 masks adsp unselected with ce2 adsc initiate write adsp is blocked by ce1 inactive t avh t avs adv must be inactive for adsp write wr1 wr2 t ws t wh wr3 t ws t wh high-z high-z 1a 3a t ds t dh bw4-bw1 only are applied to first cycle of wr2 write 2c 2d 2b 2a
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 13 preliminary information rev. 00a 05/28/2001 snooze and recovery cycle switching characteristics (over operating range) 7.5 8.5 symbol parameter min. max. min. max. unit t kc (3) cycle time 8.5 ? 10 ? ns t kh (3) clock high time 2.5 ? 3.0 ? ns t kl (3) clock low time 2.5 ? 3.0 ? ns t kq (3) clock access time ? 7.5 ? 8.5 ns t kqx (1) clock high to output invalid 2 ? 2 ? ns t kqlz (1,2) clock high to output low-z 0 ? 0 ? ns t kqhz (1,2) clock high to output high-z 2 3.5 2 3.5 ns t oeq (3) output enable to output valid ? 3.5 ? 3.5 ns t oelz (1,2) output enable to output low-z 0 ? 0 ? ns t oehz (1,2) output disable to output high-z ? 3.5 ? 3.5 ns t as (3) address setup time 1.5 ? 1.8 ? ns t ss (3) address status setup time 1.5 ? 1.8 ? ns t ces (3) chip enable setup time 1.5 ? 1.8 ? ns t ah (3) address hold time 0.5 ? 0.5 ? ns t sh (3) address status hold time 0.5 ? 0.5 ? ns t ceh (3) chip enable hold time 0.5 ? 0.5 ? ns t zzs zz standby 2 ? 2 ? cyc t zzrec zz recovery 2 ? 2 ? cyc notes: 1. guaranteed but not 100% tested. this parameter is periodically sampled. 2. tested with load in figure 2. 3. tested with load in figure 1.
is61lf12832 is61lf12836 issi ? 14 integrated silicon solution, inc. ? 1-800-379-4774 preliminary information rev. 00a 05/28/2001 snooze and recovery cycle timing single read high-z high-z data out data in oe ce2 ce2 ce bw4-bw1 bwe gw a16-a0 adv adsc adsp clk rd1 1a read snooze with data retention t kc t kl t kh t ss t sh t as t ah rd2 t ces t ceh t ces t ceh t ces t ceh t oeq t oeqx t oelz t kqlz t kq t oehz t kqx t kqhz zz t zzs t zzrec
is61lf12832 is61lf12836 issi ? integrated silicon solution, inc. ? 1-800-379-4774 15 preliminary information rev. 00a 05/28/2001 issi ? integrated silicon solution, inc. 2231 lawson lane santa clara, ca 95054 tel: 1-800-379-4774 fax: (408) 588-0806 e-mail: sales@issi.com www.issi.com ordering information commercial range: 0 c to +70 c frequency order part number package 7.5 is61lf12836-7.5tq tqfp is61lf12836-7.5b pbga 8.5 is61lf12836-8.5tq tqfp is61lf12836-8.5b pbga industrial range: ? 40 c to +85 c frequency order part number package 7.5 is61lf12836-7.5tqi tqfp is61lf12836-7.5bi pbga 8.5 is61lf12836-8.5tqi tqfp is61lf12836-8.5bi pbga ordering information commercial range: 0 c to +70 c frequency order part number package 7.5 is61lf12832-7.5tq tqfp is61lf12832-7.5b pbga 8.5 is61lf12832-8.5tq tqfp is61lf12832-8.5b pbga industrial range: ? 40 c to +85 c frequency order part number package 7.5 is61lf12832-7.5tqi tqfp is61lf12832-7.5bi pbga 8.5 is61lf12832-8.5tqi tqfp is61lf12832-8.5bi pbga


▲Up To Search▲   

 
Price & Availability of IS61LF12832-85TQI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X