Part Number Hot Search : 
S504T SA120 SS210A SMAJ140 P3302 RA09223J RXE185K CMI8786
Product Description
Full Text Search
 

To Download FBNAB3330ZJ110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  iec inlet filters f.bn 16a type high current modules compact, high current chassis mount iec 60320 inlet power entry module, available in standard or medical design formats. the unit provides excellent performance to size characteristics for use in a variety of higher power applications, from industrial equipment and telecoms base stations to test instrumentation and vending machines. high current rating - 16a high performance to size ratio compact and lightweight medical version available iec 950 compliant filter range code l r lcx 1 cy i l (a) (mh) (f) (pf) (ma) f.bn.ab.3330.zj.110 16 2x0.5 0.33 2x2200 2x0.2 f.bn.mb.3330.zj.110 16 2x0.5 0.33 - - electrical specifications rated voltage (v r ): max 250v, 50/60hz rated current (i r ): referred to room temperature = 40? leakage current (i l ): at 250v 50hz, max value voltage test (2 s .): line to ground 3000vdc or 1800vac line to line 1700vdc climatic category: hpf (25/085/21): temperature range: -25? to +85? mechanical specifications manufacture: metal case with built-in power line connector according to iec 60320 & en 60320 connections: iec 60320 - 16a plug (input); 6.3 x 0.8mm (output); ground terminal connected to case. dimensions (mm) and connections circuit diagram insertion loss (typical): asymmetrical (line to ground) ??? symmetrical (line to line) ?330.zj 26 a = standard version m = medical version approvals made in accordance to vde, ul and csa requirements


▲Up To Search▲   

 
Price & Availability of FBNAB3330ZJ110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X