Part Number Hot Search : 
S15L45 9LV16 EM51306 SLA608L IL755B 38502 AP1347FS SB1116A
Product Description
Full Text Search
 

To Download EC2600TTS132000MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator ec26 ceramic 3.3v os30 01/06 ec26 series ? rohs compliant (pb-free)  ceramic smd package  3.3v supply voltage  lvhcmos/ttl output  stability to 20ppm  standby function  available in tube or tape and reel oscillator ec26 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. frequency range operating temperature range storage temperature range supply voltage (v dd ) input current frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise / fall time duty cycle load drive capability tri-state input voltage standby current start up time rms phase jitter -10c to 70c -40c to 85c -40c to 85c -55c to 125c 3.3v dc 10% 10ma maximum 18ma maximum 20ma maximum 40ma maximum 60ma maximum 100ppm maximum 50ppm maximum 25ppm maximum 20ppm maximum 90% of v dd minimum 10% of v dd maximum 5 nseconds maximum 7 nseconds maximum 5 nseconds maximum 3 nseconds maximum 50 10(%) (standard) 50 10(%) (standard) 50 5(%) (optional) 50 5(%) (optional) 10ttl or 30pf hcmos load max. 10ttl or 15pf hcmos load max. 15pf hcmos load maximum enables output enables output disables output: high impedance 10a maximum 10 mseconds maximum 1pseconds maximum 1.544mhz to 125.000mhz and 125.009mhz, 125.009375mhz, 125.010mhz, 127mhz, 128mhz, 130mhz, 132mhz, 133mhz, 133.333mhz, 137.472mhz, 142.850mhz, 150mhz, 155.520mhz and 156.250mhz frequency tolerance/stability options of 100ppm, 50ppm, 25ppm, 20ppm available frequency tolerance/stability options of 100ppm, 50ppm, 25ppm available frequency tolerance/stability option of 20ppm available from 1.544mhz to 106.250mhz 1.544mhz to 32.000mhz 32.000001mhz to 50.000mhz 50.000001mhz to 70.000mhz 70.000001mhz to 125.000mhz 125.009mhz to 156.250mhz inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration w/hcmos or ttl load , i oh = -8ma w/hcmos or ttl load, i ol = +8ma 10% to 90% of waveform w/15pf hcmos load or 0.4v dc to 2.4v dc w/10lsttl load < 35.000mhz 10% to 90% of waveform w/30pf hcmos load or 0.4v dc to 2.4v dc w/10ttl load < 35.000mhz 10% to 90% of waveform w/hcmos load or 0.4v dc to 2.4v dc w/ttl load 35.001mhz to 125.000mhz 10% to 90% of waveform w/hcmos load > 125.009mhz at 50% of waveform w/hcmos load or 1.4v dc w/ttl load < 70.000mhz at 50% of waveform w/hcmos load > 70.000mhz at 50% of waveform w/hcmos load or w/ttl load < 125.000mhz at 50% of waveform w/hcmos load, at 25c, at 3.3vdc > 125.000mhz <35.000mhz 35.000001mhz to 70.000mhz >70.000001mhz no connection v ih : 70% of v dd v il : 30% of v dd disabled output: high impedance 12khz to 20mhz offset frequency h 1.6 l 7.0 w 5.0
manufacturer category series package voltage class rev . date ecliptek corp. oscillator ec26 ceramic 3.3v os30 01/06 ec26 00 et t ts - 40.000m tr frequency tolerance / stability 00=100ppm maximum (standard) 45=50ppm maximum, 25=25ppm maximum 20=20ppm maximum operating temperature range blank=-10c to 70c (standard) et=-40c to 85c packaging options blank=bulk, tr=tape and reel (standard) frequency output control function ts=tri-state duty cycle blank=50 10(%) (standard), t=50 5(%) part numbering guide *compliant to eia 481a mechanical dimensions all dimensions in millimeters tape and reel dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tolerances = 0.1 line 1: ecliptek line 2: xx.xxx m frequency in mhz (5 digits maximum + decimal) line 3: xx y zz week of year last digit of year ecliptek manufacturing identifier 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. pin 1: tri-state pin 2: case ground pin 3: output pin 4: supply voltage m n o p q 1.5 min 50 min 20.2 min 13.2 40 min r s t u v qty/reel 2.5 min 10 min 22.4 max 360 max 16.4+2-0 1,000 reel a b c d e f 16+.3-.1 7.5.1 6.75.1 4 .1 2.1 f g h j k l 8.1 b0* 1.5 +.1-0 a0* .3 .05 k0* tape characteristic specification fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-202, method 213, condition c vibration mil-std-883, method 2007, condition a solderability mil-std-883, method 2002 temperature cycling mil-std-883, method 1010 resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215


▲Up To Search▲   

 
Price & Availability of EC2600TTS132000MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X