Part Number Hot Search : 
D4C0605N TPSMB13 ADM6384 KBP206 T993E SP691A KMOC30 ZL301
Product Description
Full Text Search
 

To Download DMN3200U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMN3200U new prod u c t n-channel enhancement mode field effect transistor features ? low on-resistance ? 90 m @ v gs = 4.5v ? 110 m @ v gs = 2.5v ? 200 m @ v gs = 1.5v ? very low gate threshold voltage ? low input capacitance ? esd protected gate ? fast switching speed ? lead, halogen and antimony free, rohs compliant "green" device (notes 2, 3 and 5) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot-23 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminal connections: see diagram ? terminals: finish ? matte tin annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) sot-23 source gate protection diode gate drain d g s esd protected to 3kv top view e q uivalent circuit top view maximum ratings @t a = 25c unless otherwise specified characteristic symbol value units drain-source voltage v dss 30 v gate-source voltage v gss 8 v drain current (note 1) i d 2.2 a pulsed drain current (note 1) i dm 9 a thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value units total power dissipation (note 1) p d 650 mw thermal resistance, junction to ambient r ja 192 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 4) drain-source breakdown voltage bv dss 30 ? ? v v gs = 0v, i d = 250 a zero gate voltage drain current i dss ? ? 1 a v ds = 30v, v gs = 0v gate-source leakage i gss ? ? 5 a v gs = 8v, v ds = 0v on characteristics (note 4) gate threshold voltage v gs(th) 0.45 ? 1.0 v v ds = v gs , i d = 250 a v gs = 4.5v, i d = 2.2a v gs = 2.5v, i d = 2a static drain-source on-resistance r ds (on) ? 62 70 150 90 110 200 m v gs = 1.5v, i d = 0.67a forward transfer admittance |y fs | ? 5 ? s v ds =5v, i d = 2.2a diode forward voltage (note 4) v sd ? ? 0.9 v v gs = 0v, i s = 1a dynamic characteristics input capacitance c iss ? 290 ? pf output capacitance c oss ? 66 ? pf reverse transfer capacitance c rss ? 35 ? pf v ds = 10v, v gs = 0v f = 1.0mhz notes: 1. device mounted on fr-4 pcb, on minimum recommended pad layout on 2oz. copper pads. 2. no purposefully added lead. halogen and antimony free. 3. short duration pulse test used to minimize self-heating effect. 4. product manufactured with green moldi ng compound and does not contain halogens or sb 2 o 3 fire retardants. product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of DMN3200U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X