Part Number Hot Search : 
1205D M514265 40200 PR3006 11084 VSMF4720 M050A M41T81S
Product Description
Full Text Search
 

To Download DFLR1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds30602 rev. 3 - 2 1 of 3 DFLR1200 / dflr1400 / dflr1600 powerdi is a trademark of diodes incorporated. www.diodes.com  diodes incorporated features maximum ratings and electrical characteristics t a = 25  c unless otherwise specified  qualified to aec-q101 standards for high reliability  ideally suited for automated assembly  green molding compound (no br, sb)  lead free finish, rohs compliant (note 2) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol DFLR1200 dflr1400 dflr1600 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 400 600 v rms reverse voltage v r(rms) 140 280 420 v average rectified output current (see figure 4) i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 25 a forward voltage @ i f = 1.0a v fm 1.1 v peak reverse leakage current @ t a = 25  c at rated dc blocking voltage @ t a = 125  c i rm 3.0 100  a typical total capacitance (f = 1mhz, v r = 4.0vdc) c t 10 pf operating and storage temperature range t j, t stg -65 to +150  c mechanical data new product b a a c e l4 l l1 e h d l3 l2 l powerdi  123 dim min max typ a 3.50 3.90 3.70 b 2.60 3.00 2.80 c 1.63 1.93 1.78 d 0.93 1.00 0.98 e 0.85 1.25 1.00 h 0.15 0.25 0.20 l 0.45 0.85 0.65 l1 ? ? 1.35 l2 ? ? 1.10 l3 ? ? 0.20 l4 0.90 1.30 1.05 all dimensions in mm  case: powerdi  123  case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: cathode band  terminals: finish ? matte tin annealed over copper leadframe. solderable per mil-std-202, method 208  marking & type code information: see last page  ordering information: see last page  weight: 0.01 grams (approx.) notes: 1. device mounted on 1" x 1", fr-4 pcb; 2 oz. cu pad layout as shown on diodes inc. suggested pad layout document a p02001.pdf. 2. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7 . 3. theoretical r  js calculated from the top center of the die straight down to the pcb/cathode tab solder junction. characteristic symbol typ max unit thermal resistance, junction to ambient air (note 1) r  ja 134  c/w thermal resistance, junction to soldering point (note 3) r  js  6 c/w DFLR1200 / dflr1400 / dflr1600 1.0a surface mount glass passivated rectifier powerdi  123 thermal characteristics 4 .com datasheet u
ds30602 rev. 3 - 2 2 of 3 DFLR1200 / dflr1400 / dflr1600 powerdi is a trademark of diodes incorporated. www.diodes.com v , instantaneous forward voltage (v) fig. 1 typical forward characteristics f i , instantane o us f o rward current (ma) f 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1 10 100 1,000 10,000 0 1.8 t=150c a t=-55c a t=25c a t=85c a new product 0 0.0001 0.001 0.01 0.1 1 10 percent of rated peak reverse voltage (% ) fig. 2 typical reverse characteristics 25 50 75 100 t = -65c a t=25c a t=75c a t = 125c a t = 150c a 0.0 0.4 1 . 2 0 25 50 75 100 125 150 i , dc forward current (a) f t , ambient temperature ( c) fi g . 4 dc forward current deratin g a 0.2 0.6 0.8 1.0 note 1 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical total capacitance 0 10 20 0 30 2 4 6 8 10 12 40 f=1mhz 4 .com datasheet u
ds30602 rev. 3 - 2 3 of 3 DFLR1200 / dflr1400 / dflr1600 powerdi is a trademark of diodes incorporated. www.diodes.com new product important notice life support www.diodes.com diodes, inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance- ments, improvements, or other changes. diodes, inc. does not assume any liability arising out of the application or use of any product described herei n; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. the products located on our website at are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of diodes incorporated. date code key fxx = product type marking code (see table above) ym = date code marking y = year (ex: s = 2005) m = month (ex: 9 = september) fxx ym marking information year 2005 2006 2007 2008 2009 code st u vw month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device marking code packaging shipping DFLR1200-7 f12 powerdi  123 3000/tape & reel dflr1400-7 f14 powerdi  123 3000/tape & reel dflr1600-7 f18 powerdi  123 3000/tape & reel ordering information (note 4) 4 .com datasheet u


▲Up To Search▲   

 
Price & Availability of DFLR1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X