Part Number Hot Search : 
HN3C10FE WCB30C2 N360C AOT11N70 2SC17 G9131 S0500 T3906
Product Description
Full Text Search
 

To Download D1U-W-1600-12-HC2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 1 of 7 email: toronto@murata-ps.com www.murata-ps.com www.murata-ps.com selection guide part number power output high line ac power output low line ac main output standby output airfow D1U-W-1600-12-HC2C 1600w 1200w 12v 3.3v back to front d1u-w-1600-12-ha2c 1600w 1200w 12v 5v back to front d1u-w-1600-12-hc1c 1600w 1200w 12v 3.3v front to back d1u-w-1600-12-ha1c 1600w 1200w 12v 5v front to back part number description s1u-3x-16-a-12-rc power shelf for 12v d1u input characteristics parameter conditions min. typ. max. units input voltage operating range low line ac 90 140 vac high line ac 180 264 input frequency 47 50/60 63 hz turn-on input voltage ramp up 78.5 86.5 vac turn-off input voltage ramp down 70.5 78 maximum input current low line ac 90vac 15 arms high line ac 180vac 10 inrush current cold start between 0-1msec 100 apk power factor output load >90% 95% output load >50% 75% output voltage characteristics output voltage parameter conditions min. typ. max. units 12v voltage set point accuracy 12.12 vdc line and load regulation 11.75 12.48 ripple voltage & noise 1 20mhz bandwidth 120 mv p-p output current 0 131.6 a load capacitance 40000 f 3.3vsb voltage set point accuracy 3.3 vdc line and load regulation 3.2 3.4 ripple voltage & noise 1 20mhz bandwidth 33 mv p-p operating range 0 6 a load capacitance 1530 f 5vsb voltage set point accuracy 5 vdc line and load regulation 4.85 5.15 ripple voltage & noise 1 20mhz bandwidth 50 mv p-p operating range 0 4 a load capacitance 1530 f features n rohs compliant n 1600w (220vac), 1200w (110vac) output power n 12v main output, 3.3v or 5v standby output n 1u sized; dimensions 12 x 4.75 x 1.6 n 17.5 watts per cubic inch density n n+1 redundancy capable, including hot-docking n active current sharing on main output n over-voltage, over-current, over-temperature protection n internal cooling fans n i2c bus interface with status indicators n optional 1u x 19 power-shelf product overview the d1u-w-1600 is a 1600 watt, power-factor-corrected (pfc) front-end power supply for hot-swapping redundant systems. the main output is 12v and standby output of either 5v or 3.3v. packaged in 1u low profle, it is designed to deliver reliable bulk power to servers, workstations, storage systems or any 12v distributed power architecture systems requiring high power density. the highly effcient electrical and thermal design with internal cooling fans supports reliable operation conditions. the d1u-w-1600 is designed to auto-recover from over-temperature faults. status information is provided with front panel leds, logic signals and i 2 c management interface. three units can be packaged into an optional 19 1u power shelf to provide up to 4.8kw of power. the s1u-3x is a 1u x 19 eia rack mount power shelf designed for holding three d1u front end power supplies in current sharing applications. it is intended for distributed power architecture applications in the servers, storage networking and data communications markets. there are two lug terminal connections for #2 awg cabling for the dc output. system connection through the i 2 c bus reports the performance status of the power supplies within the power shelf. two power shelves can operate in parallel by an optional shelf-to-shelf cable, doubling the power output to the maximum capability of 9.6kw for two 12v power shelves. 1 ripple and noise are measured with 0.1 uf of ceramic capacitance and 2 x 270 uf of oscon capacitance on each of the power supply outputs. the output noise requirements apply over a 0 hz to 20 mhz bandwidth. a short coaxial cable with 50ohm scope termination is used. see ripple test setup diagram.
d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 2 of 7 email: toronto@murata-ps.com www.murata-ps.com output characteristics parameter conditions min. typ. max. units remote sense 120 mv effciency 220vac 90.6 % output rise monotonicity overshoot less than 10% for all outputs, no voltage negative between 10% to 95% during ramp up start-up time ac ramp up 1.5 s ps_on activated 150 ms transient response 12v ramp 1a/s, 50% load step 600 mv 3.3vsb ramp 1a/s, 50% load step 165 5vsb ramp 1a/s, 50% load step 250 current sharing accuracy (up to 6 in parallel) at 100% load 10 % hot swap transients all outputs within regulation hold-up time max. load, nominal vin 20 ms general characteristics parameter conditions min. typ. max. units storage temperature range non-condensing -40 70 c operating temperature range 0 50 operating humidity non-condensing 10 90 % storage humidity 5 90 shock 30g non operating sinusoidal vibration 0.5g, 5 C 500 hz operating mtbf calculated per bellcore at ta=30 c 200 khrs demonstrated 200 khrs acoustic iso 7779-1999 60 db lpam safety approvals c-csa-us (csa 60950-1-03/ul 60950-1, second edition) tuv approval (bauart) en 60950-1:2001 input fuse power supply has internal 20a/250v fast blow fuse on the ac line input material flammability ul 94v-0 switching frequency 90khz for boost pfc converter 165khz for main output converter 200khz for standby output converter weight 2.1kg protection characteristics output voltage parameter conditions min. typ. max. units over-temperature auto-restart 55 65 c 12v over voltage latching 13 14 v over current latching 145 165 a 3.3vsb over voltage latching 3.57 4.02 v over current latching 6.5 8 a 5vsb over voltage latching 5.6 6 v over current latching 5 7 a isolation characteristics parameter conditions min. typ. max. units insulation safety rating / test voltage input to output - reinforced 3000 vrms input to chassis - basic 1500 vrms isolation output to chassis output to output material flammability ul 94v-0 grounding main output return and standby output return are connected internally. 100k resistor parallel with 100nf capacitor is connected between return and power supply chassis. main output return should be connected to the system chassis.
d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 3 of 7 email: toronto@murata-ps.com www.murata-ps.com control signals status conditions description led off no ac input to all ps flashing yellow power supply failure flashing green main output absent green power supply good i 2 c registers status ps-on, pgood, acok, ps_bad, fanfail, ot warning & shutdown, ac range output fault 12v ov, 12v uv, 12v oc, vsb fail, fan1 fail, fan2 fail 12v output 8 bit scaled output voltage 12v 8 bit scaled output current fan1 monitor 8 bit scaled output current fan2 monitor 8 bit scaled output current emissions and immunity characteristic description criteria harmonics iec/en 61000-3-2 voltage fluctuation and flicker iec/en 61000-3-3 emission conducted fcc 47 cfr parts 15/cispr 22/en55022 class a, 6db margin emission radiated fcc 47 cfr parts 15/cispr 22/en55022 class a, 6db margin esd iec/en 61000-4-2 4kv contact discharge 8kv operational air discharge 15kv non-operational air discharge electromagnetic field iec/en 61000-4-3 electrical fast transients/burst iec/en 61000-4-4 surge iec/en 61000-4-5 1kv/2kv, performance criteria b rf conducted immunity iec/en 61000-4-6 3 vac, 80% am, 1khz, performance criteria a magnetic immunity iec/en 61000-4-8 3 a/m voltage dips, interruptions iec/en 61000-4-11 ripple test setup power suppl y a c p has e load box a c g r ou n d o scillos c ope 20mhz bw bnc to bnc shi elded cable 2x270u f osc o n general notes: 1 . load th e out puts a t specifi e d minimum output curre nt. 2. conn ect the prob e as sho w n w i t h the inp u t tip and g r oun d as short as possi ble. 3. t a ke all m e asurem ents 4 . repe a t the measu r e ments w i th th e outputs a t spec i fi ed m a ximum output current. 0.1uf ce ramic
d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 4 of 7 email: toronto@murata-ps.com www.murata-ps.com output connector and signal specification dc and signal connector: tyco part # 1-6450132-2, or fci powerblade # 51732-021 pin assignment signal name description high level low level i max p1, p2, p7, p8 v out main output voltage p3, p4, p5, p6 v rtn main output voltage, return a1 sense + v out remote sense, positive node input, connected to the +ve load point a2 sense - v out remote sense, negative node input, connected to the -ve load point c5, c6, d5, d6 v_ sb standby voltage output c3, c4, d3, d4 v_ sb return standby voltage, return, tied internally to output return b1 i_share active load sharing bus 0 C 8v -4 ma / +5 ma d1 ac_ok input ac voltage ok signal output (internal pull up is 10k? to vsb) >2.4v (active, ok) <0.4v +4 ma -2 ma d2 p_good power good signal output (internal pull up is 10k? to vsb) >2.4v (active, good) <0.4v +4 ma -2 ma b5 ps_kill floating pin will turn off p/s (shorter pin, last-make and frst-break contact for hot plugging). this signal overrides ps-on in disabling the main output >2.1v (open, or vsb) <0.7v (active, ps:on) n/a b6 ps_present internally tied to vsb return 0 v a6 ps_on internal 1k ohm pull-up to vsb, (accepts open collector/ drain drive), this signal to be pulled low to turn-on power supply >2.1v (open, or vsb) <0.7v (active, ps:on) -4 ma -1 ma a3 i 2 c data i 2 c serial data bus vsb a4 i 2 c clock i 2 c serial clock bus vsb b2 i 2 c adr0 address input 0, internal pull-up to vsb >2.1v, < vsb <0.8v 1 ma b3 i 2 c adr1 address input 1, internal pull-up to vsb >2.1v, 2.1v, d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 5 of 7 email: toronto@murata-ps.com www.murata-ps.com connector to customer system signal connector: molex # 39-28-5204 or tyco # 281282-1 mating connector: molex # 0039521204 pin assignment signal name description high level low level i max 1 ac_ok1 1 input ac voltage ok signal output for the 2nd shelf open drain < 0.7v - 2 ma + 4 ma 2 p_good1 2 power good signal output for the 2nd shelf open drain < 0.7v - 2 ma + 4 ma 3 ps_on1 3 power enable for the 2nd shelf > 2.1v (open, or vsb) < 0.7v (active, ps:on) - 1 ma - 4 ma 4 not used 5 ac_ok0 1 input ac voltage ok signal output for the local shelf open drain < 0.7v - 2 ma + 4 ma 6 p_good0 2 power good signal output for the local shelf open drain < 0.7v - 2 ma + 4 ma 7 ps_ono 3 power enable for the local shelf > 2.1v (open, or vsb) < 0.7v (active, ps:on) - 1 ma - 4 ma 8 not used 9 i 2 c adr2 address input 2 > 2.1v, < vsb < 0.8v 1 ma 10 i 2 c clock 4 i 2 c serial clock bus vsb 11 i 2 c data 4 i 2 c serial data bus vsb 12 i_share 13 sense + 5 14 sense - 5 15 vsb standby voltage output 16 vsb standby voltage output 17 vsb standby voltage output 18 gnd ground 19 gnd ground 20 gnd ground all control signals are with respect to ground. negative currents exit the power supply. 1 signal goes low when any one of the three power supplies loses ac 2 signal goes low when any one of the three power supplies fail 3 in a standalone shelf (without i2c control) pull this pin to gnd to turn on three power supplies at the same time. with i2c control, leave this signal foat and use i2c to turn on one power supply at a time. 4 recomended 10kohm pull up resistor to host 3.3 or 5v rail 5 short sense+ to +vout and sens- to gnd at the point of load shelf to shelf connection signal connector: molex # 39-28-5164 or tyco # 281281-1 pin assignment signal name description high level low level i max 1 ac_ok1 1 input ac voltage ok signal output for the 2nd shelf open drain < 0.7v - 2 ma + 4 ma 2 p_good1 2 power good signal output for the 2nd shelf open drain < 0.7v - 2 ma + 4 ma 3 ps_on1 3 power enable for the 2nd shelf > 2.1v (open, or vsb) < 0.7v (active, ps:on) - 1 ma - 4 ma 4 not used 5 not used 6 i 2 c clock 4 i 2 c serial clock bus vsb 7 i 2 c data 4 i 2 c serial data bus vsb 8 i_share 9 sense + 5 10 sense - 5 11 vsb standby voltage output 12 vsb standby voltage output 13 vsb standby voltage output 14 gnd ground 15 gnd ground 16 gnd ground
d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 6 of 7 email: toronto@murata-ps.com www.murata-ps.com mechanical dimensions - d1u-w-1600-12-hx mechanical dimensions - s1u power shelf dimensions: 12.00l x 4.75 w x 1.6 h (40.7h x 120.6w x 304.90mm) ac input connector: the ac input connector is standard iec320 c20 (20a). (465.00) 18.307 (5.80) 0.228 (31.80) 1.252 (43.40) 1.709 (482.40) 18.992 (404.80) 15.937 (439.80) 17.315 notes: 1. the dc output terminals are of terminal block style that will allow connection using crimp type right-angle lugs accepting up to awg#2 wire, panduit lug lcc2-14awf-q or equivalent is recommended. 2. two m6 studs at 15.88 mm centre spacing are provided for connection to each pole. hardware is provided for fastening the lugs/wires as well as terminal block covers 127,85 0,40 5.033 0.015 [ ] 20,20 0,40 0.795 0.015 [ ] 312,89 0,35 12.318 0.013 [ ] ref 8,89 0.350 [ ] 304,80 0,65 12.000 0.025 [ ] 120,65 0,65 4.750 0.025 [ ] 37,30 0,40 1.468 0.015 [ ] 41,00 0,40 1.614 0.015 [ ] 132,85 0,50 5.230 0.019 [ ] 12,63 0,40 0.497 0.015 [ ]
d1u-w-1600-12-hx series ac/dc front end power supply + s1u power shelf 01 jun 2011 cps_d1u-w-1600-12-hx.c08 page 7 of 7 email: toronto@murata-ps.com murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. specifcations are subject to change without notice. ? 2011 murata power solutions, inc. murata power solutions, inc. 11 cabot boulevard, mansfeld, ma 0204 8 -1151 u.s.a. iso 9001 and 14001 registered www.murata-ps.com/locations s1u pin connectors - back view shelf to shelf connection optional accessories description part number 12v d1u output connector card d1u-12-conc shelf to shelf cable 535-413-1537 application notes document number description acan-27 output connector card acan-29 d1u communication protocol j1 signal connector to customer system j2 to j1 ribbon cable p/n 535-413-1537 ( repeat this connection for additional shelves. ) j2 signal connector for shelf-to-shelf connection use cable p/n 535-413-1537-1 j1 signal connector to customer system 48v+ output gnd gnd 48v+ output pin #1 pin #1 pin #2 pin #2


▲Up To Search▲   

 
Price & Availability of D1U-W-1600-12-HC2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X