Part Number Hot Search : 
FX30K AD602A UC3840J F2N65 FDN361AN 2SC398 91000 104KA
Product Description
Full Text Search
 

To Download CRD512-3V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model input voltage output output range (vdc) voltage (vdc) current (amps) crd512 4.65 - 5.5 12 0.040 crd515 4.65 - 5.5 15 0.033 crd1212 10.90 - 13.2 12 0.040 crd1215 10.90 - 13.2 15 0.033 1 crd series - dual output, 0.5 watt rev. jan 09, 2003 ? industry standard dip package  industry standard pinout  85c case operation  short-circuit protection  5v and 12v inputs  input pi filter  regulated outputs  500v isolation features crd dual-output dc/dc converters offer excellent regulation and isolation in an industry-standard dip package. available in 5v or 12v input versions, the crd is ideal for industrial and edp applications. the crd features short-circuit protection and 500 vdc isolation. please see the crs series for single- output applications. description models dimensions: 1.25? (31.8mm) x 0.80? (20.3mm) x 0.40? (10.2mm) model numbers highlighted in yellow or shaded are not recommended for new designs.
2 option suffix applicable series remarks negative logic n has, hbd, hbs, hes, hls, hld, les, ttl "low" turns module on qbs, qes, qls, tes, tqd ttl "high" turns module off lucent-compatible trim t has, hbd, hbs, hes, hls, qbs, qes, qls trim 1 ias, les enable 2 iad, ias, les, sms trim and enable 3 ias, les pin length and heatsink options standard pin length is 0.180" (4.6mm) 0.110" (2.8mm) pin length 8 all leaded models 0.150" (3.8mm) pin length 9 all leaded models 0.24" (6.1mm) horizontal heatsink 1h all 1/4-bricks, 1/2-bricks, 3/4-bricks, full-bricks includes thermal pad (except hls, hld, qls, tld, and tkd packages) 0.24" (6.1mm) vertical heatsink 1v all 1/4-bricks, 1/2-bricks, 3/4-bricks, full-bricks includes thermal pad (except hls, hld, qls, tld, and tkd packages) 0.45" (11.4mm) horizontal heatsink 2h all 1/4-bricks, 1/2-bricks, 3/4-bricks, full-bricks includes thermal pad (except hls, hld, qls, tld, and tkd packages) 0.45" (11.4mm) vertical heatsink 2v all 1/4-bricks, 1/2-bricks, 3/4-bricks, full-bricks includes thermal pad (except hls, hld, qls, tld, and tkd packages) 0.95" (24.1mm) horizontal heatsink 3h all 1/4-bricks, 1/2-bricks, 3/4-bricks, full-bricks includes thermal pad (except hls, hld, qls, tld, and tkd packages) 0.95" (24.1mm) vertical heatsink 3v all 1/4-bricks, 1/2-bricks, 3/4-bricks, full-bricks includes thermal pad (except hls, hld, qls, tld, and tkd packages) this page is offered as a reference. consult factory for actual availability of options. when ordering equipment options, use the following suffix information. select preferred option(s) and add the suffix to the model number. ordering option examples are located below the options table. example options: hbs050zg-ant3v = hbs050zg-a with negative logic, lucent-compatible trim, and 0.95? vertical heatsink. les015yj-3n = les015yj with optional trim and enable, negative logic. qbs066zg-at8 = qbs066zg-a with lucent-compatible trim and 0.110? pin length. nuclear and medical applications - power-one products are not authorized for use as critical components in life support systems , equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divi sional president of power-one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change dependi ng on the date manufactured. specifications are subject to change without notice. options rev. jan 08, 2003


▲Up To Search▲   

 
Price & Availability of CRD512-3V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X