Part Number Hot Search : 
TLP3567 N3906 16LC62 GBJH1501 35N60C IRF7306 GBJH1501 BZM55C36
Product Description
Full Text Search
 

To Download BM02B-ACHSS-GAN-TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ach connector 1.2mm pitch/disconnectable crimp style connectors emboss tape 3 3 push  ?  ?  ?  ? 1 ? 1 ? connector outline  njo  njo  njo connector outline  ?  ?  ?  njo  njo  njo connector outline  ?  ?  ?  ?  njo  njo  njo  ? <2, 3 circuits> <4 circuits>       model no. applicable wire nn  "8( insulation o.d. (mm) q'ty / reel sach-003g-p0.2 ? ?   ? material and finish copper alloy, nickel-undercoated, gold-plated $poubdu $sjnqjoh nbdijof ap-k2n mks-l-10-3 yy?yy mk/sach-003-02 ? "qqmjdbups $sjnqbqqmjdbups %jft aplmk sach003-02 ? $sjnqbqqmjdbupsxjuiejft sach-003g-p0.2 12 this ach connector is compact and low profile type, height: 1.4mm and width 4.3mm,1.2mm pitch wire-to-board connector. specifications ?current rating: 2a/1 to 3 circuits ac, dc (awg #28) 1.5a/4 circuits ac, dc (awg #28) ?voltage rating: 50v ac, dc ?temperature range: - 25?c to + 85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/10m max. after environmental testing/20m max. ?insulation resistance: 100m min. ?withstanding voltage: 500v ac/minute ?applicable wire: conductor size/awg #30 to #28 insulation o.d./0.5 to 0.63mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 contact rohs compliance pc board layout (viewed from component side) and assembly layout note: 1. tolerances are non-cumulative: 0.05mm for all centers. note: 2. the dimensions above should serve as a guideline. contact jst for details. ?top entry but side feed type ?connector for dc power supply ?corresponding to sucking nozzle of pick and place machine 1.4 4.3
13 ach connector circuits model no. dimensions (mm) ab q'ty / bag 1 2 3 4 achr-01v-a-s achr-02v-s achr-03v-s achr-04v-a-s  1.2 2.4 3.6 1.6 2.6 3.8 5.0 2,000 1,000 1,000 1,000 material pbt, ul94v-0, natural (white) 4 push 3 push # "     # "     circuit no.1 mark circuit no.1 mark #   circuits model no. dimensions (mm) ab q'ty / reel 1 2 3 4 bm01b-achss-a-gan-etf BM02B-ACHSS-GAN-TF bm03b-achss-gan-tf bm04b-achss-a-gan-tf  1.2 2.4 3.6 3.2 4.2 5.4 6.6 4,500 4,500 4,500 4,500 material and finish contact: copper alloy, nickel-undercoated, gold-plated (nickel-stripe) housing: heat resisting resin, ul94v-0, natural (ivory) solder tab: copper alloy, copper-undercoated, tin-plated (reflow treatment) 4 3 # "     # "     circuit no.1 mark circuit no.1 mark   #  <2, 3 circuits> <4 circuits> <2, 3 circuits> <4 circuits> housing rohs compliance as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. achr-02v-00 - s?atural (white) k?lack shrouded header rohs compliance this product displays (lf)(sn) on a label. as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. bm02b-achs s-gan-tf - s?atural (ivory) k?lack


▲Up To Search▲   

 
Price & Availability of BM02B-ACHSS-GAN-TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X