Part Number Hot Search : 
32M50 A12BB S5KC20 2N7002F H393P 07108GOA BA159G H22B1
Product Description
Full Text Search
 

To Download ASFLV-FREQ-C-N100-S-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: inch (mm) marking: - tuh : frequency (t= first " ten " digit of freq; u = first " unit " of freq; h = first " tenth " of freq; ex: 100 for 10.0 mhz) - azyx : (z: month a to l; y: year 4 for 2004; x: traceability code) frequency range operating temperature storage temperature overall frequency stability supply voltage (vdd) supply current (idd) symmetry rise and fall time (tr/tf) output load output voltage transfer function voltage control linearity start-up time aging at 25c/year phase jitter rms pullability : preliminary abracon is a b r a c o n i s iso 9001 / qs 9000 i s o 9 0 0 1 / q s 9 0 0 0 certified c e r t i f i e d abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com 3.3vdc hcmos smd vcxo crystal clock oscillator 3 . 3 v d c h c m o s s m d v c x o c r y s t a l c l o c k o s c i l l a t o r 3.3vdc hcmos smd vcxo crystal clock oscillator ||||||||||||||| asflv series standard specifications: *rohs compliant options and part identification (left blank if standard) : outline drawing: temperature options: l for -40c to +85c pullability options: n100 for 100ppm n150 for 150ppm overall frequency stability options: r for 25 ppm max. c for 50 ppm max. asflv - frequency - temperature - overall frequency stability - duty cycle - packaging symmetry option: - s for 50% at 55 % packaging option: t for tape and reel (1,000pcs/reel) rev1.1-9/05 applications: ? ccd clock for vtr camera  computers and peripherals  portable electronics features:  pb-free/rohs compliant  smallest industry package  tri state function  suitable for high density smt. reflow capable  hermetically sealed parameters 1.500 mhz to 50 mhz -10c to + 70c (see options) - 50c to + 100c 100 ppm max. (see options) 3.3vdc 10% (see options) 8ma max for 1.5 ~ 19.9mhz 15ma max for 20.0 ~ 40.0mhz 22ma max for 40.1 ~ 50.0mhz 50% 10 (see options) 5ns max 15 pf (hcmos) voh = 0.9* vdd min. vol = 0.1* vdd max. positive 0.3 to 3.0v < 150ppm frequency deviation: 10% max.; 6% typical. > 150ppm frequency deviation: 20% max.; 15% typical. 5ms max for 1.5 ~ 32mhz 10ms max for f > 32mhz 5ppm @ 25c 10ps typical 50ppm (see options) 5.0 x 3.2 x 1.2mm pin 1 2 3 4 function voltage control ground output vdd


▲Up To Search▲   

 
Price & Availability of ASFLV-FREQ-C-N100-S-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X