Part Number Hot Search : 
016M96RC MVR32 00101 LC75412E MAX23 D1211 JHD404A 14121
Product Description
Full Text Search
 

To Download AF9435PSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  af9435p p-channel enhan cement mode power mosfet this datasheet contains new product information. anachip corp. re serves the rights to modify the product specification without notice. no liability is assumed as a result of the use of this product. no rights under any patent accompany the sale of the product. rev. 1.2 aug 23, 2005 1/5 ? features - simple drive requirement - low gate charge - fast switching speed ? product summary bv dss (v) r ds(on) (m ? ) i d (a) -30 50 -5.3 ? pin assignments so-8 5 6 7 8 4 3 2 1 d d d d s s s g ? general description the advanced power mosfet provides the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. ? pin descriptions pin name description s source g gate d drain ? ordering information a x 9435p x x x pn package feature f :mosfet s: so-8 lead free blank : normal l : lead free package packing blank : tube or bulk a : tape & reel
af9435p p-channel enhan cement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.2 au g 23, 2005 2/5 ? absolute maxi mum ratings symbol parameter rating units v ds drain-source voltage -30 v v gs gate-source voltage 20 v t a =25oc -5.3 i d continuous drain current (note 1) t a =70oc -4.7 a i dm pulsed drain current (note 2) -20 a total power dissipation 2.5 w p d linear derating factor t a =25oc 0.02 w/oc t stg storage temperature range -55 to 150 oc t j operating junction temperature range -55 to 150 oc ? thermal resistance ratings symbol parameter maximum units rthj-amb thermal resistance junction-ambient (note 1) max. 50 oc/w ? electrical characteristics at t j =25oc unless otherwise specified symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v ? bv dss / ? t j breakdown voltage temperature coefficient reference to 25 o c, i d =-1ma - -0.04 - v/ o c v gs =-10v, i d =-5.3a - - 50 r ds(on) static drain-source on-resistance (note 3) v gs =-4.5v, i d =-4.2a - - 90 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-5.3a - 10 - s drain-source leakage current (t j =25 o c) v ds =-30v, v gs =0v - - -1 i dss drain-source leakage current (t j =70 o c) v ds =-24v, v gs =0v - - -25 ua i gss gate-source leakage v gs =20v - - 100 na q g total gate charge (note 3) - 9 15 q gs gate-source charge - 3 - q gd gate-drain (?miller?) charge i d =-5.3a, v ds =-24v, v gs =-4.5v - 5 - nc t d(on) turn-on delay time (note 3) - 11 - t r rise time - 8 - t d(off) turn-off delay time - 25 - t f fall-time v ds =-15v, i d =-1a, r g =6 ? , v gs =-10v r d =15 ? - 17 - ns c iss input capacitance - 507 810 c oss output capacitance - 222 - c rss reverse transfer capacitance v gs =0v, v ds =-15v, f=1.0mhz - 158 - pf ? source-drain diode symbol parameter test conditions min. typ. max. unit v sd forward on voltage (note 3) i s =-2.6a, v gs =0v - - -1.2 v t rr reverse recovery time (note 3) - 29 - ns q rr reverse recovery charge i s =-5.3a, v gs =0v, dl/dt=100a/s - 20 - nc note 1: surface mounted on 1 in 2 copper pad of fr4 board; 125 o c/w when mounted on min. copper pad. note 2: pulse width limited by max. junction temperature. note 3: pulse width 300us, duty cycle 2%.
af9435p p-channel enhan cement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.2 au g 23, 2005 3/5 ? typical performance characteristics
af9435p p-channel enhan cement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.2 au g 23, 2005 4/5 ? typical performance charact eristics (c ontinued)
af9435p p-channel enhan cement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.2 au g 23, 2005 5/5 ? marking information so-8 ( top view ) 1 8 9 4 3 5 p aa y w x year code: part number lot code: week code: factory code "a~z": 01~26; "a ~z ": 27~52 "4" =2004 ~ "a~z": 01~26; "a ~z ": 27~52 "x": non-lead free; "x": lead free logo ? package information package type: so-8 l c detail a e e1 a a1 d 8 765 1 234 e b detail a 1. all dimensions are in millimeters. 2. dimension does not include mold protrusions. dimensions in millimeters symbol min. nom. max. a 1.35 1.55 1.75 a1 0.10 0.18 0.25 b 0.33 0.41 0.51 c 0.19 0.22 0.25 d 4.80 4.90 5.00 e 5.80 6.15 6.50 e1 3.80 3.90 4.00 l 0.38 0.71 1.27 0 o 4 o 8 o e 1.27 typ.


▲Up To Search▲   

 
Price & Availability of AF9435PSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X