Part Number Hot Search : 
PSD5016 130A0 LV138 DIN8140 RA121 LBT20005 2SK35 SSF4004
Product Description
Full Text Search
 

To Download ACTHC49USCUSTOM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20.000 ~ 100.00 40 bt fund 24.000 ~ 85.00 note 1 issue : 11 c1f-h3 date: 20-03-2013 in line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice customer to specify : frequency, frequency tolerance, temperature stability, operating temperature range, load capacitance please note that all parameters can not necessarily be specified in the same device 70 at fund 35 at fund please specify. for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berkshire, rg41 2ey, uk http://www.actcrystals.com iso9001:2000 registered at fund 8.000 ~ 9.999 10.00 ~ 11.999 some frequencies below 8.00mhz and above 30mhz (fundamental) and 3rd o/t may not be available please enquire. 60 at fund 100 3rd ot at fund at fund at fund at fund 14.000 ~ 16.999 50 6.000 ~ 7.999 17.000 ~ 37.50 100 180 130 90 5ppm per year max @25c mode frequency fa (mhz) max (mhz) max 4.500 ~ 5.999 tc symbol 3.00 ~ 100.00mhz fo ? f/fo specification aging 3.000 ~ 4.199 frequency frequency range frequency tol. @25c stability over temp range equivalent series resistance insulation resistance load capacitance shunt capacitance esr ( ? ) esr ( ? ) 4.200 ~ 4.499 5 ~ 100ppm -10 to +60c -40 ~ +85c cl 8 ~ 55pf or sr topr drive level tstg esr 500m ? min 60 @100vdc at fund 12.000 ~13.999 mode others available please specify ir tel : 0044 (0)118 979 1238 fax : 0044 (0)118 979 1283 email : info@actcrystals.com please specify the act hc49/us is a family of robust, through hole crystals featuring high reliability, tight stability and standard temperature range with extended temperature ranges also available. applications include computers, modems, networking, telecomms, industrial, consumer electronics, instrumentation and many more. act hc49/us ( custom packages ) specification parameter 5 ~ 100ppm condition fundamental & 3rd overtone others available please specify see table below 7pfmax please specify 50 w typ please refer to note 1 6.5539 10.752 19.6608 33.000 dependant on temperature others available please specify c0 temp operating range temp storage range dl 32.768 66.666667 7.15909 11.0592 20.00014 33.868 6.750 11.000 20.0000 33.333 6.144 10.245 18.000 6.176 10.592 18.432 35.2512 3.579545 7.3728 11.2896 6.000 10.244 16.660 40.000 4.000 8.000 12.288 22.1184 33.868 3.686400 7.680 12.000 24.000 4.096 8.604 14.31818 24.576 4.032 8.192 12.800 25.000 4.9152 9.8304 16.000 4.194304 8.6436 14.7456 standard frequencies (mhz) 5.0688 10.240 16.384 5.000 10.000 29.000 29.4912 4.433619 9.600 36.000 60.000 30.000 50.000 52.416 32.256 56.448 46.000 42.500 28.63636 16.000312 28.000 42.000 45.000 26.800 40.320 40.960 15.000 27.000
tel : 0044 (0)118 979 1238 fax : 0044 (0)118 979 1283 email : info@actcrystals.com package options available with insulating washer. cropped leads. with centre ground lead. ammo pack* tape and reel (production facility code h3 only)* * not recommended for new builds. issue : 11 c1f-h3 date: 20-03-2013 act hc49/us ( custom packages ) http://www.actcrystals.com 3 the business centre, molly millars lane, wokingham, berkshire, rg41 2ey, uk in line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice iso9001:2000 registered for quotations or further information please contact us at:
example : ae 1 2 0 0 i k g l - pf (hc49/us) (12.000mhz ) (30ppm) (30ppm) (-20+70) (loose ) (rohs) a 5 std e 10 a 3rd o/t f 15 f fundamental - pf g 20 e -10+60 bo 6 i 30 std g -20+70 std go 8 l 50 m -40+85 jo 9 others available others available ko 10 packaging mo 11 l = loose std oo 12 c =1k t&r note5 zo 14 y = 1k ammo note6 b 5 po 15 f 10 ro 16 g 15 to 18 i 20 vo 20 j 25 aa 24 k 30 std ba 25 o 50 da 30 others available fa 33 ja 50 sr sr others available notes : 1) 2) 3) 4) 5) not recommended for new builds, tape and reel limited to either production facility h3 or the hc49us (standard) series. issue : 11 c1f-h3 date: 20-03-2013 iso9001 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berkshire, rg41 2ey, united kingdom http:www.actcrystals.com nb: please refer to note 1 re availability. it is important to suffix the above p/no with the full frequency required to give a complete p/no as illustrated below full example part number ae1200ikgrofl-pf 12.00mhz frequencies below 10.000mhz are prefixed with a "0" (eg: 0800mhz = 8mhz.whereas 10.000mhz is 1000 ) table 2 above shows the range of available stabilities vs operating temperatures. tighter tolerances and stabilities, other operating temperature ranges and cl's may be available on custom devices. some frequencies below 8.00mhz and above 30mhz (fundamental) and 3rd o/t may not be available as specification parameters impact on each other, it is not always possible to combine all options in one device. therefore, if a specification not catered for or has a frequency within the bands noted above please enquire regarding availability. act are always happy to consider truly custom specification parts which may require non-standard specification parameters, specific testing, customer requested aql requirements, non standard packaging or taping and reeling and custom marking. such devices would normally be allocated a custom specification part number which is wholly customer specific. ( moq dependent ) ( eg : a 12.00mhz custom acthc49/us with a cropped lead device requested may have a part number such as ae1200c- c1246-pf) mode rohs comp' examples 0983 = 9.8304mhz 1200 = 12.000mhz stability over operating temperature (oc) 9999 = 99.9999mhz 10000 = 100.00mhz series : acthc49/us ( custom) device series codes jo /bh /ro /ay /ae / an ro f (16pf) (fund') frequency tolerance (pm) @ 25oc to 99.9999mhz 1st four digits of frequency & >99.9999mhz 1st five digits of frequency operating temperature range (oc) load capacitance ( pf or series r) device height codes jo = 3 . 5 mm bh = 2 . 5 mm cropped lead ro = 2 . 6 mm ae = 3 . 5 mm high - cropped lead to 7 mm an = 3 . 5 mm high - cropped lead to 4 mm xd = 3 . 5 mm high - cropped lead to 3 . 5 mm variant codes ay = 3 . 5 mm high 3 pin ag = 4 . 0 mm high 3 pin nb: above device heights are all ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? stability temp commodity code 854160 00 00


▲Up To Search▲   

 
Price & Availability of ACTHC49USCUSTOM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X