Part Number Hot Search : 
62048L MBT555 FPF2310 11200 MTZJ11B C229K LM324L ZXLD1370
Product Description
Full Text Search
 

To Download ABMM3-50000MHZ-S-R50-Y-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | abmm3 applications: features: 6 . 0 x 3 . 5 x 1 . 3 m m abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified standard specifications: ? superior heat-resistant glass sealing ? low in height - for thin equipment ? ir reflow capable ? 4 pins package with ceramic lid ? computers, modems, microprocessors ? communication, test equipment ? pcmcia ? pda options & part identification: (left blank if standard) table 1 esr ( ? ? ) 80 60 50 frequency (mhz) 8.000 - 9.999 (fund) 10.000 - 15.99 (fund) 16.000 - 50.000 (fund) 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 12.03.09 visit www.abracon.com for terms & conditions of sale blan k bulk e 0oc to +70oc t tape & reel b -20oc to +0oc c -30oc to +70oc n -30oc to +85oc d -40oc to +85oc x 20 ppm w 25 ppm y 30 ppm h 35 ppm 2 20 pp m z 100 ppm 3 25 ppm 4 30 ppm abmm3 - frequency - - r - - - - frequency freq. tolerance xx.xxxx mhz load capacitance packaging freq. stability esr temp. range o c rxxx (value in ) rohs compliant pb in glass (e x empt per rohs 2002/95/ec annex (5)) frequency t olerance at 25c frequency stability over the o p erating temp. (ref to +25c) p arameters 50 ppm max. (see options) frequency range abracon p/n abmm3 series operating t emperature storage t emperature - 40c to + 90c - 10c to + 60c (see options) 50 ppm max. (see options) equivalent series resistance shunt capacitance c 0 load capacitance c l drive level aging at 25c first year insulation resistance see t able 1 18pf (see options) 100 w max. 500mohms min at 100vdc 15v 7pf max. 5ppm max. ce ra m i c surfa ce mo unt l o w pr o fil e m i c r o pr oce ss o r c rysta l 8.00mhz to 50.00mhz (fundamental) consult with abracon for cl value under 8pf. please specify cl in pf or s for series (8 to 33pf)
| | | | | | | | | | | | | | | abmm3 6 . 0 x 3 . 5 x 1 . 3 m m abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified outline dimensions: 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 12.03.09 visit www.abracon.com for terms & conditions of sale rohs compliant pb in glass (e x empt per rohs 2002/95/ec annex (5)) ce ra m i c surfa ce mo unt l o w pr o fil e m i c r o pr oce ss o r c rysta l tape & reel: (1,000pcs/reel) dimensions: inch(mm) dimensions: mm reflow profile: note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d .


▲Up To Search▲   

 
Price & Availability of ABMM3-50000MHZ-S-R50-Y-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X