Part Number Hot Search : 
3WABC ACHIPS LU9343 3WABC SM5902AF AG32C5 C4556C TCA530
Product Description
Full Text Search
 

To Download 9994480000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 1 - general ordering data order no. 1716060000 part designation lm5.08/2/135 sw version pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 2, 135, box ean 4008190365356 qty. 500 pc(s). system parameters product family system lm conductor connection system clamping yoke connection fitted to pcb soldered connection outgoing direction of conductor 135 pitch 5.08 mm pitch in inch 0.2 inch no. of poles 2 fitted by customer yes max. adjacent poles per row 24 no. of rows 1 solder pin length 3.5 mm dia. of fitting hole 1.3 mm fitting hole tolerance + 0.1 mm no. of solder pins per pole 1
product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 2 - system parameters screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 tightening torque, min. 0.4 nm tightening torque, max. 0.5 nm clamping screw m 2.5 stripping length 6 mm l1 in mm 5.08 mm l1 in inch 0.2 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material wemid (pa) colour black colour chart similar to ral 9011 insulating material group i flammability class ul 94 v-0 cti >= 600 temperature of glow-wire test 750 c duration of glow-wire test 30 s contact base material copper alloy contact surface tinned storage temperature, min. -25 c storage temperature, max. 55 c connectable conductors clamping range, min. 0.2 mm2 clamping range, max. 2.5 mm2 awg, min. 24 awg, max. 14 o.d. of conductor insulation, max. 2.9 mm solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.25 mm2 with wire end ferrule, acc. to din 46 228/1, max. 1.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.25 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 1.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm; 1.9mm din iec rating data rated current, min. no. pins (tu=20c) 17.5 a rated current, max. no. pins (tu=20c) 16 a rated current, min. no. pins(tu=40c) 17.5 a rated current, max. no. pins (tu=40c) 14.2 a rated voltage for overvoltage class/pollution severity ii/2 630 v rated voltage for overvoltage class/pollution severity iii/2 320 v
product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 3 - din iec rating data rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage, user group d 300 v rated current, user group d 10 a awg conductor (field wiring), min. 24 awg conductor (field wiring), max. 14 ul 1059 rating data rated voltage, user group d 300 v rated current, user group d 10 a awg conductor, min. 24 awg conductor, max. 14 approvals approvals institutes downloads cad library (p-cad format - standard) lm.lib classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 nk eclass 5.0 nk eclass 5.1 nk
product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 4 - similar products order no. part designation version 1716120000 lm5.08/2/135 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 2, 135, box 1915440000 lm 5.08/2/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 2, 135, box 1716180000 lm5.08/2/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 2, 135, box 1716130000 lm5.08/3/135 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 3, 135, box 1716070000 lm5.08/3/135 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 3, 135, box 1915460000 lm 5.08/3/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 3, 135, box 1716190000 lm5.08/3/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 3, 135, box 9994550000 lm5.08/4/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 4, 135, box 9994340000 lm5.08/4/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 4, 135, box 1915490000 lm 5.08/4/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 4, 135, box 1915350000 lm5.08/4/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 4, 135, box 9994560000 lm5.08/5/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 5, 135, box 9994350000 lm5.08/5/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 5, 135, box 1915530000 lm 5.08/5/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 5, 135, box 1915360000 lm5.08/5/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 5, 135, box 9994570000 lm5.08/6/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 6, 135, box
product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 5 - 9994360000 lm5.08/6/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 6, 135, box 1915540000 lm 5.08/6/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 6, 135, box 1915370000 lm5.08/6/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 6, 135, box 9994580000 lm5.08/7/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 7, 135, box 9994370000 lm5.08/7/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 7, 135, box 1915550000 lm 5.08/7/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 7, 135, box 1915380000 lm5.08/7/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 7, 135, box 9994590000 lm5.08/8/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 8, 135, box 9994380000 lm5.08/8/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 8, 135, box 1915560000 lm 5.08/8/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 8, 135, box 1915390000 lm5.08/8/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 8, 135, box 9994600000 lm5.08/9/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 9, 135, box 9994390000 lm5.08/9/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 9, 135, box 1915570000 lm 5.08/9/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 9, 135, box 1915400000 lm5.08/9/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 9, 135, box 9994610000 lm5.08/10/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 10, 135, box 9994400000 lm5.08/10/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 10, 135, box
product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 6 - 1915580000 lm 5.08/10/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 10, 135, box 1915410000 lm5.08/10/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 10, 135, box 9994620000 lm5.08/11/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 11, 135, box 9994410000 lm5.08/11/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 11, 135, box 1915590000 lm 5.08/11/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 11, 135, box 1915420000 lm5.08/11/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 11, 135, box 9994630000 lm5.08/12/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 12, 135, box 9994420000 lm5.08/12/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 12, 135, box 1915600000 lm 5.08/12/135 gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 12, 135, box 1915430000 lm5.08/12/135 gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 12, 135, box 9994640000 lm5.08/13/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 13, 135, box 9994430000 lm5.08/13/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 13, 135, box 9994650000 lm5.08/14/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 14, 135, box 9994440000 lm5.08/14/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 14, 135, box 9994660000 lm5.08/15/135 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 15, 135, box 9994450000 lm5.08/15/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 15, 135, box 9994670000 lm5.08/16/135 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 16, 135, box
product catalogue | pcb components and housings for electronics | pcb terminals | clamping yoke connection | lm 5.00 / 5.08 | lm 5.08/135 - 7 - 9994460000 lm5.08/16/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 16, 135, box 9994680000 lm5.08/17/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 17, 135, box 9994470000 lm5.08/17/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 17, 135, box 9994690000 lm5.08/18/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 18, 135, box 9994480000 lm5.08/18/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 18, 135, box 9994700000 lm5.08/19/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 19, 135, box 9994490000 lm5.08/19/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 19, 135, box 9994720000 lm5.08/21/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 21, 135, box 9994510000 lm5.08/21/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 21, 135, box 9994710000 lm5.08/20/135 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 20, 135, box 9994500000 lm5.08/20/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 20, 135, box 9994730000 lm5.08/22/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 22, 135, box 9994520000 lm5.08/22/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 22, 135, box 9994740000 lm5.08/23/135 3.5or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 23, 135, box 9994530000 lm5.08/23/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 23, 135, box 9994750000 lm5.08/24/135 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 24, 135, box 9994540000 lm5.08/24/135 3.5 sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 24, 135, box


▲Up To Search▲   

 
Price & Availability of 9994480000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X