Part Number Hot Search : 
AO442 FR204 BCX5610 FR204 SA5901 LT8714 S3V39 21000
Product Description
Full Text Search
 

To Download 5KP50AHE3-54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5kp5.0a thru 5kp188a www.vishay.com vishay general semiconductor revision: 20-nov-12 1 document number: 88308 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 t rans z orb ? transient voltage suppressors features ? p600 glass passiva ted chip junction ? available in uni-directional polarity only ? 5000 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automo tive, and telecommunication. mechanical data case: molded epoxy body over passivated junction molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compliant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) measured 8.3 ms single half sine-wave or equivale nt square wave, duty cycle = 4 pulses per minute maximum primary characteristics v wm 5.0 v to 188 v v br 6.4 v to 231 v p ppm 5000 w p d 8.0 w i fsm 500 a t j max. 175 c polarity uni-directional package p600 p600 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol limit unit peak pulse power di ssipation with a 10 /1000 s waveform (1) p ppm 5000 w peak pulse current with a 10/1000 s waveform (1) i ppm see next table a power dissipation on infinite heatsink at t l = 75 c (fig. 5) p d 8.0 w peak forward surge current 8.3 ms single half sine-wave (fig. 5) i fsm 600 a instantaneous forward voltage at 100 a (2) v f 3.5 v operating junction and storage temperature range t j , t stg - 55 to + 175 c
5kp5.0a thru 5kp188a www.vishay.com vishay general semiconductor revision: 20-nov-12 2 document number: 88308 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: t p ? 50 ms (2) surge current waveform per fig. 3 and derate per fig. 2 (3) all terms and symbols are consis tent with ansi/ieee ca62.35 electrical characteristics (jedec registered data) (t a = 25 c unless otherwise noted) device type breakdown voltage v br at i t (1) (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temp. coefficient of v br (%/c) min. max. 5kp5.0a 6.4 7.00 50 5.0 2000 543 9.20 0.057 5kp6.0a 6.67 7.37 50 6.0 5000 485 10.3 0.061 5kp6.5a 7.22 7.98 50 6.5 2000 446 11.2 0.065 5kp7.0a 7.78 8.60 50 7.0 1000 417 12.0 0.068 5kp7.5a 8.33 9.21 5.0 7.5 250 388 12.9 0.073 5kp8.0a 8.89 9.83 5.0 8.0 150 368 13.6 0.075 5kp8.5a 9.44 10.4 5.0 8.5 50 347 14.4 0.078 5kp9.0a 10.0 11.1 5.0 9.0 20 325 15.4 0.081 5kp10a 11.1 12.3 5.0 10.0 15 294 17.0 0.084 5kp11a 12.2 13.5 5.0 11.0 10 275 18.2 0.086 5kp12a 13.3 14.7 5.0 12.0 5.0 251 19.9 0.088 5kp13a 14.4 15.9 5.0 13.0 2.0 233 21.5 0.090 5kp14a 15.6 17.2 5.0 14.0 2.0 216 23.2 0.092 5kp15a 16.7 18.5 5.0 15.0 2.0 205 24.4 0.094 5kp16a 17.8 19.7 5.0 16.0 2.0 192 26.0 0.096 5kp17a 18.9 20.9 5.0 17.0 2.0 181 27.6 0.097 5kp18a 20.0 22.1 5.0 18.0 2.0 171 29.2 0.098 5kp20a 22.2 24.5 5.0 20.0 2.0 154 32.4 0.099 5kp22a 24.4 26.9 5.0 22.0 2.0 141 35.5 0.100 5kp24a 26.7 29.5 5.0 24.0 2.0 129 38.9 0.101 5kp26a 28.9 31.9 5.0 26.0 2.0 119 42.1 0.101 5kp26a 28.9 31.9 5.0 26.0 2.0 119 42.1 0.101 5kp28a 31.1 34.4 5.0 28.0 2.0 110 45.4 0.102 5kp30a 33.3 36.8 5.0 30.0 2.0 103 48.4 0.103 5kp33a 36.7 40.6 5.0 33.0 2.0 93.8 53.3 0.104 5kp36a 40.0 44.2 5.0 36.0 2.0 86.1 58.1 0.104 5kp40a 44.4 49.1 5.0 40.0 2.0 77.5 64.5 0.105 5kp43a 47.8 52.8 5.0 43.0 2.0 72.0 69.4 0.105 5kp45a 50.0 55.3 5.0 45.0 2.0 68.8 72.7 0.106 5kp48a 53.3 58.9 5.0 48.0 2.0 64.6 77.4 0.106 5kp51a 56.7 62.7 5.0 51.0 2.0 60.7 82.4 0.107 5kp54a 60.0 66.3 5.0 54.0 2.0 57.4 87.1 0.107 5kp58a 64.4 71.2 5.0 58.0 2.0 53.4 94 0.107 5kp60a 66.7 73.7 5.0 60.0 2.0 51.7 97.0 0.108 5kp64a 71.1 78.6 5.0 64.0 2.0 48.5 103 0.108 5kp70a 77.8 86.0 5.0 70.0 2.0 44.2 113 0.108 5kp75a 83.3 92.1 5.0 75.0 2.0 41.3 121 0.108 5kp78a 86.7 95.8 5.0 78.0 2.0 39.7 126 0.108 5kp85a 94.4 104 5.0 85.0 2.0 36.5 137 0.110 5kp90a 100 111 5.0 90.0 2.0 34.2 146 0.110 5kp100a 111 123 5.0 100 2.0 30.9 162 0.110 5kp110a 122 135 5.0 110 2.0 28.2 177 0.112 5kp120a 133 147 5.0 120 2.0 25.9 193 0.112 5kp130a 144 159 5.0 130 2.0 23.9 209 0.112 5kp150a 167 185 5.0 150 2.0 20.6 243 0.112 5kp160a 178 197 5.0 160 2.0 19.3 259 0.112 5kp170a 189 209 5.0 170 2.0 18.2 275 0.112 5kp188a 209 231 5.0 188 2.0 15.2 328 0.112
5kp5.0a thru 5kp188a www.vishay.com vishay general semiconductor revision: 20-nov-12 3 document number: 88308 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature fig. 3 - pulse waveform fig. 4 - typical junction capacitance ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode 5kp5.0a-e3/54 2.776 54 800 13" diameter paper tape and reel 5kp5.0ahe3/54 (1) 2.776 54 800 13" diameter paper tape and reel 0.1 s 1.0 s 10 s 100 s 1 ms 10 ms 0.1 1.0 10 100 n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c p ppm - peak p u lse po w er (k w ) t d - p u lse w idth 100 75 50 25 0 0 25 50 75 100 125 150 175 200 peak p u lse p o w er (p pp ) or c u rrent (i pp ) derating in percentage, % t j - initial temperat u re (c) 0 50 100 150 t r = 10 s peak val u e i ppm half val u e - i ppm i pp 2 t d 10/1000 s w a v eform as defined b y r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 1 10 100 200 100 1000 10 000 100 000 c j - j u nction capacitance (pf) v w m - re v erse stand-off voltage (v) meas u red at zero bias meas u red at stand-off voltage v w m t j = 25 c f = 1.0 mhz v sig = 50 mvp-p
5kp5.0a thru 5kp188a www.vishay.com vishay general semiconductor revision: 20-nov-12 4 document number: 88308 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - power derating curve fig. 6 - maximum non-repetitive forward surge current package outline dimensions in inches (millimeters) application notes the 5kp series of high power transient voltage suppressors were designed to be used on the output of switching power supplies. these devices may be used to replace crowbar circuits. both the 5 % and 10 % voltage tolerances are referenced to the power su pply output voltage level. they are able to withstand high levels of peak current while allowing a circuit breaker to trip or a fuse blow before shorting. this will enable the user to reset the breaker or replace the fuse and continue operation. for this type operation, it is recommended that a sufficient mounting surface be used for dissipatin g the heat generated by the transient voltage suppressor during the transient or over-voltage condition. l = 0.375" (9.5 mm) lead lengths p d - po w er dissipation ( w ) t l - lead temperat u re (c) 60 hz resisti v e or ind u cti v e load 8 6 4 2 0 0 25 50 75 100 125 150 175 200 1 10 100 200 300 400 500 450 350 250 8.3 ms single half sine- w a v e nu m b er of cycles at 60 hz i fsm - peak for w ard s u rge c u rrent (a) 0.052 (1.32) 0.048 (1.22) 0.360 (9.1) 0.340 (8.6) dia. 1.0 (25.4) mi n . 0.360 (9.1) 0.340 (8.6) 1.0 (25.4) mi n . p600
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 5KP50AHE3-54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X