Part Number Hot Search : 
MAX5066 NDT01N60 I74F138D LT348 AAO20 0DX103J9 U21008 SN744
Product Description
Full Text Search
 

To Download 57070801312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   power entry modules with line filter 5707 www.schurter.com/pg0 6 emc products iec appliance inlet c14 or c18 with filter, protection degree ip65, fuseholder 1- or 2-pole, front or rear mounting mounting from front side mounting from rear side medical fuse drawer c14 70 c c18 70 c description - panel mount: screw-on version from front or rear side, screws with sealing are inclu - ded - 4 functions: appliance inlet protection class i or ii, line filter in standard and medi - cal version, fuseholder for fuse-links 5 x 20 mm, ip 65 protection - quick connect terminals 6.3 x 0.8 mm approvals - vde certificate number: 40016382 - ul file number: e72928 characteristics - extreme robust design - all single elements are already wired - screw type fuse carrier, slotted fuseholder meets requirements of medical standard iec/en 60601-1 the fuseholder can only be opened with the aid of a tool the fuseholder is accessible from the equipment front - with emc-shield - especially for applications in rough environments - qualified for use in equipment according iec/en 60950 other versions on request - with solder terminals - class x1- and y1-capacitors for enhanced withstand voltage - medical version m80 - additional sealing (ip54) of power input - version with current rating 3 a references weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s , wire harnes s newly available variants corresponding to v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. technical data ratings iec 1 - 8 a @ ta 40 c / 250 vac; 50 hz ratings ul/csa 1 - 8 a @ ta 40 c / 125 vac; 60 hz leakage current standard < 0.5 ma (250 v / 60 hz) medical < 5 a (250 v / 60 hz) dielectric strength > 1.7 kvdc between l-n > 2.7 kvdc between l/n-pe test voltage (2 sec) allowable operation temp. -25 c to 85 c climatic category 25/085/21 acc. to iec 60068-1 degree of protection from front side ip 65 acc. to iec 60529 from rear-side ip 65 acc. to iec 60529 protection class suitable for appliances with protection class 1 or 2 acc. to iec 61140 terminal quick connect terminals 6.3 x 0.8 mm panel thickness s screw, max 3 mm mounting screw torque max 0.8 nm 2 screws m3 with sealing are provided material: housing black / metallic, ul 94v-0 appliance-inlet/-outlet c14 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 8 a, protection class 1 or 2 fuseholder 1 or 2 pole, shocksafe category pc2 acc. to iec 60127-6, for fuse-links 5 x 20 mm rated power acceptance @ ta 23 c 5 x 20: 1.6 w 1-pole/ 1,2 w 2-pole per pole power acceptance @ ta > 23c admissible power acceptance at hig - her ambient temperature see derating curves line filter standard and medical version, iec 60939, iec 60601-1, ul 1283, ul 544, en 133 200, csa c22.2 no. 8 technical detail s mtbf > 2'800'000 h acc. to mil-hb-217 f
 power entry modules with line filter 5707 www.schurter.com/pg0 6 emc products dimensions 60 mm mounting from front side ? 3.4 32.2 29.2 36 30 12 43.6 29 r3.2 0.5 33 42 +0.20 0 +0.20 0 0.15 r4.5 51 r1.5 59.6 36 3.5 ? 3.2 32 0.20 0.20 r2.5 mounting from rear side r1.5 ? 3.4 33.5 30.5 36 30 12 43.6 29 r3.2 0.5 33 42 +0.20 0 +0.20 0 0.15 r4.5 51 r1.5 59.6 36 3.5 3x0.5 32 0.20 0.20 r1 technical data of filter-components rated current [a] filter-type inductances l [mh] capacitance cx [nf] capacitance cy [nf] r [m ? ] 1 standard version 2 x 12 100 2.2 1 2 standard version 2 x 5.2 100 2.2 1 4 standard version 2 x 2 100 2.2 1 6 standard version 2 x 0.8 100 2.2 1 8 standard version 2 x 0.4 100 2.2 1 1 medical version (m5) 2 x 12 100 - 1 2 medical version (m5) 2 x 5.2 100 - 1 4 medical version (m5) 2 x 2 100 - 1 6 medical version (m5) 2 x 0.8 100 - 1 8 medical version (m5) 2 x 0.4 100 - 1
 power entry modules with line filter 5707 www.schurter.com/pg0 6 emc products dimensions 2 b c 2 3 1 4 1 a 3/4 2 1 a) front view b) detail front mounting type c) detail rear mounting type 1) sealing of flange 2) sealing of fuseholder 3) sealing of screw hole (front mounting type: sealing ring on screw head) 4) sealing of screw hole (rear mounting type: sealing on screw thread) important: - use supplied fuse caps (2) and mounting screws (3/4) - optimal sealing requires even and solid panel opening - recommended tightening torque for mounting screws (2/3/4): 0.5-0.8 nm - ip65 protection between the inlet and connector pins, but no ip rating between the connector pins and the plug of the power cord! diagrams standard version l2 l1 l n pe l' n' pe' 2) 1) f2 f1 cx r cy cy 1) line 2) load medical version m5 l2 l1 f2 f1 l' n' pe' l n pe 2) 1) cx r 1) line 2) load derating curves 1-pole admissible power ac - ceptance in watt 0 2 0 4 0 6 0 8 0 100 0.2 0.0 i = < < i n i = 0.7 i n i = 1.0 i n 1.6 0.6 0.4 0.8 1.2 1.0 1.4 ambient air temperature ta c 2-pole admissible power ac - ceptance in watt per pole 0 2 0 4 0 6 0 8 0 100 0.0 i = < < i n i = 0.7 i n i = 1.0 i n 1.2 0.2 0.4 0.8 0.6 1.0 ambient air temperature ta c technical data of filter-components rated current [a] filter-type inductances l [mh] capacitance cx [nf] capacitance cy [nf] r [m ? ] 1 standard version 2 x 12 100 2.2 1 2 standard version 2 x 5.2 100 2.2 1 4 standard version 2 x 2 100 2.2 1 6 standard version 2 x 0.8 100 2.2 1 8 standard version 2 x 0.4 100 2.2 1 1 medical version (m5) 2 x 12 100 - 1 2 medical version (m5) 2 x 5.2 100 - 1 4 medical version (m5) 2 x 2 100 - 1 6 medical version (m5) 2 x 0.8 100 - 1 8 medical version (m5) 2 x 0.4 100 - 1
 power entry modules with line filter 5707 www.schurter.com/pg0 6 emc products attenuation loss - - - - differential mode _____ common mode standard version 1 a 2 a 4 a 6 a 8 a medical version (m5) 1 a 2 a 4 a 6 a 8 a variants rated cur - rent [a] filter-type screw-on or rivet mounting ver - sion from front side screw-on version from rear with pre-formed, threaded holes for m  screws protection class fuseholder order number 1 standard version l 1 1-pole 5707.0101.112 2 standard version l 1 1-pole 5707.0201.112 4 standard version l 1 1-pole 5707.0401.112 6 standard version l 1 1-pole 5707.0601.112 8 standard version l 1 1-pole 5707.0801.112 1 standard version l 1 1-pole 5707.0101.113 2 standard version l 1 1-pole 5707.0201.113 4 standard version l 1 1-pole 5707.0401.113 6 standard version l 1 1-pole 5707.0601.113 8 standard version l 1 1-pole 5707.0801.113 1 standard version l 1 2-pole 57070101.312 2 standard version l 1 2-pole 5707.0201.312 4 standard version l 1 2-pole 5707.0401.312 6 standard version l 1 2-pole 5707.0601.312 8 standard version l 1 2-pole 5707.0801.312 1 standard version l 1 2-pole 5707.0101.313 2 standard version l 1 2-pole 5707.0201.313
5 power entry modules with line filter 5707 www.schurter.com/pg0 6 emc products rated cur - rent [a] filter-type screw-on or rivet mounting ver - sion from front side screw-on version from rear with pre-formed, threaded holes for m  screws protection class fuseholder order number 4 standard version l 1 2-pole 5707.0401.313 6 standard version l 1 2-pole 5707.0601.313 8 standard version l 1 2-pole 5707.0801.313 1 medical version (m5) l 1 2-pole 5707.0103.312 2 medical version (m5) l 1 2-pole 5707.0203.312 4 medical version (m5) l 1 2-pole 5707.0403.312 6 medical version (m5) l 1 2-pole 5707.0603.312 8 medical version (m5) l 1 2-pole 5707.0803.312 1 medical version (m5) l 1 2-pole 5707.0103.313 2 medical version (m5) l 1 2-pole 5707.0203.313 4 medical version (m5) l 1 2-pole 5707.0403.313 6 medical version (m5) l 1 2-pole 5707.0603.313 8 medical version (m5) l 1 2-pole 5707.0803.313 1 medical version (m5) l 2 2-pole 5707.0103.412 2 medical version (m5) l 2 2-pole 5707.0203.412 4 medical version (m5) l 2 2-pole 5707.0403.412 6 medical version (m5) l 2 2-pole 5707.0603.412 8 medical version (m5) l 2 2-pole 5707.0803.412 1 medical version (m5) l 2 2-pole 5707.0103.413 2 medical version (m5) l 2 2-pole 5707.0203.413 4 medical version (m5) l 2 2-pole 5707.0403.413 6 medical version (m5) l 2 2-pole 5707.0603.413 8 medical version (m5) l 2 2-pole 5707.0803.413 in addition to the ip65 sealing to the appliance (standard version), the power input can be protected from ingressing fluids and dust with ip54. this option can be ordered with ending ".01" (5707.xxxx.xxx.01). ".21" corresponds to the version with v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. packaging unit 10 pcs accessorie s description assorted cover s rear cover 0859.0047 wire harnes s wire harness for schurter products
6 power entry modules with line filter 5707 www.schurter.com/pg0 6 emc products mating outlets/connector s category / description connectoroverview complet e iec connector c15, rewireable, straight 010 1 iec connector c15a, rewireable, straight 010 2 iec connector c15a, rewireable, straight 0102- g iec connector c15a, rewireable, angled 011 2 iec connector c13, rewireable, angled 401 2 connectorfurther types to570 7 ... power cordoverview complet e power cord with iec connector c13, angled 031 1 power cord with iec connector c13, angled 301 1 power cord with iec connector c13, angled 301 2 power cord with iec connector c13, angled 301 3 power cord with iec connector c13 302 0 power cordfurther types to570 7 ... power supply or interconnection cordoverview complet e divers power supply and interconnection cords 10 a 6000.021 4 divers power supply and interconnection cords 10 a 6000.022 4 divers power supply and interconnection cords 10 a 6003.020 4 divers power supply and interconnection cords 10 a 6003.020 5 divers power supply and interconnection cords 10 a 6003.021 5 power supply or interconnection cordfurther types to570 7 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 57070801312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X