Part Number Hot Search : 
2SD2553 TDA1560 M0565 E170CA MC9S08 HD68450 KN4402S SSM2302
Product Description
Full Text Search
 

To Download 3DD13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3DD13005 4a , 700v npn plastic-encapsulated transistor elektronische bauelemente 2-nov-2011 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  power switching applications absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9 v collector current - continuous i c 4 a collector power dissipation p c 2 w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test condition collector to base breakdown voltage v (br)cbo 700 - - v i c =1ma, i e =0 collector to emitter breakdown voltage v (br)ceo 400 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 9 - - v i e =1ma, i c =0 collector cut C off current i cbo - - 1 ma v cb =700v, i e =0 i ceo - - 0.1 v ce =400v, i b =0 emitter cut C off current i ebo - - 0.05 ma v eb =7v, i c =0 dc current gain h fe 20 - 30 v ce =5v, i c =1a 5 - - v ce =5v, i c =10ma collector to emitter saturation voltage v ce(sat)1 - - 0.3 v i c =1a, i b =0.2a v ce(sat)2 - - 0.8 v i c =4a, i b =1a base to emitter saturation voltage v be(sat) - - 1.6 v i c =2a, i b =0.5a transition frequency f t 5 - - mhz v ce =10v, i c =500ma, f =1mhz fall time t f - - 0.6 s i b1 = -i b2 =0.4a, i c =2a, v cc =120v storage time t s 1.8 - 6.6 s i c =0.25a to-220j free datasheet http:///


▲Up To Search▲   

 
Price & Availability of 3DD13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X