Part Number Hot Search : 
PA2410 15N60C PT78N ECH8672 BAT38MP TC124 TLP60 N5249B
Product Description
Full Text Search
 

To Download 1SS193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.base 2.emitter 3.collector 12 3 unit: mm sot-23 0.1 +0.05 -0.01 1SS193 features small package low forward voltage :v f(3) =0.9v(typ.) fast reverse recovery time :trr = 1.6 ns(typ.) small total capacitance :c t = 0.9pf(typ.) absolute maximum ratings ta = 25 parameter symbol rating unit peak reverse voltage v rm 85 v dc reverse voltage v r 80 v peak reverse voltage i fm 300 ma average rectified current i o 100 ma surge current (10 ms) i fsm 2a dc forward current p 150 mw junction temperature t j 125 storage temperature range t stg -55to+125 electrical characteristics ta = 25 parameter symbol test conditions min typ max unit i f =1.0ma 0.6 i f =10 ma 0.72 i f = 100 ma 0.9 1.2 v r =30v 0.1 v r =80v 0.5 total capacitance c t v r = 0, f = 1.0 mhz 0.9 3.0 pf reverse recovery time t rr i f =10 ma 1.6 4.0 ns reverse current i r a v v f continuous reverse voltage marking marking f3 sales@twtysemi.com 1 of 1 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of 1SS193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X