Part Number Hot Search : 
PMEG4 GBPC12 MC1430 NTE2566 FDY101PZ AES1H 20M250 NTE2566
Product Description
Full Text Search
 

To Download X9119TV14-27T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? fn8162.3 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. xdcp is a trademark of intersil americas inc. copy right intersil americas inc. 2005. all rights reserved all other trademarks mentioned are the property of their respective owners. x9119 single supply/low power/1024-tap/2-wire bus single digitally-c ontrolled (xdcp?) potentiometer features ? 1024 resistor taps ? 10-bit resolution ? 2-wire serial interface for write, read, and transfer operations of the potentiometer ? wiper resistance, 40 ? typical @ v cc = 5v ? four non-volatile data registers ? non-volatile storage of multiple wiper positions ? power-on recall. loads saved wiper position on power-up. ? standby current < 3a max ?v cc : 2.7v to 5.5v operation ? 100k ? end to end resistance ? 100 yr. data retention ? endurance: 100,000 data changes per bit per register ? 14 ld tssop ? low power cmos ? single supply version of the x9118 ? pb-free plus anneal available (rohs compliant) description the x9119 integrates a single digitally controlled potentiometer (xdcp) on a monolithic cmos integrated circuit. the digital controlled potentiometer is implemented using 1023 resistive elements in a series array. between each element are tap points connected to the wiper terminal through switches. the position of the wiper on the array is controlled by the user through the 2-wire bus interface. the potentiometer has associated with it a volatile wiper counter register (wcr) and a four non-volatile data registers that can be directly written to and read by the user. the contents of the wcr controls the position of the wiper on the resistor array though the switches. powerup recalls the contents of the default data register (dr0) to the wcr. the xdcp can be used as a three-terminal potentiometer or as a two terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. functional diagram r h r l bus r w interface & control pot v cc v ss 2-wire bus address data status write read wiper 1024-taps transfer nc nc 100k ? power on recall wiper counter register (wcr) data registers (dr0-dr3) control interface data sheet november 18, 2005
2 fn8162.3 november 18, 2005 detailed functional diagram circuit level applications ? vary the gain of a voltage amplifier ? provide programmable dc reference voltages for comparators and detectors ? control the volume in audio circuits ? trim out the offset voltage error in a voltage amplifier circuit ? set the output voltage of a voltage regulator ? trim the resistance in wheatstone bridge circuits ? control the gain, characteristic frequency and q-factor in filter circuits ? set the scale factor and zero point in sensor signal conditioning circuits ? vary the frequency and duty cycle of timer ics ? vary the dc biasing of a pin diode attenuator in rf circuits ? provide a control variable (i, v, or r) in feedback circuits system level applications ? adjust the contrast in lcd displays ? control the power level of led transmitters in communication systems ? set and regulate the dc biasing point in an rf power amplifier in wireless systems ? control the gain in audio and home entertainment systems ? provide the variable dc bias for tuners in rf wireless systems ? set the operating points in temperature control systems ? control the operating point for sensors in industrial systems ? trim offset and gain errors in artificial intelligent systems ordering information part number part marking v cc limits (v) potentiometer organization (k ? ) temp range (c) package x9119tv14i x9119tv i 5 10% 10 -40 to 85 14 ld tssop (4.4mm) x9119tv14iz (note) x9119tv zi -40 to 85 14 ld tssop (4.4mm) (pb-free) x9119tv14 x9119tv 0 to 70 14 ld tssop (4.4mm) x9119tv14z* (note) x9119tv z 0 to 70 14 ld tssop (4.4mm) (pb-free) x9119tv14-2.7* x9119tv f 2.7 to 5.5 0 to 70 14 ld tssop (4.4mm) x9119tv14z-2.7* (note) x9119tv zf 0 to 70 14 ld tssop (4.4mm) (pb-free) x9119tv14i-2.7 x9119tv g -40 to 85 14 ld tssop (4.4mm) x9119tv14iz-2.7* (note) x9119tv zg -40 to 85 14 ld tssop (4.4mm) (pb-free) *add "t1" suffix for tape and reel. note: intersil pb-free plus anneal products em ploy special pb-free material sets; molding compounds/die attach materials and 100 % matte tin plate termination finish, which are rohs compliant and compatible with both snpb and pb-free soldering operations. intersil pb- free products are msl classified at pb-free peak reflow tem peratures that meet or exceed the pb-free requirements of ipc/jedec j std-020. scl a1 sda a2 wp interface and control circuitry v cc v ss dr0 dr1 dr2 dr3 wiper counter register (wcr) r h r l data r w 1024-taps 100k ? control power on recall a0 x9119
3 fn8162.3 november 18, 2005 pin configuration pin assignments pin descriptions bus interface pins s erial d ata i nput /o utput (sda) the sda is a bidirectional se rial data input/output pin for a 2-wire slave device and is used to transfer data into and out of the device. it receives device address, opcode, wiper register address and data sent from an 2-wire master at the rising edge of the serial clock scl, and it shifts out data after each falling edge of the serial clock scl. it is an open drain output and may be wire-ored with any number of open drain or open collector outputs. an open drain output requires the use of a pull-up resistor. for sele cting typical valu es, refer to the guidelines for calculating typical values on the bus pull-up resistors graph. s erial c lock (scl) this input is used by 2-wire master to supply 2-wire serial clock to the x9119. d evice a ddress (a 2 ?a 0 ) the address inputs are used to set the least significant 3 bits of the 8-bit slave address. a match in the slave address serial data stream must be made with the address input in order to initiate communication with the x9119. a maximum of 8 devices may occupy the 2-wire serial bus. hardware write protect input (wp ) the wp pin when low prevents nonvolatile writes to the data registers. potentiometer pins r h , r l the r h and r l pins are equivalent to the terminal connections on a mechanical potentiometer. r w the wiper pin are equivalent to the wiper terminal of a mechanical potentiometer. bias supply pins s ystem s upply v oltage (v cc ) and s upply g round (v ss ) the v cc pin is the system supply voltage. the v ss pin is the system ground. other pins n o c onnect no connect pins should be left open. these pins are used for intersil manufacturing and testing purposes. principles of operation the x9119 is an integrated microcircuit incorporating a resistor array and its associated registers and counters and the serial interface logic providing direct communication between the host and the digitally controlled potentiometer. th is section provides detail description of the following: ? resistor array description ? serial interface description ? instruction and register description pin (tssop) symbol function 1 nc no connect 2 a0 device address for 2-wire bus 3 nc no connect 4 a2 device address for 2-wire bus 5 scl serial clock for 2-wire bus 6 sda serial data input/output for 2-wire bus 7v ss system ground 8wp hardware write protect 9 a1 device address for 2-wire bus 10 nc no connect 11 r w wiper terminal of the potentiometer 12 r h high terminal of the potentiometer 13 r l low terminal of the potentiometer 14 v cc system supply voltage v cc r l v ss 1 2 3 4 5 6 7 8 14 13 12 11 10 9 nc r w a2 a1 tssop r h x9119 a0 nc sda nc scl wp x9119
4 fn8162.3 november 18, 2005 resistor array description the x9119 is comprised of a resistor array. the array contains, in effect, 1023 discrete resistive segments that are connected in series (see figure 1). the physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (r h and r l inputs). at both ends of each arra y and between each resistor segment is a cmos switch connected to the wiper (r w ) output. within each individual array only one switch may be turned on at a time. these switches are controlled by the wiper counter register (wcr). the 10-bits of the wcr (wcr[9:0]) are decoded to select, and enable, one of 1024 switches. the wcr may be written dire ctly. the data registers and the wcr can be read and written by the host system. figure 1. detailed potentiometer block diagram serial interface description s erial i nterface the x9119 supports a bidirectional bus oriented protocol. the protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. the device controlling the transfer is a master and the device being controlled is the slave. the master will alwa ys initiate da ta transfers and provide the clock for both transmit and receive operations. therefore, the x9119 will be considered a slave device in all applications. c lock and d ata c onventions data states on the sda line can change only during scl low periods. sda state changes during scl high are reserved for indicating start and stop conditions. see figure 3. s tart c ondition all commands to the x9119 are preceded by the start condition, which is a high to low transition of sda while scl is high. the x 9119 continuously monitors the sda and scl lines for the start cond ition and will not respond to any command until this condition is met. see figure 3. s top c ondition all communications must be terminated by a stop condition, which is a low to high transition of sda while scl is high. see figure 3. a cknowledge acknowledge is a software convention used to provide a positive handshake between the master and slave devices on the bus to indicate the successful receipt of data. the transmitting device, either the master or the slave, will release the sda bu s after transmitting eight serial data path from interface register 0 serial bus input parallel bus input counter register r h r l r w 10 10 c o u n t e r d e c o d e if wcr = 000[hex] then r w = r l if wcr = 3ff[hex] then r w = r h wiper (wcr) (dr0) circuitry register 1 (dr1) register 2 (dr2) register 3 (dr3) x9119
5 fn8162.3 november 18, 2005 bits. the master generates a ninth clock cycle and during this period the receiver pulls the sda line low to acknowledge that it successfully received the eight bits of data. the x9119 will respond wit h an ackno wledge after recognition of a start cond ition and its slave address and once again after successful receipt of the command byte. if the command is followed by a data byte the x9119 will respond with a final acknowledge. see figure 2. figure 2. acknowledge response from receiver a cknowledge p olling the disabling of the inputs, during the internal nonvolatile write operation, can be used to take advantage of the typica l 5ms eeprom write cycle time. once the stop condition is issued to indicate the end of the nonvolatile write command the x9119 initiates the internal writ e cycle. ack polling, flow 1, can be initiated immediately. this involves issuing the start condition followed by t he device slave address. if the x9119 is still busy with the write oper ation no ack will be returned. if the x911 9 has completed the write operation an ack will be re turned and th e master can then proceed with the next operation. flow 1. ack polling sequence scl from master data output from transmitter 1 89 start acknowledge data output from receiver nonvolatile write command completed enterack polling issue start issue slave address ack returned? further operation? issue instruction issue stop no yes yes proceed issue stop no proceed x9119
6 fn8162.3 november 18, 2005 instruction and register description d evice a ddressing : i dentification b yte (id and a) following a start condition the master must output the address of the slave it is accessing. the most significant four bits of the slave address are the device type identifier. the id[3:0] bits is the device id for the x9119; this is fixed as 0101[b] (refer to table 1). the a2?a0 bits in the id by te is the internal slave address. the physical device address is defined by the state of the a2?a0 input pins. the slave address is externally specified by the user. the x9119 compares the serial data stream with the address input state; a successful compare of both address bits is required for the x9119 to successfully continue the command sequence. only the device which slave address matches the incoming devic e address sent by the master executes the instruction. the a2?a0 inputs can be actively driven by cm os input signals or tied to v cc or v ss . the r/w bit is the lsb and is be used to program the device for read or write operations. i nstruction b yte and r egister s election the next byte sent to the x9119 contains the instruction and register pointer information. the three most significant bits are used provide the instruction opcode (iop[2:0]). the rb and ra bits point to one of the four registers. the format is shown below in table 2. table 3 provides a complete summary of the instruction set opcodes. table 1. identification byte format table 2. instruction byte format id3 id2 id1 id0 a2 a1 a0 r/w 0101 (msb) (lsb) device type identifies internal slave address read or write bit i2 i1 i0 0 rb ra 0 0 (msb) (lsb) instruction opcode register selection register selected rb ra dr0 0 0 dr1 0 1 dr2 1 0 dr3 1 1 x9119
7 fn8162.3 november 18, 2005 table 3. instruction set note: (1) 1/o = data is one or zero. instruction and register description d evice a ddressing w iper c ounter r egister (wcr) the x9119 contains a wiper counter registers (see table 4) for the xdcp potentiometer. the wcr is equivalent to a serial-in, parallel-out register/counter with its outputs decoded to select one of 1024 switches along its resistor array. the contents of the wcr can be altered in one of three ways: (1) it may be written directly by the host via the write wiper counter register instruction (serial lo ad); (2) it may be written indirectly by transferring the contents of one of four associated data registers via the xfr data register; (3) it is loaded with the conten ts of its data register zero (r0) upon power-up. the wiper counter register is a volatile register; that is, its contents are lost when the x9119 is powered- down. although the register is automatically loaded with the value in dr0 upon power-up, this may be different from the value present at power-down. power-up guidelines are recommended to ensure proper loadings of the dr0 value into the wcr. d ata r egisters (dr0 to dr3) the potentiometer has four 10-bit non-volatile data registers. these can be read or written directly by the host. data can also be transferred between any of the four data registers and the wiper counter register. all operations changing data in one of the data registers is a nonvolatile operation and will take a maximum of 10ms. if the application does not require storage of multiple settings for the potentiomete r, the data registers can be used as regular memory locations for system parameters or user preference data. bit 9?bit 0 are used to store one of the 1024 wiper position (0 ~1023). instruction instruction set operation r/w i 2 i 1 i 0 0rbra 0 0 read wiper counter register 1 1 0 0 0 0 0 0 0 read the contents of the wiper counter register write wiper counter register 0 1 0 1 0 0 0 0 0 write new value to the wiper counter register read data register 1 1 0 1 0 1/0 1/0 0 0 read the contents of the data register pointed to rb-ra. write data register 0 1 1 0 0 1/0 1/0 0 0 write new value to the data register pointed to rb-ra. xfr data register to wiper counter register 1 1 1 0 0 1/0 1/0 0 0 transfer the contents of the data register pointed to by rb-ra.to the wiper counter register xfr wiper counter register to data regis- ter 0 1 1 1 0 1/0 1/0 0 0 transfer the contents of the wiper counter register to the data register pointed to by rb-ra. x9119
8 fn8162.3 november 18, 2005 table 4. wiper control register, wcr (10-bit), wcr9?wcr0: used to store the current wiper position (volatile, v) table 5. data register, dr (10-bit), bit 9?bit 0: used to store wiper positions or data (non-volatile, nv) four of the six instructions are four bytes in length. these instructions are: ? read wiper counter register ? read the current wiper position of the selected potentiometer, ? write wiper counter register ? change current wiper position of the selected potentiometer, ? read data register ? read the contents of the selected data register; ? write data register ? write a new value to the selected data register. the basic sequence of the four byte instructions is illustrated in figure 3. t hese four-byte instructions exchange data between the wcr and one of the data registers. a transfer from a data register to a wcr is essentially a write to a static ram, with the static ram controlling the wiper positio n. the response of the wiper to this action will be delayed by t wrl . a transfer from the wcr (current wiper position), to a data register is a write to nonvolatile memory and takes a minimum of t wr to complete. the transfer can occur between one of the four potentiometers and one of its associated registers. two instructions (see figure 4) require a two-byte sequence to complete. these instructions transfer data between the host and the x9119; either between the host and one of the data registers or directly between the host and the wiper counter register. these instructions are: ? xfr data register to wiper counter register ? this transfers the contents of one specified data register to the wiper counter register. ? xfr wiper counter regist er to data register ? this transfers the contents of the wiper counter register to the specified data register. see instruction format for more details. p ower u p and d own r equirements there are no restrictions on the power-up condition of vcc and the voltages applied to the potentiometer pins provided that the vcc is always more positive than or equal to the voltages at r h , r l , and r w , i.e. v cc r h , r l , r w . there are no restrictions on the power- down condition. however, the datasheet parameters for the dcp do not apply until 1milisecond after v cc reaches its final value. figure 3. two-byte instruction sequence wcr9 wcr8 wcr7 wcr6 wcr5 wcr4 wcr3 wcr2 wcr1 wcr0 vvvvvvvvvv (msb) (lsb) bit 9bit 8bit 7bit 6bit 5bit 4bit 3bit 2bit 1bit 0 nv nv nv nv nv nv nv nv nv nv msb lsb s t a r t 01 0 1 a2 a1 a0 r/w a c k i2 i1 i0 0 rbra0 a c k scl sda s t o p 0 00 id3 id2 id1 id0 device id internal instruction opcode address register address x9119
9 fn8162.3 november 18, 2005 figure 4. four-byte instruction sequence (write or read for wcr or data registers) instruction format read wiper counter register (wcr) write wiper counter register (wcr) read data register (dr) s t a r t a c k a c k scl sda a c k s t o p a c k id3 id2 id1 id0 a2 a1 a0 r/w i2 0 0 0 x x0 0 xx x w c r 9 w c r 8 w c r 7 w c r 6 w c r 5 w c r 4 w c r 3 w c r 2 w c r 1 w c r 0 i1 i0 0 rb ra 0 101 xx x device id internal address instruction opcode register address wiper or data position s t a r t device type identifier device addresses s a c k instruction opcode register addresses s a c k wiper position (sent by slave on sda) m a c k wiper position (sent by slave on sda) m a c k s t o p 0101a2a1a0 r / w = 1 10000000 xxxxxx w c r 9 w c r 8 w c r 7 w c r 6 w c r 5 w c r 4 w c r 3 w c r 2 w c r 1 w c r 0 s t a r t device type identifier device addresses s a c k instruction opcode register addresses s a c k wiper position (sent by master on sda) s a c k wiper position (sent by master on sda) s a c k s t o p 0101a2a1a0 r / w = 0 10100000 xxxxxx w c r 9 w c r 8 w c r 7 w c r 6 w c r 5 w c r 4 w c r 3 w c r 2 w c r 1 w c r 0 s t a r t device type identifier device addresses s a c k instruction opcode register addresses s a c k wiper position (sent by slave on sda) m a c k wiper position or data (sent by slave on sda) m a c k s t o p 0101a2a1a0 r / w = 1 1010rbra00 xxxxxx w c r 9 w c r 8 w c r 7 w c r 6 w c r 5 w c r 4 w c r 3 w c r 2 w c r 1 w c r 0 x9119
10 fn8162.3 november 18, 2005 write data register (dr) transfer wiper counter register (wcr) to data register (dr) transfer data register (dr) to wiper counter register (wcr) notes: (1) ?a2 ~ a0?: stand for the device addresses sent by the master. (2) wcrx refers to wiper position data in the wiper counter register s t a r t device type identifier device addresses s a c k instruction opcode register addresses s a c k wiper position or data (sent by master on sda) s a c k wiper position or data (sent by master on sda) s a c k s t o p high-voltage write cycle 0 1 0 1 a2 a1 a0 r / w = 0 1100rbra0 0 xxxxxx w c r 9 w c r 8 w c r 7 w c r 6 w c r 5 w c r 4 w c r 3 w c r 2 w c r 1 w c r 0 s t a r t device type identifier device addresses s a c k instruction opcode register addresses s a c k s t o p high-voltage write cycle 0101a2a1a0 r / w = 0 1110rbra00 s t a r t device type identifier device addresses s a c k instruction opcode register addresses s a c k s t o p 0101a2a1a0 r / w = 1 1100rbra00 x9119
11 fn8162.3 november 18, 2005 analog characteristics (over recommended industrial (2.7v) operation conditions unless otherwise stated.) notes: (1) absolute linearity is utilized to determine actual wiper voltage versus expec ted voltage as determined by wiper positi on when used as a potentiometer. (2) relative linearity is utilized to determine the actual change in voltage betwee n two successive tap posi tions when used as a potentiometer. it is a measure of the error in step size. (3) mi = rtot / 1023 or (r h ? r l ) / 1023, single pot (4) n = 0, 1, 2, ?,1023; m =0, 1, 2, ?, 1022. (5) esd rating on rh, rl, rw pins is 1.5kv (hbm, 1.0a leakage maximum), esd rating on all other pins is 2.0kv. symbol parameter limits test conditions min. typ. max. units r total end to end resistance 100 k ? end to end resistance tolerance 20 % power rating 50 mw 25c, each pot i w wiper current 3 ma r w wiper resistance 40 110 ? wiper current = 50a, v cc = 5v 150 300 ? wiper current = 50a, v cc = 3v v term voltage on any r h or r l pin v ss 5vv ss = 0v noise -120 dbv ref: 1v resolution 0.1 % absolute linearity (1) 1 mi (3) r w(n)(actual) ? r w(n)(expected) , where n=8 to 1006 1.5 2.0 mi (3) r w(n)(actual) ? r w(n)(expected) (5) relative linearity (2) 0.5 mi (3) r w(m + 1) ? [r w(m) + mi], where m=8 to 1006 0.5 1.0 mi (3) r w(m + 1) ? [r w(m) + mi] (5) temperature coefficient of r total 300 ppm/c ratiometric temp. coefficient 20 ppm/c c h /c l /c w potentiometer capacitancies 10/10/25 pf see macro model absolute maximum ratings temperature under bias .................... -65c to +135c storage temperature ......................... -65c to +150c voltage on scl, sda, or any address input with respect to v ss ................................. -1v to +7v ? v = | (vh?vl) | ......................................................5v lead temperature (soldering, 10s) .................... 300 c i w (10s) ..............................................................6ma comment stresses above those list ed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating on ly; the functional operation of the device (at these or an y other conditions above those listed in the operational sections of this specification) is not imp lied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. recommended operating conditions temp min. max. commercial 0 c+70 c industrial -40 c+85 c device supply voltage (v cc ) limits (4) x9118 5v 10% x9118-2.7 2.7v to 5.5v x9119
12 fn8162.3 november 18, 2005 d.c. operating characteristics (over the recommended operating cond itions unless otherwise specified.) endurance and data retention capacitance power-up timing notes: (6) this parameter is not 100% tested. (7) t pur and t puw are the delays required from the time t he (last) power supply (vcc-) is stable until the specif ic instruction can be issued. these parameters are not 100% tested. (8) this is not a tested or guaranteed param eter and should be used only as a guideline. symbol parameter limits test conditions min. typ. max. units i cc1 v cc supply current (active) 3maf scl = 400khz; v cc = +5.5v; sda = open; (for 2-wire, active, read and volatile write states only) i cc2 v cc supply current (nonvolatile write) 5maf scl = 400khz; v cc = +5.5v; sda = open; (for 2-wire, active, non-volatile write state only) i sb v cc current (standby) 3 av cc = +5.5v; v in = v ss or v cc ; sda = v cc ; (for 2-wire, standby state only) i li input leakage current 10 av in = v ss to v cc i lo output leakage current 10 av out = v ss to v cc v ih input high voltage v cc x 0.7 v cc + 1 v v il input low voltage -1 v cc x 0.3 v v ol output low voltage 0.4 v i ol = 3ma v oh output high voltage parameter min. units minimum endurance 100,000 data changes per bit per register data retention 100 years symbol test max. units test conditions c in/out (6) input/output capacitance (si) 8 pf v out = 0v c in (6) input capacitance (scl, wp , a1 and a0) 6 pf v in = 0v symbol parameter min. max. units t r v cc (6) v cc power-up rate 0.2 50 v/ms t pur (7) power-up to initiation of read operation 1 ms t puw (7) power-up to initiation of write operation 50 ms x9119
13 fn8162.3 november 18, 2005 a.c. test conditions equivalent a.c. load circuit ac timing high-voltage write cycle timing i nput pulse levels v cc x 0.1 to v cc x 0.9 input rise and fall times 10ns input and output timing level v cc x 0.5 r h 10pf c l c l r w r total c w 25pf 10pf r l spice macromodel 5v 1533 ? 100pf sda output 3v 867 ? 100pf sda output symbol parameter min. max. units f scl clock frequency 400 khz t cyc clock cycle time 2500 ns t high clock high time 600 ns t low clock low time 1300 ns t su:sta start setup time 600 ns t hd:sta start hold time 600 ns t su:sto stop setup time 600 ns t su:dat sda data input setup time 100 ns t hd:dat sda data input hold time 0 ns t r scl and sda rise time 300 ns t f scl and sda fall time 300 ns t aa scl low to sda data output valid time 250 ns t dh sda data output hold time 0 ns t i noise suppression time constant at scl and sda inputs 50 ns t buf bus free time (prior to any transmission) 1300 ns t su:wpa a0, a1, a2 setup time 0 ns t hd:wpa a0, a1, a2 hold time 0 ns x9119
14 fn8162.3 november 18, 2005 high-voltage wr ite cycle timing xdcp timing symbol table timing diagrams start and stop timing symbol parameter typ. max. units t wr high-voltage write cycle time (store instructions) 5 10 ms symbol paramete rmin.max.units t wrpo wiper response time after the third (last) power supply is stable 5 10 s t wrl wiper response time after instruction issued (all load instructions) 510s waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don?t care: changes allowed changing: state not known n/a center line is high impedance t su:sta t hd:sta t su:sto scl sda t r (start) (stop) t f t r t f x9119
15 fn8162.3 november 18, 2005 input timing output timing xdcp timing (for all load instructions) write protect and device address pins timing scl sda t high t low t cyc t hd:dat t su:dat t buf scl sda t dh t aa scl sda r w (stop) lsb t wrl sda scl ... ... ... wp a0, a1, a2 t su:wpa t hd:wpa (start) (stop) (any instruction) x9119
16 fn8162.3 november 18, 2005 applications information basic configurations of electronic potentiometers application circuits v r rw +v r i three terminal potentiometer; variable voltage divider two terminal variable resistor; variable current noninverting amplifier voltage regulator offset voltage adjustment comparator with hysterisis + ? v s v o r 2 r 1 v o = (1+r 2 /r 1 )v s r 1 r 2 i adj v o (reg) = 1.25v (1+r 2 /r 1 )+i adj r 2 v o (reg) v in 317 + ? v s v o r 2 r 1 v ul = {r 1 /(r 1 +r 2 )} v o (max) rl l = {r 1 /(r 1 +r 2 )} v o (min) 100k ? 10k ? 10k ? 10k ? -12v +12v tl072 + ? v s v o r 2 r 1 } } x9119
17 fn8162.3 november 18, 2005 application circuits (continued) attenuator filter inverting amplifier equivalent l-r circuit + ? v s v o r 3 r 1 v o = g v s -1/2 g +1/2 g o = 1 + r 2 /r 1 fc = 1/(2 rc) + ? v s v o r 2 r 1 z in = r 2 + s r 2 (r 1 + r 3 ) c 1 = r 2 + s leq (r 1 + r 3 ) >> r 2 + ? v s function generator r 2 r 4 r 1 = r 2 = r 3 = r 4 = 10k ? + ? v s r 2 r 1 r c } } v o = g v s g = - r 2 /r 1 r 2 c 1 r 1 r 3 z in + ? r 2 + ? r 1 } } r a r b frequency r 1 , r 2 , c amplitude r a , r b c v o x9119
18 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn8162.3 november 18, 2005 packaging information note: all dimensions in inches (in parentheses in millimeters) 14-lead plastic, tssop, package code v14 see detail ?a? .031 (.80) .041 (1.05) .169 (4.3) .177 (4.5) .252 (6.4) bsc .025 (.65) bsc .193 (4.9) .200 (5.1) .002 (.05) .006 (.15) .041 (1.05) .0075 (.19) .0118 (.30) 0 - 8 .010 (.25) .019 (.50) .029 (.75) gage plane seating plane detail a (20x) x9119


▲Up To Search▲   

 
Price & Availability of X9119TV14-27T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X