Part Number Hot Search : 
TSM34 2SC57 BCW66 0R048 BD799 DD98N 4016302 4016302
Product Description
Full Text Search
 

To Download VISHAYSFERNICE-CH0402-226RFNT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ch www.vishay.com vishay sfernice revision: 31-jan-13 1 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high frequency 50 ghz thin film chip resistor those miniaturized components are designed in such a way that their internal reactance is very small. when correctly mounted and utilized, they function as almost pure resistors on a very large range of frequency, up to 50 ghz. features ? operating frequency 50 ghz ? thin film microwave resistors ? smd wraparound or flip chip resistor ? small size, down to 20 mils by 16 mils ? edged trimmed block resistors ? pure alumina substrate (99.5 %) ? ohmic range: 10r to 500r ? design kits available ? small internal reactance (lc down to 1 10 -24 ) ? tolerance 1 %, 2 %, 5 %, 10 % ? tcr: 100 ppm/c in (- 55 c, + 155 c) temperature range ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes (1) for ch0402 and ch0603 with p termination, a dimension is in creased by 0.2 mm (2) + or - 0.07 mm standard electrical specifications model size resistance range ? rated power pn w limiting element voltage v tolerance % temperature coefficient ppm/c ch02016 02016 10 to 500 0.030 30 1, 2, 5, 10 100 ch0402 0402 10 to 500 0.050 37 1, 2, 5, 10 100 ch0603 0603 10 to 500 0.125 50 1, 2, 5, 10 100 dimensions in millimeters (inches) case size max. tol. + 0.1 (+ 0.004) min. tol. - 0.1 (- 0.004) dimensions a (1) bc d/e max. tol. + 0.1 (+ 0.004) min. tol. - 0.1 (- 0.004) max. tol. + 0.1 (+ 0.004) min. tol. - 0.1 (- 0.004) max. tol. + 0.127 (+ 0.005) min. tol. - 0.127 (- 0.005) min. max. 02016 0.48 (0.020) 0.39 (0.016) 0.42 (0.02) (2) 0.11 (0.004) 0.15 (0.008) 0402 1.00 (0.040) 0.6 (0.023) 0.5 (0.02) 0.15 (0.006) 0.35 (0.014) 0603 1.52 (0.060) 0.75 (0.030) 0.5 (0.02) 0.25 (0.010) 0.51 (0.020) a (1) d d c (p) (n) and (g) a d d c e e b a d d c (f)
ch www.vishay.com vishay sfernice revision: 31-jan-13 2 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? suggested land pattern : according to ipc-7351 dimension and tolerance of land pattern shall be defined by pcb designer; pcb can be designed according to ipc-7351a generic requirements for surface mo unt design and land pattern standard example of land pattern: fabricati on allowance, assembly location and min. or max. level density board are not included in the exemple bellow. according to ipc-7351a generic requirements for surface mount design and land pattern standard : z max. = a min. + 2j t + with c: unila teral profile toleranc e for the component; g min. = f max. + 2j h - f: unilateral profile tole rance for the board land pattern; x max. = b min. + 2j s + and p: diameter of true position placement accuracy to the center of land pattern. for rectangular component flip-chip mounting, we suggest: note (1) best tolera nce for 100 ? to 500 ? in 02016 is 2 % land pattern flip chip terminations in millimeters chip size z max. x max. g min. 02016 0.53 0.44 0.15 0402 1.4 0.650 0.4 0603 1.71 0.9 0.760 g min. z max. x max. c a 2 f 2 p 2 ++ ?? c f 2 f 2 p 2 ++ ?? c b 2 f 2 p 2 ++ ?? component j h j s j t land pattern footprint jt (toe) 0 mm jh (hell) 0 mm js (sde) 0 mm wraparound terminations in millimeters chip size z max. g min. x max. 0402 1.55 0.15 0.73 0603 2.37 0.35 0.98 tolerance vs. ohmic values ohmic range 10 ? ? r < 50 ? 50 ??? r < 100 ? 100 ??? r ? 500 ? (1) tolerance 5 %, 10 % 2 %, 5 %, 10 % 1 %, 2 %, 5 %, 10 % g min. z max. x max.
ch www.vishay.com vishay sfernice revision: 31-jan-13 3 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 preferred models and values vishay sfernice highly recommend to use the smallest si zes and flip chip version to get the best performances. recommended values : 10r/18r/25r/50r/75r/100r/1 50r/180r/200r/2 50r/330r/500r those values are available with a moq of 100 pieces. other values can be ordered upon request, but higher moq will apply: 1000 pieces for ch02016, 500 pieces for ch0402, 250 pieces for ch0603 . recommended terminations : f recommended tolerance : 2 % design kits are available ex stock in ch02016 and ch0402 sizes. there are 20 pieces per recommended value. f termination. 5 % tolerance. those kits are packaged in pieces of tape and delivered in esd bags. packaging standard packaging is waffle pack for sizes 0402 and 0603. plastic tape and reel (low conductivity) for size 02016. plastic tape and reel is available for 0402 and 0603 (low conductivity) or paper tape under request for all sizes. depending on the type of terminations, parts will be packed differently: one face: ? gold terminations: active face up ? tin/silver termination : active face down note ? please refer to vishay sfernice application note guidelines for vishay sfernice resistive and inductive products for solderi ng recommendation (document numbe r 52029, 3. guidelines for surf ace mounting components (smd ), profile number 3 applies packaging rules waffle pack can be filled up to maximum qu antity indicated in the table here above, taking into acco unt the minimum order quantity. when quantity ordered exceeds maximum quantity of a single waffle pack, the waffle packs are stacked up on the top of each other and closed by one single cover. to get not stacked up waffle pack in case of ordered quantity > maximum number of pieces pe r package: please consult vishay sfernice for specific ordering code. tape and reel can be filled up to maximum qu antity indicated in the table here above, taking into account the minimum order quantity. when quantity ordered is between the moq and the maximum reel capaci ty, only one reel is provided. when several reels are needed for ordered quantity within moq and maximum reel capacity: please consult vishay sfernice for specific ordering code. size moq number of pieces per package tape width waffle pack 2" x 2" tape and reel min. max. 02016 see moq mentioned on preferre d models and values 484 100 5000 8 mm 0402 100 0603 100
ch www.vishay.com vishay sfernice revision: 31-jan-13 4 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) 02016 not available with n and g termination (2) gold termination for applic ation in hermetic package global part number information new global part number ing: ch0402-50rjf (preferred part number format) global model size ohmic value tolerance termination (1) packaging ch 02016 0402 0603 10r to 500r f = 1 % g = 2 % j = 5 % k = 10 % f (flip chip): snag over nickel barrier n (w/a): snag over nickel barrier (except 02016) p (one face): (2) gold bonding pads g (w/a): gold (except 02016) t = tape and reel pt = paper tape leave blank for waffle pack historical part number example: ch 0402 50r 5 % p e2 (will continue to be accepted) ch 0402 50r 5 % p e2 historical model size ohmic value tolerance termination lead (pb)-free version e2 : tin/silver e4 : gold global part number or dering design kits: chkit-02016 chkit-0402 typical high frequency performance electrical model c internal shunt capacitance l internal inductance r resistance z internal impedance (r, l, c) l c external connection inductance c g external capaci tance to ground l c c g z 0 c l r z z 0 l c h0402 - 50r c jf t
ch www.vishay.com vishay sfernice revision: 31-jan-13 5 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 the complex impedance of the chip resist or is given by the following equations: notes ? ? = 2 x ? x f ? f : frequency the chip resistor itself is purely resistive when . the smaller the l x c product the greater the frequency range over which the resistor looks approximately resistive. this can be seen on the graphs sh owing the ratio versus frequency. r, l and c are relevant to the chip resistor itself. l c and c g also depends on the way th e chip resistor is mounted. it is important to notice that after assembly the external reactance of l c and c g will be combined to inte rnal reactance of l and c. this combination can upgrade or downgrade the hf behaviour of the component. this is why we are displaying two sets of data: ? versus frequency curves which aims to show at a glan ce the intrinsic hf performance of a given chip resistor ? s-parameters versus frequency curves relevant to chip resi stor when assembled on ideal z0 impedance tr ansmission line these lines are terminated with adapted source and load impedance respectively z s and z l with z 0 = z l = z s (for others configurations please consult us). equivalent circuit for s-parameters: s-parameters are computed taking into ac count all the resistive, inductive and capacitive elements (z total) and z 0 = z l = z s = r . z r j ? l r 2 c ? l 2 c ? 2 ? ?? + 1c r 2 c 2l ? ??? 2 l 2 c ? 4 + ?? + ------------------------------------------------------------------------------------- - = z ?? r -------- 1 1 c r 2 c 2l ? ??? 2 l 2 c ? 4 + ?? + ----------------------------------------------------------------------------------------- - x 1 ? l r 2 c ? l 2 c ? 2 ? ?? r ------------------------------------------------------------ 2 + = ? tan 1 ? ? l r 2 c ? l 2 c ? 2 ? ?? r ------------------------------------------------------------ = r l c --- - = z ?? r -------- z ?? r -------- l c c g z 0 c l r z total z 0 l c z s g z l c g
ch www.vishay.com vishay sfernice revision: 31-jan-13 6 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 internal impedance curves 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 02016 size (f and p terminations) 10 50 75 100 150 200 250 500 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0402 size (f and p terminations) 10 50 75 100 150 200 250 500
ch www.vishay.com vishay sfernice revision: 31-jan-13 7 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 internal impedance curves 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0402 size (n and g terminations) 10 75 100 150 200 250 500 50 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0603 size (f and p terminations) 10 50 75 100 150 200 250 500
ch www.vishay.com vishay sfernice revision: 31-jan-13 8 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 internal impedance curves s-parameter ch02016 (f and p terminations) 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0603 size (n and g terminations) 10 50 75 100 150 200 250 500 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch02016 flip chip (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch02016 flip chip (z 0 = z i = z s = r = 100 ) s21 s11
ch www.vishay.com vishay sfernice revision: 31-jan-13 9 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 s-parameter ch0402 (f and p terminations) ch0402 (n and g terminations) ch0603 (f and p terminations) 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 flip chip (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 flip chip (z 0 = z i = z s = r = 100 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 wraparound (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 wraparound (z 0 = z i = z s = r = 100 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 flip chip (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 flip chip (z 0 = z i = z s = r = 100 ) s21 s11
ch www.vishay.com vishay sfernice revision: 31-jan-13 10 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 s-parameter ch0603 (n and g terminations) 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 wraparound (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 wraparound (z 0 = z i = z s = r = 100 ) s21 s11
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VISHAYSFERNICE-CH0402-226RFNT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X