Part Number Hot Search : 
DDTA114 MM1278XD DD667 83905 SO767090 MAX828 ENA1307 DDTA114
Product Description
Full Text Search
 

To Download TSM20N50CI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsm 20n50 500v n-channel power mosfet 1/10 version: a12 to - 220 ito - 220 product summary v ds (v) r ds(on) ( ? ) i d (a) 500 0.3 @ v gs =10v 18 general description the tsm20n50 n-channel enhancement mode power mosfe t is produced by planar stripe dmos technology. this advanced technology has been espec ially tailored to minimize on-state resistance, pro vide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for high efficiency s witch mode power supply, electronic lamp ballast ba sed on half bridge. features low r ds(on) 0.3 ? (max.) low gate charge typical @ 54nc (typ.) improve dv/dt capability block diagram n-channel mosfet ordering information part no. package packing tsm20n50cz c0 to-220 50pcs / tube TSM20N50CI c0 ito-220 50pcs / tube absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 30 v continuous drain current(t c =25 ) i d 18 a pulsed drain current * i dm 72 a peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns single pulse avalanche energy (note 2) e as 954 mj avalanche current (repetitive) (note 1) i ar 18 a repetitive avalanche energy (note 1) e ar 29 mj operating junction temperature t j 150 oc storage temperature range t stg -55 to +150 o c * limited by maximum junction temperature pin definition: 1. gate 2. drain 3. source
tsm 20n50 500v n-channel power mosfet 2/10 version: a12 thermal performance parameter symbol to-220 ito-220 unit thermal resistance - junction to case r ? jc 0.43 2.6 o c/w thermal resistance - junction to ambient r ? ja 62.5 notes: surface mounted on fr4 board t 10sec electrical specifications (tc = 25 o c unless otherwise noted) parameter conditions symbol min typ max unit static drain-source breakdown voltage v gs = 0v, i d = 250ua bv dss 500 -- -- v drain-source on-state resistance v gs = 10v, i d = 9.0a r ds(on) -- 0.25 0.3 ? gate threshold voltage v ds = v gs , i d = 250ua v gs(th) 2.0 -- 4.0 v zero gate voltage drain current v ds = 500v, v gs = 0v i dss -- -- 1 ua gate body leakage v gs = 30v, v ds = 0v i gss -- -- 100 na forward transconductance v ds = 30v, i d = 9.0a g fs -- 11 -- s diode forward voltage i s = 18a, v gs = 0v v sd -- -- 1.5 v dynamic b total gate charge v ds = 400v, i d = 18a, v gs = 10v q g -- 54 -- nc gate-source charge q gs -- 15 -- gate-drain charge q gd -- 12.5 -- input capacitance v ds = 25v, v gs = 0v, f = 1.0mhz c iss -- 3094 -- pf output capacitance c oss -- 296 -- reverse transfer capacitance c rss -- 9.2 -- switching c turn-on delay time v dd = 250v, i d = 18a, r g = 25 ? t d(on) -- 78 -- ns turn-on rise time t r -- 72 -- turn-off delay time t d(off) -- 184 -- turn-off fall time t f -- 68 -- reverse recovery time v gs = 0v, i s = 18a, di f /dt = 100a/us t fr -- 426 -- ns reverse recovery charge q fr -- 6 -- uc notes: 1. repetitive rating: pulse width limited by maximu m junction temperature 2. v dd = 50v, i as =18a, l=5.3mh, r g =25 ? , starting t j =25 3. i sd 18a, di/dt 200a/us, v dd bv ds , starting t j =25 4. pulse test: pulse width 300us, duty cycle 2% 5. b for design reference only, not subject to prod uction testing. 6. c switching time is essentially independent of o perating temperature.
tsm 20n50 500v n-channel power mosfet 3/10 version: a12 electrical characteristics curve (tc = 25 o c, unless otherwise noted) output characteristics transfer characteristics on-resistance vs. drain current gate charge on-resistance vs. junction temperature source-drain diode forward voltage
tsm 20n50 500v n-channel power mosfet 4/10 version: a12 electrical characteristics curve (ta = 25 o c, unless otherwise noted) drain current vs. case temperature bv dss vs. junction temperature maximum safe operating area capacitance vs. drain-source voltage maximum safe operating area (ito-220)
tsm 20n50 500v n-channel power mosfet 5/10 version: a12 electrical characteristics curve (ta = 25 o c, unless otherwise noted) normalized thermal transient impedance, junction-to -ambient normalized thermal transient impedance, junction-to -ambient(ito-220)
tsm 20n50 500v n-channel power mosfet 6/10 version: a12 gate charge test circuit & waveform resistive switching test circuit & waveform e as test circuit & waveform
tsm 20n50 500v n-channel power mosfet 7/10 version: a12 diode reverse recovery time test circuit & waveform
tsm 20n50 500v n-channel power mosfet 8/10 version: a12 to-220 mechanical drawing to-220 dimension dim millimeters inches min max min max a 10.00 10.50 0.394 0.413 b 3.74 3.91 0.147 0.154 c 2.44 2.94 0.096 0.116 d -- 6.35 -- 0.250 e 0.38 1.10 0.015 0.043 f 2.34 2.71 0.092 0.107 g 4.69 5.43 0.185 0.214 h 12.70 14.73 0.500 0.580 i 8.38 9.38 0.330 0.369 j 14.22 16.51 0.560 0.650 k 3.55 4.82 0.140 0.190 l 1.16 1.40 0.046 0.055 m 27.70 29.62 1.091 1.166 n 2.03 2.92 0.080 0.115 o 0.25 0.61 0.010 0.024 p 5.84 6.85 0.230 0.270
tsm 20n50 500v n-channel power mosfet 9/10 version: a12 ito-220 mechanical drawing ito-220 dimension dim millimeters inches min max min max a 10.04 10.07 0.395 0.396 b 6.20 (typ.) 0.244 (typ.) c 2.20 (typ.) 0.087 (typ.) d 1.40 (typ.) 0.055 (typ.) e 15.0 15.20 0.591 0.598 f 0.52 0.54 0.020 0.021 g 2.35 2.73 0.093 0.107 h 13.50 13.55 0.531 0.533 i 1.11 1.49 0.044 0.058 j 2.60 2.80 0.102 0.110 k 4.49 4.50 0.176 0.177 l 1.15 (typ.) 0.045 (typ.) m 3.03 3.05 0.119 0.120 n 2.60 2.80 0.102 0.110 o 6.55 6.65 0.258 0.262
tsm 20n50 500v n-channel power mosfet 10/10 version: a12 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TSM20N50CI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X