Part Number Hot Search : 
APR6016 TIP33C A105M 4AK19 3500S 3500S A105M 1N2248A
Product Description
Full Text Search
 

To Download TFS620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 620.doc version 1.5 03.06.2005 vi telefilter filter specification tfs 620 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: * input: 300 ? || -4.9 pf output: 200 ? || -6.7 pf ch aracteristics remark: the reference lev e l for the relativ e attenuation a rel of the tfs 620 is the mi nimum of the pass band attenuat ion. this v a lue is defi ned as the insertion loss a e . the centre frequency f c is the arithmetic mean v a lue of the upper and low e r frequencies at the 3 db filter attenuation le v e l relativ e to the insertion loss a e . the nominal frequency f n is fix ed at 620 mhz w i thout any toleranc e. the v a lues of relativ e attenuation a rel are guaranteed for the w hole operating temperature range. the frequency shift of t he filter in the operating temperature r ange is included in the production tolerance scheme. d a t a ty p. v a lue tolerance / limit insertion loss a e 1 2 , 7 d b m a x . 1 4 d b (referenc e l e v e l ) - nominal frequency f n - 6 2 0 m h z (at 70c) centre frequency f c 6 2 0 , 6 m m h z - (at ambient temperature) passband 3 1 , 3 m h z m i n . f n 15 mhz pass band ripple 0 , 5 d b 1 d b relativ e attenuation a rel f n . . . f n 1 5 m h z 0 , 5 d b m a x . 1 d b f n - 6 1 0 m h z ? f n - 2 6 , 6 mhz 4 8 d b m i n . 4 0 d b f n - 2 6 , 5 m h z ? f n - 2 4 mhz 4 2 d b m i n . 3 7 d b f n + 2 5 , 5 m h z ? f n + 2 6 , 5 mhz 3 8 d b m i n . 3 5 d b f n + 2 6 , 5 m h z ? f n + 3 8 0 mhz 4 8 d b m i n . 4 0 d b vswr w i thin f n 15 mhz 1 . 7 : 1 m a x . 2 : 1 phase ripple w i thin pb (p-p) 7 d e g m a x . 1 2 d e g operating temperature range otr - + 65 c ... + 75 c storage temperature range - - 40 c ... + 85 c temperature coefficient of frequency t c f -20 ppm/k - ge ne ra te d: ch ecked / a p p r o v ed : vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 620.doc version 1.5 03.06.2005 vi telefilter filter specification tfs 620 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m f ilter ch aracteristic 57 1. 6 5 81. 4 5 91. 2 601 61 0. 8 62 0. 6 630 . 4 640 . 2 65 0 6 59. 8 66 9. 6 - 100 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r e q uency i n m h z m a gni t ude i n db 60 1. 6 6 05. 4 609 . 2 61 3 616 . 8 620 . 6 624 . 4 62 8. 2 632 63 5. 8 6 39. 6 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r equency i n m h z m a gni t ude i n db 60 1. 6 6 05. 4 609 . 2 61 3 616 . 8 620 . 6 624 . 4 62 8. 2 632 63 5. 8 6 39. 6 - 10. 5 4 -1 . 5 4 7. 4 6 16 . 4 6 25 . 4 6 34 . 4 6 43 . 4 6 52 . 4 6 61 . 4 6 70 . 4 6 79 . 4 6 f r equency i n m h z phas e i n cons truc tion a nd pin c onne c t ion date code: y ear + w eek t 2005 u 2006 v 2007 ... 1 ground 2 output rf return 3 output 4 ground 5 ground 6 input rf return 7 input 8 ground (all dimensions in mm) 7 5 13 1, 8 m a x . 2, 54 0, 1 1, 1 1, 1 1 2 0 0, 64 5 -0 , 1 0 +0, 1 5 1 3 5 7 d a t e c ode 620 t23 50 oh m t est circu i t c1 l 1 sa w l 2 c2 1, 2, 4, 5, 6, 8 3 7 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 620.doc version 1.5 03.06.2005 vi telefilter filter specification tfs 620 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m stability characteristics after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 18 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: tw ice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; packin g tape & reel: iec 286 ? 3, w i th exeption of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters peer reel: reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff d i r e c t i o n pi n m a r k e r t yp d a te c o d e ko t tape (al l di mensi ons i n mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 a o : 5,30 0,1 bo : 5,30 0,1 ct : 9,5 0,1 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 12,4 +2/-0 w 2 (max ) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2 the minimum bending radius is 45 mm. vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 620.doc version 1.5 03.06.2005 vi telefilter filter specification tfs 620 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 620.doc version 1.5 03.06.2005 vi telefilter filter specification tfs 620 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m history version reason of changes name date 1.0 - generation of development s pecification t. martens 2 6 . 1 0 . 2 0 0 4 1.1 - pinning added chilla 29.10.2004 1.2 - changed insertion loss chilla 02.11.2004 1.3 - changed pinning chilla 30.11.2004 1.4 - changed stopband attenuation at f n +/- 25 mhz chilla 07.02.2005 - changed insertion loss 1.5 - created filter specification chilla 03.06.2005 - added termination impedances - added ty pical values - changed relative attenuation - added filter characteristics - added test curciut vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X