Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
 

To Download SS12-AUR1000A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 july 16,2013-rev.06 ss12-au~ss16-au features ? plastic package has underwriters laboratory flammability classification 94v-o ? for surface mounted applications in order to optimize board space ? low power loss, high efficiency ? high surge capacity ? high current capacity, low v f ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: jedec do-214ac molded plastic ? terminals:solder plated, solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? standard packaging: 12mm tape (eia-481) ? weight: 0.0023 ounce, 0.0679 gram surface mount schottky barrier rectifier maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. resistive or inductive load. notes: 1.pulse test with pw =300sec, 1% duty cycle. 2.mounted on p.c. board with 5.0mm 2 (.013mm thick) copper pad areas. voltage 20 to 60 volts current 1 ampere parameter symbol ss12-au ss13-au ss14-au ss15-au ss16-au units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum average forward current at t l =75 o ci f(av) 1a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 30 a maximum forward voltage at 1a (note 1) v f 0.5 0.7 v maximum dc reverse current at rated dc blocking voltage t j =25 o c t j =100 o c i r 0.2 50 0.1 50 ma typical thermal resistance (note 2) r ? jl r ? ja 28 88 o c / w operating junction temperature range t j -55 to +125 -55 to +150 o c storage temperature range t stg -55 to +150 o c 0.062(1.60) 0.047(1.20) 0.181(4.60) 0.157(4.00) 0.114(2.90) 0.098(2.50) 0.060(1.52) 0.030(0.76) 0.008(0.203) 0.002(0.051) 0.208(5.28) 0.188(4.80) 0 012(0 305)  0 006(0.152) 
page . 2 july 16,2013-rev.06 ss12-au~ss16-au rating and characteristic curves fig.1-forward current derating curve peak forward surge current, amperes no. of cycle at 60hz average forward rectified current amperes lead temperature, c o 110100 0 5 10 15 20 25 30 fig.2- maximum non-repetitivepeakforward surge current 1.0 .50 0 singlephasehalfwave60hz resistiveorinductiveload p. c . b m o u n t e d on 0.2 x x 0.2"( 5.0 5.0mm) copperpadareas .25 .75 0 75 100 125 150 175 25 50 =20-30v =40-60v fig.4-typical instantaneous forward characteristic fig.3-typical reverse characteristic forward voltage , volts forward current , amperes 0 0.01 0.1 1.0 10 0.2 0.4 0.6 0.8 1.0 20-40v 50-60v t=25c a o 20 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 40 60 80 100 t=25c j o percent of rated peak reverse voltage ,% reverse current , a  t=75c j o t =125 c j o
page . 3 july 16,2013-rev.06 ss12-au~ss16-au mounting pad layout order information ? packing information t/r - 7.5k per 13" plastic reel t/r - 1.8k per 7" plastic reel
page . 4 july 16,2013-rev.06 ss12-au~ss16-au part no_packing code_version ss12-au_r1_000a1 ss12-au_r2_000a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 july 16,2013-rev.06 ss12-au~ss16-au disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SS12-AUR1000A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X