Part Number Hot Search : 
0509S AC688 WM2631ID V16L25JI 2SJ137 C6707 66M010 WFU4N60
Product Description
Full Text Search
 

To Download SER1360-102KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C ser1360 inductance 2 dcr (mohm) 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 10% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise ser1360-331kl_ 0.33 0.77 0.85 200 36 41 43 13.0 16.9 ser1360-651kl_ 0.65 0.77 0.85 160 23 27 28 13.0 16.9 SER1360-102KL_ 1.0 2.36 2.60 75 32 33 33.5 9.5 13.0 ser1360-182kl_ 1.8 2.36 2.60 50 17 19 20 9.5 13.0 ser1360-272kl_ 2.7 2.36 2.60 42 12 13 14 9.5 13.0 ser1360-402kl_ 4.0 5.50 6.05 34 11 12 13 7.1 9.4 ser1360-472kl_ 4.7 5.50 6.05 32 9.5 11 12 7.1 9.4 ser1360-602kl_ 6.0 5.50 6.05 28 8.0 9.0 9.5 7.1 9.4 ser1360-802kl_ 8.0 9.83 10.81 26 7.5 8.5 9.0 5.5 7.6 ser1360-103kl_ 10 9.83 10.81 24 6.2 7.0 7.5 4.4 7.2 the ser1360 series provides exceptionally high current car - rying capability (up to 43 amps) and very low dc resistance, all in a low profle, small footprint package. the parts magnetic shielding and 13 13 mm base allow high density mounting while the fat wire winding keeps the overall height to just 6 mm. in addition to the standard values show, custom values are available to meet specifc applications. document 290 -1 1. when ordering, please specify termination and packaging codes: ser1360-103k ld termination: l = rohs compliant matte-tin over nickel over phos bronze. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d = 13 machine-ready reel. eia-481 embossed plastic tape (500 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance measured at 100 khz, 0.1 vrms, 0 adc on an agilent/ hp 4284a or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 4395a network analyzer and an agilent/hp 16193a test fxture. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. designers kit c365 contains 3 each of all values core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant tin-silver over tin over nickel over phos bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). other terminations available at additional cost. weight 2.6 C 2.8 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 500 per 13 reel; plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing, 6.6 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. document 290-1 revised 09/04/12 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 290-2 revised 09/04/12 document 290 -2 shielded power inductors - ser1360 series 1 2 3 te r minal 3 is fo r mounting stability only . 80 70 60 50 40 30 20 0 10 t emperature r ise (f ro m 2 5c) current (a rms) 5 02 02 5 15 10 0.33 h 8.0 h 10.0 h 6.0 h 1.0 h 1.8 h 4.0 h 4.7 h temperature rise vs current -40 -2 00 20 40 60 80 100 140 120 a mbient t emperatur e (c) pe r cent of r ated c urrent 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rm s 25 c current derating typical l vs frequency typical l vs current 0.1 1 100 10 current (a) inductance (h) 1 2 3 4 5 6 7 8 9 0 10 11 12 6.0 h 1.8 h 4.0 h 4.7 h 10.0 h 8.0 h 0.33 h 1.0 h 1 2 3 4 5 6 7 8 9 0 10 11 12 0.01 0.1 10 1 inductance (h) frequency (mhz) 1.8 h 4.0 h 4.7 h 10.0 h 6.0 h 8.0 h 0.33 h 1.0 h 0.496 0.012 12,6 0, 3 0.110 0.008 2,8 0,2 0.110 0.008 2,8 0,2 0.173 0.008 4,4 0,2 0.070 0.008 1,78 0,2 0.367 0.008 9,32 0,2 0.063 0.008 1,60 0,2 0.094 0.008 2,4 0,2 1 2 3 recommended land p attern 0.121 3,07 0.121 3,07 0.163 4,14 0.089 2,26 0.089 2,26 0.330 8,38 0.109 2,77 0.500 0.012 12,7 0, 3 0.215 0.014 5,45 0,35 0.00 6/0,152 dimensions are in inches mm us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of SER1360-102KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X