Part Number Hot Search : 
88502 DN2530N3 KBJ607G 1N4391 FSB127H A2011 LRI2K 00118
Product Description
Full Text Search
 

To Download SER1052-322ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C ser1052 inductance dcr srf i sat (a) 5 i rms(a) 6 20% 2 max 3 typ 4 10% 20% 30% 20c 40c part number 1 (h) (mohm) (mhz) drop drop drop rise rise ser1052-801ml_ 0.80 4.0 100 24.9 25.2 25.6 12.5 16.3 ser1052-102ml_ 1.0 4.0 95 16.5 17.0 17.5 12.5 16.3 ser1052-122ml_ 1.2 6.0 91 20.5 21.0 21.3 11.0 15.0 ser1052-132ml_ 1.3 4.0 81 12.9 16.8 17.2 12.5 16.3 ser1052-152ml_ 1.5 4.0 75 13.5 14.0 14.5 11.0 15.0 ser1052-182ml_ 1.8 6.0 70 13.3 13.8 14.3 11.0 15.0 ser1052-202ml_ 2.0 9.0 65 15.3 15.8 16.2 8.5 11.5 ser1052-222ml_ 2.2 4.0 58 8.9 9.6 10.0 12.5 16.3 ser1052-252ml_ 2.5 7.5 55 11.4 11.8 12.1 9.0 12.0 SER1052-322ML_ 3.2 6.0 53 7.3 7.8 8.5 11.0 15.0 ser1052-402ml_ 4.0 9.0 47 8.3 8.5 8.8 8.5 11.5 ser1052-432ml_ 4.3 7.5 44 6.4 6.8 7.0 9.0 12.0 ser1052-572ml_ 5.7 9.0 35 5.4 5.8 6.0 8.5 11.5 document 535-1 revised 04/09/13 document 535 -1 1. please specify termination and packaging codes: ser1052-572m ld termination: l = rohs compliant tin-silver over copper (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 em - bossed plastic tape (200 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 em - bossed plastic tape. factory order only, not stocked (700 parts per full reel) 2. inductance measured at 100 khz, 0.1 vrms, 0 adc on an agilent/hp 4284a or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 4395a network analyzer and an agilent/hp 16193a test fxture. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. designers kit c421 contains 3 of each value core and winding loss see www.coilcraft.com/coreloss core material ferrite terminations rohs compliant tin-silver over tin over nickel over phos bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). other terminations available at additional cost. weight 1.6 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 200/7 reel; 700/13 reel plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing, 5.45 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. ? high current, low dcr shielded power inductors ? 10.2 11 mm base; only 5.2 mm tall us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
shielded power inductors - ser1052 series document 535-2 revised 04/09/13 document 535-2 typical l vs frequency typical l vs current 7 6 5 4 3 2 1 0 0.1 11 0 100 inductance (h) frequency (mhz ) 2.0 h 0.8 h 1.3 h 3.2 h 5.7 h 7 6 5 4 3 2 1 0 0.1 11 0 100 inductance (h) current (a) 2.0 h 0.8 h 1.3 h 3.2 h 5.7 h irms derating -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i dimensions are in inches mm te rminal 3 is fo r mounting stability only . 1 2 3 1 2 3 recommended land p attern 0.402 0.008 10,2 0,20 0.205 5,20 max 0.215 5,47 0.069 1,75 0.28 7,1 0.091 2,30 0.087 2,20 0.087 2,20 0.125 3,18 0.118 3,00 0.118 3,00 0.079 2,00 0.134 3,40 0.087 2,20 0.433 0.008 11,0 0,20 inter nal code 0.152 3,85 ser1052-xxxl xxxx y us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of SER1052-322ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X