Part Number Hot Search : 
2N533902 ON2170 2700290 SP7656EN 23RGB 4N35FVM 23RGB SY10E
Product Description
Full Text Search
 

To Download RP730036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 general purpose relays pcb relays n 1 pole 8/12/16a, 1 form c (co) or 1 form a (no) contact n 4kv/8mm coil-contact n pinning 3.5 or 5mm (8/12a) and 5mm (16a) n rohs compliant (directive 2002/95/ec) typical applications power supplies, domestic appliances, heating control, installation approvals vde reg.-nr. c894, ul e214025 technical data of approved types on request contact data 8a 12a 16a contact arrangement 1 form c (co) or 1 form a (no) rated voltage 250vac max. switching voltage 400vac rated current 8a 12a 16a limiting making current 16a 20a 25a breaking capacity max. 2000va 3000va 4000va contact material agni0.15 agcdo agcdo frequency of operation, with/without load 600/72000h -1 operate/release time typ. 8/2ms bounce time typ., form a/form b 2/4ms contact ratings type contact load cycles iec61810 rp310 a (no) 16a, 250vac resistive, 35c 100x10 3 rp410/418 a (no) 12a, 250vac resistive, 35c 100x10 3 rp410/418 c (co) 10a, 250vac resistive, 70c 100x10 3 rp411/418 a (no) 8a, 250vac resistive, 35c 100x10 3 mechanical endurance >30x10 6 operations coil data coil voltage range 5 to 110vdc operative range, iec 61810 2 coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% 1) mw 005 5 3.5 0.5 54 500 006 6 4.2 0.6 68 500 012 12 8.4 1.2 270 500 024 24 16.8 2.4 1100 1) 500 048 48 33.6 4.8 4400 1) 500 060 60 42.0 6.0 6540 1) 500 110 110 77.0 11.0 23100 1) 500 1) coil resistance 15%. all fgures are given for coil without pre-energization, at ambient temperature +20c. other coil voltages on request. insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 4000v rms clearance/creepage between contact and coil 8/8mm material group of insulation parts iiia power pcb relay rpii/1 f0146-b z schrack
07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays pcb relays power pcb relay rpii/1 (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to +70c category of environmental protection iec 61810 rtii - fux proof, rtiii - wash tight vibration resistance (functional), form a/form b, 30 to 300hz 10/2g shock resistance (destructive) 100g terminal type pcb-tht weight 18g resistance to soldering heat tht, iec 60068-2-20 fux proof version 270c/10s wash tight version 260c/5s packaging/unit tube/20 pcs., box/500 pcs. dimensions dimensions in mm s0273-aa pcb layout / terminal assignment bottom view on solder pins dimensions in mm 8 / 12 a, pinning 3.5 mm 1 form c (1 co) 1 form a (1 no) 8 / 12 a, pinning 5 mm 1 form c (1 co) 1 form a (1 no) 16 a, pinning 5 mm 1 form c (1 co) 1 form a (1 no) s0163-bg s0163-bc s0163-bd s0163-bf s0163-be s0163-bh s0163-co s0163-cp s0163-cq product code structure typical product code rp 3 1 0 024 type rp power pcb relay rpii/1 version 3 16a, fux proof 7 16a, wash tight 4 8/12a, fux proof 8 8/12a, wash tight contact arrangement 1 1 form c contact (1 co) 3 1 form a contact (1 no) contact material and pinning 1 agni0.15, 8a, pinning 5mm 0 agcdo, 12/16a, pinning 5mm 2 agni0.15, 8a, pinning 3.5mm 8 agcdo, 12a, pinning 3.5mm coil coil code: please refer to coil versions table schrack
07-2012, rev. 0712 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 general purpose relays pcb relays power pcb relay rpii/1 (continued) product code version contact arrangement contact material pinning coil part number rp310012 16a, fux proof 1 form c (co) contact agcdo 5mm 16a 12vdc 2-1393230-9 rp310024 24vdc 3-1393230-2 rp310048 48vdc 3-1393230-3 rp330012 1 form a (no) contact 12vdc 4-1393230-7 rp330024 24vdc 4-1393230-9 rp330048 48vdc 5-1393230-1 rp410024 12a, fux proof 1 form c (co) contact 5mm 8/12a 24vdc 8-1393230-2 rp411024 8a, fux proof agni0.15 9-1393230-5 rp412024 3.5mm 1-1393231-2 rp418012 12a, fux proof agcdo 12vdc 2-1393231-5 rp418024 24vdc 2-1393231-8 rp438012 1 form a (no) contact 12vdc 5-1393231-0 rp710012 16a, wash tight 1 form c (co) contact 5mm 16a 7-1393231-2 rp710024 24vdc 7-1393231-5 rp730012 1 form a (no) contact 12vdc 8-1393231-2 rp818012 12a, wash tight 3.5mm 1-1393232-7 this list represents the most common types and does not show all variants covered by this datasheet. other types on request schrack


▲Up To Search▲   

 
Price & Availability of RP730036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X