Part Number Hot Search : 
TQ144 SB101 BSR17 D7810 C31002 HT45F E002365 2SC3851
Product Description
Full Text Search
 

To Download R1EX24256BSAS0A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet R1EX24256BSAS0A r1ex24256btas0a two-wire serial interface 256k eeprom (32-kword ? 8-bit) r10ds0005ej0101 rev.1.01 jul. 26, 2012 description r1ex24xxx series are two-wire serial interface eeprom (e lectrically erasable and pr ogrammable rom). they realize high speed, low power consumption and a high level of reliability by employing advanced monos memory technology and cmos process and low voltage circuitry technology. they also have a 64-byte page programming function to make their write operation faster. features ? single supply: 1.8 v to 5.5 v ? two-wire serial interface (i 2 c serial bus) ? clock frequency: 400 khz ? power dissipation: ? standby: 2 ? a (max) ? active (read): 1 ma (max) ? active (write): 3 ma (max) ? automatic page write: 64-byte/page ? write cycle time: 5 ms ? endurance: 1,000k cycles @ 25 ? c ? data retention: 100 years @ 25 ? c ? small size packages: sop-8pin, tssop-8pin ? shipping tape and reel ? tssop 8-pin: 3,000 ic/reel ? sop 8-pin: 2,500 ic/reel ? temperature range: ? 40 to +85 ? c ? lead free products. r10ds0005ej0101 rev.1.01 page 1 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a ordering information type no. internal organization package shipping tape and reel R1EX24256BSAS0A#s0 256k bit (32768 ? 8-bit) 150 mil 8-pin plastic sop prsp0008df-b (fp-8dbv) lead free 2,500 ic/reel r1ex24256btas0a#s0 256k bit (32768 ? 8-bit) 8-pin plastic tssop ptsp0008jc-b (ttp-8dav) lead free 3,000 ic/reel pin arrangement /8-pin tssop 1 2 3 4 8 7 6 5 a0 a1 a2 v ss v cc wp scl sda (top view) 8-pin sop pin description pin name function a0 to a2 device address scl serial clock input sda serial data input/output wp write protect v cc power supply v ss ground block diagram control logic high voltage generator address generator x decoder y decoder memory array y-select & sense amp. serial-parallel converter v cc v ss wp a0, a1, a2 scl sda r10ds0005ej0101 rev.1.01 page 2 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a r10ds0005ej0101 rev.1.01 page 3 of 16 jul. 26, 2012 absolute maximum ratings parameter symbol value unit supply voltage relative to v ss v cc ? 0.6 to +7.0 v input voltage relative to v ss vin ? 0.3 to v cc +0.3 v operating temperature range * 1 topr ? 40 to +85 ?c storage temperature range tstg ? 55 to +125 ?c notes: 1. including electrical c haracteristics and data retention. dc operating conditions parameter symbol min typ max unit supply voltage v cc 1.8 ?? 5.5 v v ss 0 0 0 v input high voltage v ih v cc ? 0.7 ? v cc + 0.3 v input low voltage v il ? 0.3 ? v cc ? 0.3 v operating temperature topr ? 40 ? +85 ?c dc characteristics (ta = ? 40 to +85 ? c, v cc = 1.8 v to 5.5 v) parameter symbol min typ max unit test conditions input leakage current i li ? ? 2.0 ? a v cc = 5.5 v, vin = 0 to 5.5 v output leakage current i lo ? ? 2.0 ? a v cc = 5.5 v, vout = 0 to 5.5 v standby v cc current i sb ? 1.0 2.0 ? a vin = v ss or v cc read v cc current i cc1 ? ? 1.0 ma v cc = 5.5 v, read at 400 khz write v cc current i cc2 ? ? 3.0 ma v cc = 5.5 v, write at 400 khz output low voltage v ol2 ? ? 0.4 v v cc = 2.7 to 5.5 v, i ol = 3.0 ma v ol1 ? ? 0.2 v v cc = 1.8 to 2.7 v, i ol = 1.5 ma capacitance (ta = +25 ? c, f = 1 mhz) parameter symbol min typ max unit test conditions input capacitance (a0 to a2, scl, wp) cin * 1 ? ? 6.0 pf vin = 0 v output capacitance (sda) c i/o * 1 ? ? 6.0 pf vout = 0 v note: 1. not 100 ? tested. memory cell characteristics (v cc = 1.8 v to 5.5 v) ta=25 ?c ta=85 ?c notes endurance 1,000k cycles min. 100k cycles min 1 data retention 100 years min. 10 years min. 1 notes: 1. not 100 ? tested.
R1EX24256BSAS0A/r1ex24256btas0a r10ds0005ej0101 rev.1.01 page 4 of 16 jul. 26, 2012 ac characteristics (ta = ? 40 to +85 ? c, v cc = 1.8 to 5.5 v) test conditions ? input pules levels: ? v il = 0.2 ? v cc ? v ih = 0.8 ? v cc ? input rise and fall time: ? 20 ns ? input and output timing reference levels: 0.5 ? v cc ? output load: ttl gate + 100 pf parameter symbol min typ max unit notes clock frequency f scl ? ? 400 khz clock pulse width low t low 1200 ? ? ns clock pulse width high t high 600 ? ? ns noise suppression time t i ? ? 100 ns 1 access time t aa 100 ? 900 ns bus free time for next mode t buf 1200 ? ? ns start hold time t hd.sta 600 ? ? ns start setup time t su.sta 600 ? ? ns data in hold time t hd.dat 0 ? ? ns data in setup time t su.dat 100 ? ? ns input rise time t r ? ? 300 ns 1 input fall time t f ? ? 300 ns 1 stop setup time t su.sto 600 ? ? ns data out hold time t dh 50 ? ? ns write protect hold time t hd.wp 1200 ? ? ns write protect setup time t su.wp 0 ? ? ns write cycle time t wc ? ? 5 ms 2 notes: 1. not 100 ? tested. 2. t wc is the time from a stop condition to the end of internally controlled write cycle.
R1EX24256BSAS0A/r1ex24256btas0a timing waveforms bus timing t f 1/f scl t high t su.sta t hd.sta t hd.dat t su.dat t su.sto t buf t dh t aa t low t r scl wp sda (in) sda (out) t su.wp t hd.wp write cycle timing scl sda d0 in write data ack (address (n)) t wc (internally controlled) stop condition start condition r10ds0005ej0101 rev.1.01 page 5 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a pin function serial clock (scl) the scl pin is used to control serial input/output data timing. the scl input is used to positive edge clock data into eeprom device and negative edge clock data out of each device. maximum clock rate is 400 khz. serial input/output data (sda) the sda pin is bidirectional for serial data transfer. the sda pin needs to be pulled up by resistor as that pin is open- drain driven structure. use proper resistor value for your system by considering v ol , i ol and the sda pin capacitance. except for a start condition and a stop condition which will be discussed later, the sda transition needs to be completed during the scl low period. data validity (sda data change timing waveform) scl sda data change data change note: high-to-low and low-to-high change of sda should be done during the scl low period. device address (a0, a1, a2) eight devices can be wired for one common data bus line as maximum. device address pins are used to distinguish each device and device address pins should be connected to v cc or v ss . when device address code provided from sda pin matches corresponding hard-wired device address pins a0 to a2, that one device can be activated. pin connections for a0 to a2 pin connection memory size max connect number a2 a1 a0 note 256k bit 8 v cc /v ss * 1 v cc /v ss * 1 v cc /v ss * 1 note: 1. during floating, "v cc /v ss " are fixed to v ss . write protect (wp) when the write protect pin (wp) is high, the write protection feature is enabled and operates as shown in the following table. also, acknowledgment "0" is outputted after inputtin g device address and memory address. after inputting write data, acknowledgment "1" (no ack) is outputted. when the wp is low, write operation for all memory arrays are allowed. the read op eration is always activated irrespective of the wp pin status. write protect area write protect area wp pin status 256k bit v ih full (256k bit) v il normal read/write operation r10ds0005ej0101 rev.1.01 page 6 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a functional description start condition a high-to-low transition of the sda with the scl high is needed in order to start read, write operation (see start condition and stop condition). stop condition a low-to -high transition of the sda with the scl high is a stop condition. the stand-by operation starts after a read sequence by a stop condition. in the case of write operation, a stop condition te rminates the write data inputs and place the device in a internally-timed write cycle to the memories. after the internally-timed write cycle which is specified as t wc , the device enters a standby mode (see write cycle timing). start condition and stop condition scl sda (in) stop condition start condition acknowledge all addresses and data words are serially transmitted to and from in 8-bit words. the receiver sends a zero to acknowledge that it has received each word. this happens during ninth clock cycl e. the transmitter keeps bus open to receive acknowledgment from the receiver at the ninth cloc k. in the write operation, eeprom sends a zero to acknowledge after receiving every 8-bit words. in th e read operation, eeprom se nds a zero to acknowledge after receiving the device address word. afte r sending read data, the eeprom waits acknowledgment by k eeping bus open. if the eeprom receives zero as an acknowledge, it sends r ead data of next address. if the eeprom receives acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read operation and enters a stand-by mode. if the eeprom receives neither acknow ledgment "0" nor a stop condi tion, the eeprom keeps bus open without sending read data. acknowledge timing waveform scl sda in sda out 12 8 9 acknowledge out r10ds0005ej0101 rev.1.01 page 7 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a r10ds0005ej0101 rev.1.01 page 8 of 16 jul. 26, 2012 device addressing the eeprom device requires an 8-bit device address word follo wing a start condition to enable the chip for a read or a write operation. the device address word consists of 4-bit device code, 3-bit device address code and 1-bit read/write(r/w) code. the most significant 4-bit of the de vice address word are used to distinguish device type and this eeprom uses ?1010? fixed code. the device address word is followed by the 3-bit device address code in the order of a2, a1, a0. the device address code selects one device out of all devices which are connected to the bus. this means that the device is selected if the inputted 3-bit device address code is equal to the corresponding hard-wired a2-a0 pin status. the eighth bit of the device address word is the read/write(r/w) bit. a write operation is initiated if this bit is low and a read operation is initiated if this b it is high. upon a compare of the device address word, the eeprom enters the read or write operation after outputting the zero as an acknowledge. the eeprom turns to a stand-by state if the device code is not ?1010? or device address code doesn?t coincide with status of the correspond hard-wired device address pins a0 to a2. device address word device address word (8-bit) device code (fixed) device address code r/w code * 1 256k 1 0 1 0 a2 a1 a0 r/w note: 1. r/w=?1? is read and r/w = ?0? is write.
R1EX24256BSAS0A/r1ex24256btas0a write operations (wp =low ) byte write: (write operation during wp=low status) a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth clock cycle. after thes e, the 256kbit eeprom receives 2 sequence 8-bit memory addr ess words. upon receipt of this memory address, the eeprom outputs acknowledgment "0" and r eceives a following 8-bit write data. after receipt of write data, the eeprom outputs acknowledgmen t "0". if the eeprom r eceives a stop condition, the eeprom enters an internally-timed write cycle and terminates receipt of sc l, sda inputs until completion of the write cycle. the eeprom returns to a standby mode after completion of the write cycle. byte write operation device address 1st memory address (n) 2nd memory address (n) write data (n) 256k 1010 w a12 a11 a14 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack ack r/w * 1 note: 1. don't care bit wp ack page write: the eeprom is capable of the page write operation which allo ws any number of bytes up to 64 bytes to be written in a single write cycle. the page write is the same sequence as the byte write except for inputting the more write data. the page write is initiated by a start condition, device address word, memory address(n) and write data (dn) with every ninth bit acknowledgment. the eeprom enters the page write operation if the eeprom receives more write data (dn+1) instead of receiving a stop cond ition. the a0 to a5 address bits are automatically incremen ted upon receiving write data (dn+1). the eeprom can continue to receive write data up to 64 bytes. if the a0 to a5 address bits reaches the last address of the page, the a0 to a5 address bits will roll over to the first address of the same page and previous write data will be overwritten. upon receiving a stop c ondition, the eeprom stops receiving write data and enters internally-timed write cycle. page write operation note: 1. don't care bit device address 1st memory address (n) 2nd memory address (n) write data (n+m) write data (n) 256k 1010 w a12 a11 a14 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start ack ack ack ack ack r/w * 1 wp r10ds0005ej0101 rev.1.01 page 9 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a write operations (wp =high ) byte write: (write operation during wp=high status) a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth clock cycle. after th ese, the 256kbit eeprom receives 2 sequ ence 8-bit memory address words. upon receipt of this memory address, the eeprom outputs acknowledgment "0 ". after receipt of 8-bit write data, the eeprom outputs acknowledgment "1" (no ack) . then the eeprom write operations are not allowed. byte write operation device address 1st memory address (n) 2nd memory address (n) write data (n) 256k 1010 w a12 a11 a14 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack ack r/w * 1 note: 1. don't care bit wp no ack page write: the page write is the same sequence as the byte write. the page write is initiated by a start condition, device address word and memory address(n) with every ninth bit acknowledgment"0". but after inputting write data(dn) , the eeprom outputs acknowledgment "1" (no ack ). then the eeprom write operations are not allowed. page write operation note: 1. don't care bit device address 1st memory address (n) 2nd memory address (n) write data (n+m) write data (n) 256k 1010 w a12 a11 a14 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start ack ack ack r/w * 1 wp no ack no ack r10ds0005ej0101 rev.1.01 page 10 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a acknowledge polling: ackno wledge polling feature is used to show if the eeprom is in a internally-timed write cycle or not. this feature is initiated by the stop condition after inputting write data. this requires the 8-bit device address word following the start condition during a internally-timed write cycle. acknowledge polling will operate when the r/w code = ?0?. acknowledgment ?1? (no acknowledgment) shows the eep rom is in a internally-timed write cycle and acknowledgment ?0? shows that the internally-timed write cycle has completed. see write cycle polling using ack. write cycle polling using ack send write command send stop condition to initiate write cycle send start condition send device address word with r/w = 0 send memory address send start condition send stop condition send stop condition proceed random address read operation proceed write operation next operation is addressing the memory ye s ye s no no ack returned r10ds0005ej0101 rev.1.01 page 11 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a read operation there are three read operations: current address read, ran dom read, and sequential read. read operations are initiated the same way as write operations with the exception of r/w = ?1?. current address read: the internal address counter maintains the last address accessed during the la st read or write operation, with incremented by one. current address read accesses the address kept by the internal address counter. after receiving a start condition and the device address word (r/w is ?1?), the eeprom outputs the 8-bit current address data from the most significant bit following acknowledgment ?0?. if the eeprom receives acknowledgment ?1? (no acknowledgment) and a following stop condition, the eeprom stops the read operation and is turned to a standby state. in case the eeprom has accessed the last address of the last page at previous read operation, the current address will roll over and returns to zero address. in case the eeprom ha s accessed the last address of the page at previous write operation, the current address will roll over within page addres sing and returns to the first address in the same page. the current address is valid while power is on. the current address after power on will be indefinite. the random read operation described below is necessary to define the memory address. current address read operation 256k device address read data (n+1) start stop 1010 r d7 d6 d5 d4 d3 d2 d1 d0 ack no ack r/w r10ds0005ej0101 rev.1.01 page 12 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a random read: this is a read operation with defined re ad address. a random read requires a dummy write to set read address. the eeprom receives a start condition, device ad dress word (r/w=0) and memory address 2 ? 8-bit sequentially. the eeprom outputs acknowledgment ?0? after receiving memory address then enters a current address read with receiving a start condition. the eeprom outputs the read data of the ad dress which was defined in the dummy write operation. after receiving acknowledg ment ?1?(no acknowledgment) and a following stop condition, the eeprom stops the random read operation and returns to a standby state. random read operation @@@ notes: 1. don't care bit 2. 2nd device address code (#) should be same as 1st (@). device address device address 1st memory address (n) 2nd memory address (n) read data (n) 256k 1010 ### 1010 r w a12 a11 a14 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start start ack ack no ack ack r/w ack r/w * 1 dummy write current address read sequential read: sequential rea ds are initiated by either a current addre ss read or a random read. if the eeprom receives acknowledgment ?0? after 8-bit r ead data, the read address is incremented and the next 8-bit read data are coming out. this operation can be continued as long as the eeprom receives acknowledgment ?0?. the address will roll over and returns address zero if it reaches the last address of the last page. the sequential read can be continued after roll over. the sequential read is terminated if the eeprom receives acknowledgment ?1 ? (no acknowledgment) and a following stop condition. sequential read operation device address read data (n+m) read data (n) read data (n+1) read data (n+2) 256k 1010 r d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack no ack ack r/w ack r10ds0005ej0101 rev.1.01 page 13 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a r10ds0005ej0101 rev.1.01 page 14 of 16 jul. 26, 2012 notes data protection at v cc on/off when v cc is turned on or off, noise on the scl and sda inputs generated by external circuits (cpu, etc) may act as a trigger and turn the eeprom to unintentional program mode . to prevent this unintentional programming, this eeprom has a power on reset function. be careful of the notices described below in order for the power on reset function to operate correctly. ? scl and sda should be fixed to v cc or v ss during v cc on/off. low to high or high to low transition during v cc on/off may cause the trigger for the unintentional programming. ? v cc should be turned off after the eeprom is placed in a standby state. ? v cc should be turned on from the ground level(v ss ) in order for the eeprom not to enter the unintentional programming mode. ? v cc turn on rate should be slower than 2 ? s/v. noise suppression time this eeprom have a noise suppression function at scl and sda inputs, that cut noise of width less than 100 ns. be careful not to allow noise of width more than 100 ns.
R1EX24256BSAS0A/r1ex24256btas0a package dimensions R1EX24256BSAS0A (prsp0008df-b / previous code: fp-8dbv) a l e c 1 b 1 d e a 2 b p c x y h e z l 1 4.89 1.06 0.25 0 8 6.02 0.15 0.20 0.25 0.45 0.102 0.14 0.254 3.90 0.406 0.60 0.889 1.73 reference symbol dimension in millimeters min nom max 5.15 a 1 0.35 0.40 6.20 5.84 1.27 0.10 0.69 index mark e 1 y xm p *3 *2 *1 f 4 85 d e h a z b p terminal cross section ( ni/pd/au plating ) b c detail f 1 1 l l a note) 1. dimensions" *1 (nom)"and" *2" do not include mold flash. 2. dimension" *3"does not include trim offset. e p-sop8-3.9x4.89-1.27 0.08g mass[typ.] fp-8dbv prsp0008df-b renesas code jeita package code previous code r10ds0005ej0101 rev.1.01 page 15 of 16 jul. 26, 2012
R1EX24256BSAS0A/r1ex24256btas0a r1ex24256btas0a (ptsp0008jc-b / previous code: ttp-8dav) a l e c 1 b 1 d e a 2 b p c x y h e z l 1 3.00 1.00 0.13 0 8 6.40 0.10 0.15 0.20 0.25 0.03 0.07 0.10 4.40 0.40 0.50 0.60 1.10 reference symbol dimension in millimeters min nom max 3.30 a 1 0.15 0.20 6.60 6.20 0.65 0.10 0.805 *1 85 e *2 index mark 14 *3 p mx y f a d e h z b detail f 1 1 a l l p terminal cross section ( ni/pd/au plating ) c b note) 1. dimensions"*1 (nom)"and" *2" do not include mold flash. 2. dimension"*3"does not include trim offset. e p-tssop8-4.4x3-0.65 0.034g mass[typ.] ttp-8dav ptsp0008jc-b renesas code jeita package code previous code r10ds0005ej0101 rev.1.01 page 16 of 16 jul. 26, 2012
all trademarks and registered trademarks are t he property of their respective owners. c - 1 revision history r1ex 24256bsas0a/r1ex24256bta s0a data sheet description rev. date page summary 1.00 aug. 04, 2010 initial issue 1.01 jul. 26, 2012 1 delete note item 2 change type number to orderable part numbers
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also, please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", and "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. further, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended where you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electronics data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct threat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renesas electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-owned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2012 renesas electronics corporation. all rights reserved. colophon 1.1


▲Up To Search▲   

 
Price & Availability of R1EX24256BSAS0A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X