Part Number Hot Search : 
F1008 AN630 CH9344 HEM552L HEM552L SF68G 4FCT8 1028721
Product Description
Full Text Search
 

To Download PCEI-036-02-F-D-TH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pcie?036?02?f?d?th pcie?098?02?f?d?em2 sal1?140?01?s?s?a www.samtec.com mates with: .062" (1,60mm) card f-209 (4,20) .165 (10,10) .398 (3,00) .118 (3,10) .122 a (11,00) .433 (15,40) .606 (1,35) .053 (10,00) .394 c (1,00) .03937 (1,78) .070 a1 a2 b1 b2 b (2,05) .081dia (11,65) .459 (861) .339 (870) .343 (2,50) .098 (2,00) .079 (7,50) .295 (3,97) .156 (1,50) .059 ?em2 ?th specifications high speed micro card pcie, sal1 series sal1 no. of positions plating option 20, 27, 30, 40 ?s = 30" (0,76m) gold on contact, matte tin on tail 01 a s no. of positions x (1,00) .03937 + (7,80) .3071 (5,45) .215 (1,50) .059 (6,16) .243 (2,10) .083 (1,20) .047 dia (0,25) .010 (1,90) .075 no. of positions x (1,00) .03937 + (1,50) .0591 no. of positions x (1,00) .03937 + (8,60) .3386 (1,00) .03937 (0,23) .009 no. of positions x (1,00) .03937 + (3,80) .1496 1 application specific option heavy gold plating available. call samtec. specifications for complete speci cations and recommended pcb layouts see www.samtec.com?sal1 insulator material: black lcp contact material: becu plating: au or sn over 50? (1,27?) ni operating temp: -55? to +125? current rating: 2.3 a @ 80? rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max mates with: (1,60mm) .062" or (2,40mm) .093" card note: some lengths, styles and options are non-standard, non-returnable. applications same side mount opposite side mount compatible satalink? is a trademark of silicon image inc. pci express is a registered trademark of pci-sig positions ?036 (x1) ?064 (x4) ?098 (x8) ?164 (x16) a (25,00) .984 (39,00) 1.535 (56,00) 2.205 (89,00) 3.504 b (7,65) .301 (21,65) .852 (38,65) 1.522 (71,65) 2.821 c (9,15) .360 (23,15) .911 (40,15) 1.581 (73,15) 2.880 1,65mm stack height rated @ -3db insertion loss single-ended signaling differential pair signaling 8.5 ghz / 17 gbps 9.0 ghz / 18 gbps pass through low pro? le ?036, ?064, ?098, ?164 pcie no. of positions ?em2 = edge mount ?th = through-hole termination plating option ?f = gold ? ash on contact, tin on tail 02 for complete speci cations and recommended pcb layouts see www.samtec.com?pcie insulator material: black nylon contact: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: testing now! operating temp: -55? to +125? card insertion depth: (8,00mm) .315" nominal rohs compliant: ye s processing: max processing temp: 230? for 60 seconds lead?free solderable: wave only note: some lengths, styles and options are non-standard, non-returnable. d f i n a l i n c h . c o m ?


▲Up To Search▲   

 
Price & Availability of PCEI-036-02-F-D-TH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X