Part Number Hot Search : 
210000 P3937 210000 NTD132C TIONA U63716DC PIC16C7 MMSZ5236
Product Description
Full Text Search
 

To Download P6-345220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  subminiature waterproof sealed limit switches p6-3 30 otto controls 2005 full line catalog specifications subject to change without notice featuring otto b5 series basic switches these subminia ture sealed switches are contained in a rugged alumin um housing with choice of lever, roller and plunger. featuring th e otto b5 series basic switch, the p6-3 series is able to switch up to 10 amperes. the high contact pr essure and superior wiping action of th e otto design also makes the p6-3 series an excellent choice when switching logic level loads. sealing against water and other liqu ids is per mi l-prf-8805. wire leaded mo dels feature potted leads. the solder terminals are epoxy sealed. quality features: ?om pact: only .85" w. x 1.17" h. x .32" thick ? atertight to mil-prf-8805 ?hoi ce of four actuator styles ?hoi ce of two termination styles ? 0 am pe re sw itc hi ng capability ? igh contact pressure for low levels precision operating points p6-3 part number code p6-3 x x x x x actuator terminal mounting serial style style circuitry holes digit see dr awing below. 1. lever 0. special ? 1. spn o-db, form x 1. no holes ? 0. 0 2. plunger 1. solder terminals 2. spn c-db, form y 2. 1 /2" centers except specials 3. roller lever 3. 1' potted leads 3. sp d t-sb, form c for #4-40 screws 4. o vertrav el 4. 3' potted leads 4. spd t-db, form z 4. 3/8" centers plunger ? 5. 6' potted leads for #2-56 screws ? specials are serialized. subsequent numbers do not specify standard features. ? o vertrav el model does not have mounting holes; is bushing mounted. operational: operating force: 2.5 lbs. maximum release force: 0.5 lbs. minimum movement diff erential: 0.020 ?010 in. pretravel: 0.050 in .maximum operate point: 0.406 ?010 in. o vertravel: 0.012 in. minimum strength of actuator: 25 lbs., typical electrical life, at full load: 50,000 cycles mechanical life: 50,000 cycles ph ys i cal: te mp erature range: continuou s -55c to +85c seal: en cl os ur e design 3, watertight per mil-s-8805 el ec tr i cal: t ype of sea level 50,000 ft. 125/250 cir cu itry load @28 vdc @28 vdc vac 60hz. spn o-db resistive 10.0 a 10.0 a 10.0 a spnc-db i nductiv e* 7.5 a 3.5 a 5.0 a d ouble-break lamp 4.0 a 3.0 a *l/r = .026 minimum current: .04 amperes di el ectric strength: 1050 volts rms


▲Up To Search▲   

 
Price & Availability of P6-345220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X