Part Number Hot Search : 
S71XXF ST8050 10R0J SGM8521 ADM1170 OP602 AJT006 DTB123Y
Product Description
Full Text Search
 

To Download MMSD-20-24C-26-S-0425-D-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ipd1?05?d?k mmss?10?20?s?03.25?d?k?lus mmsd?05?20?s?04.25?d?k?lux www.samtec.com www.samtec.com f-208-1 note: some lengths, styles and options are non-standard, non-returnable. ipd1 = body, loose specifications mini mate ? cable mates with: ipl1 (does not mate with ipt1) pins per row wire gauge plating option assembly length other option ?20 ?22 ?24 ?24c = color coded cable ?26 ?28 ?30 ??xx.xx? = assembly length in inches (82,55mm) 03.25" min. ?s = single end ?d = double end type mmsd, mmss, ipd1 series (12,83) .505 (7,24) .285 mmss mmsd ?d?k?lus 25 (2,54) .100 (12,83) .505 assembly length (3,18) .125 no. of positions x (2,54) .100 + (1,40) .055 (8,89) .350 01 (2,54) .100 end option ?02, ?05, ?10, ?15, ?20, ?25 ?02, ?05, ?10, ?15, ?20, ?25 (?d only) ?02, ?05, ?10 (?s only) (call samtec for other sizes) for complete speci cations see www.samtec.com?mmsd, www.samtec.com?mmss or www.samtec.com?ipd1 insulator material: nylon 66 contact material: phosphor bronze plating: au or sn over 50? (1,27?) ni operating temp range: -55? to +105? (20-26 awg) -55? to +80? (28-30 awg) voltage rating: 675 vac wire: 20 to 30 awg rohs compliant: ye s ?s = 30" (0,76m) gold on contact type 01 k k plating option cc79l = contact, loose cc79r = contact, full reel (15,000 parts per reel) ?2630 = 30 to 26 awg ?2024 = 24 to 20 awg wire gauge ?s = 30" (0,76m) gold on contact, tin on tail (1,57) .062 dia (1,91) .075 (3,81) .150 (1,52) .060 (3,17) .1250 (17,93) .706 positions per row type row option hand tools 20 to 24 awg: cat-ht-179-2024-11 26 to 30 awg: cat-ht-179-2630-11 ?s ?d application specific option application pin 1 2 3 4 5 6 7 8 9 10 etc brown red orange yellow green blue violet gray white black repeat ?24c cable color coding color ambient temp 20c 40c 60c 95c current rating mmss/ipl1 6.8a 6.0a 5.3a 3.6a mmss 6 positions in line powered mmsd 2x3 cluster powered mmsd/ipl1 5.8a 5.2a 4.5a 3.0a ? other color coded cables. ? with or without plug polarization (omit pin 1). call samtec. (available on ?d end option only. applies to end 2 housing) ?lus = latch up, straight ?lds = latch down, straight ?lux = latch up, crossed ?ldx = latch down, crossed mmsd = double row mmss = single row (02, 05 and 10 positions only) ?s = single row ?d = double row ?k = keyed polarization ?k = keyed polarization


▲Up To Search▲   

 
Price & Availability of MMSD-20-24C-26-S-0425-D-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X