Part Number Hot Search : 
TXC101 5MTCX NJM2146 PSMR12 SDZ5V1Q 150B6TR BR404 30SC4MT
Product Description
Full Text Search
 

To Download MBR20150CT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr20150ct 20 amp high voltage features ? high junction temperature capability ? low leakage current mcc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr 20150 ct 150 v 105v 150 v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 20 a t c =155 c peak forward surge current i fsm 180a 8.3ms, half maximum instantaneous forward voltage mbr20150ct v f .92v * pulse test: pulse width38 0 sec, duty cycle 2% i fm =10a t j =25 c pin 1 pin 3 pin 2 case a b c k j i h g f d n m l h 150volts to-220ab pin 13 maximum ratings ? operating j unction temperature : 15 0 c ? storage temperature: - 5 0 c to +150 c ? per d iode thermal resistance 2.2c/w junction to case ? total thermal resistance 1.3c/w junction to case barrier rectifier power schottky maximum reverse current at rated dc blocking voltage i r 25 a t j = 25 c 5m a t j = 125 c v f .75v i fm = 10a t j = 125 c sine wave  
 omp onents 20736 marilla street chatsworth       
     mcc  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .090 .110 2.29 2.79 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 
  tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 x marking : type number www. mccsemi .com 1 of 4 revision: 4 2007/07/18 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 n .080 .115 2.03 2.92
mbr20150ct mcc 0123456789101112 0 1 2 3 4 5 6 7 8 9 10 if(av) (a) pf(av)(w) t  =tp/t tp  = 0.05  = 0.1  = 0.2  = 0.5  = 1 fig. 1: average forward power dissipation versus average forward current (per diode). 0 25 50 75 100 125 150 175 0 2 4 6 8 10 12 tamb(c) if(av)(a) rth(j-a)=rth(j-c) rth(j-a)=15c/w t  =tp/t tp fig. 2: average forward current versus ambient temperature (  = 0.5, per diode). 1e-3 1e-2 1e-1 1e+0 0 25 50 75 100 125 150 t(s) im(a) tc=50c tc=75c tc=125c i m t  =0.5 fig. 3: non repetitive surge peak forward current versus overload duration (maximum values, per diode). 1e-3 1e-2 1e-1 1e+0 0.0 0.2 0.4 0.6 0.8 1.0 tp(s) zth(j-c)/rth(j-c) t  =tp/t tp  = 0.5  = 0.2  = 0.1 single pulse fig. 4: relative variation of thermal impedance junction to case versus pulse duration (per diode). 0 25 50 75 100 125 150 1e-1 1e+0 1e+1 1e+2 1e+3 1e+4 1e+5 vr(v) ir(a) tj=125c tj=25c tj=150c tj=100c tj=175c fig. 5: reverse leakage current versus reverse voltage applied (typical values, per diode). 1 2 5 10 20 50 100 200 10 100 1000 vr(v) c(pf) f=1mhz tj=25c fig. 6: junction capacitance versus reverse voltage applied (typical values, per diode). tm micro commercial components www. mccsemi .com 2 of 4 revision: 4 2007/07/18
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.1 1.0 10.0 100.0 vfm(v) ifm(a) tj=25c tj=125c typical values tj=125c fig. 7: forward voltage drop versus forward current (maximum values, per diode). 0 2 4 6 8 101214161820 0 10 20 30 40 50 60 70 80 s(cm2) rth(j-a) (c/w) fig. 8: thermal resistance junction to ambient versus copper surface under tab (epoxy printed circuit board, copper thickness: 35m) (stps20150cg only). mbr20150ct mcc tm micro commercial components www. mccsemi .com 3 of 4 revision: 4 2007/07/18
mcc revision: 4 2007/07/18 tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MBR20150CT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X