Part Number Hot Search : 
F840LCL 5S1P8 F840LCL SM75056E L1026A SB23ZE04 30GKW AS78L18R
Product Description
Full Text Search
 

To Download LV9945DCW15625M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pletronics, inc. (425)-776-1880, fax: (425) 776-276 0, www.pletronics.com sgc001 (rev-d) pletronics part series package size crystal mode frequency range (mhz) tr/tf maximum (ps) duty cy- cle % typical rms jitter (ps) current with load (ma) supply voltage 12khz- 20mhz 10hz- 20mhz 2.5v 3.3v lv55d 3.2x5 mm 3rd ot 80-325 900 45-55 0.4 2.6 66 ? ? lv55f 3.2x5 mm fund. 13-110 400 45-55 0.4 1.0 27 ? ? lv55g 3.2x5 mm 3rd ot 35-220 400 45-55 0.4 0.9 40 ? ? lv77d 5x7 mm 3rd ot 80-325 900 45-55 0.4 2.6 66 ? ? lv77f 5x7 mm fund 13-110 400 45-55 0.4 1.0 27 ? ? lv77g 5x7 mm 3rd ot 35-220 400 45-55 0.4 0.9 40 ? ? lv99d 5x7 mm fund. synth. 10.9-670 300 47-53 0.6 2.1 90 ? lv55d series lv55d series lv55d series lv55d series lcc ceramic package 3.2 x 5.0 x 1.35 mm ? 3rd overtone crystal ? enable/disable function on pad 1 ? small smd package for high density board designs lv77d series lv77d series lv77d series lv77d series lcc ceramic package 5.0 x 7.0 x 1.7 mm ? 3rd overtone crystal ? enable/disable function on pad 1 lv55f and lv55g series lv55f and lv55g series lv55f and lv55g series lv55f and lv55g series lcc ceramic package 3.2 x 5.0 x 1.35 mm ? lv55f is fundamental crystal ? lv55g is 3rd overtone crystal ? improved rise and fall times ? enable/disable function on pad 1 ? small smd package for high density board designs lv77f and lv77g series lv77f and lv77g series lv77f and lv77g series lv77f and lv77g series lcc ceramic package 5 x 7 x 1.7 mm ? lv77f is fundamental crystal ? lv77g is 3rd overtone crystal ? improved rise and fall times ? enable/disable function on pad 1 lv99d series lv99d series lv99d series lv99d series lcc ceramic package 3.3 volt only 5.0 x 7.0 x 1.7 mm ? advanced synthesized design ? uses a fundamental mode crystal ? frequencies from 10mhz to over 600mhz. pletronics rohs 6/6 compliant crystal controlled oscillators lvds output lvds output lvds output lvds output features features features features applications applications applications applications ? excellent phase noise characteristics ? all have tri-state with power standby modes ? temp range: - 10 to +70c standard, -40 to +85c extended ? available tolerances: +/- 20ppm, +/- 25ppm, and +/- 50ppm ? most common frequencies in stock ideal reference clocks for high-speed applications requiring low jitter, including: ? 1/10 gigabit ethernet ? 2/4/10g fibre channel ? server & storage platforms ? sonet/sdh linecards. part numbering part numbering part numbering part numbering
pletronics, inc. (425)-776-1880, fax: (425) 776-276 0, www.pletronics.com sgc001 (rev-d) pletronics rohs 6/6 compliant crystal controlled oscillators pecl output pecl output pecl output pecl output pe55d series pe55d series pe55d series pe55d series lcc ceramic package 3.2 x 5.0 x 1.35 mm ? 3rd overtone crystal ? enable/disable function on pad 1 ? small smd package for high density board designs pe77d series pe77d series pe77d series pe77d series lcc ceramic package 5.0 x 7.0 x 1.7 mm ? 3rd overtone crystal ? enable/disable function on pad 1 pe55f and pe55g series pe55f and pe55g series pe55f and pe55g series pe55f and pe55g series lcc ceramic package 3.2 x 5.0 x 1.35 mm ? pe55f is fundamental crystal ? pe55g is 3rd overtone crystal ? improved rise and fall times ? enable/disable function on pad 1 pe77f and pe77g series pe77f and pe77g series pe77f and pe77g series pe77f and pe77g series lcc ceramic package 5 x 7 x 1.7 mm ? pe77f is fundamental crystal ? pe77g is 3rd overtone crystal ? improved rise and fall times ? enable/disable function on pad 1 pe99d series pe99d series pe99d series pe99d series lcc ceramic package 3.3 volt only 5.0 x 7.0 x 1.7 mm ? advanced synthesized design ? uses a fundamental mode crystal ? frequencies from 10mhz to over 1-ghz. pletronics part series package size crystal mode frequency range (mhz) tr/tf maximum (ps) duty cycle % typical rms jitter (ps) current with load (ma) supply voltage 12khz- 20mhz 10hz- 20mhz 2.5v 3.3v pe55d 3.2x5 mm 3rd ot 40-250 700 45-55 0.4 2.6 90 ? ? pe55f 3.2x5 mm fund. 13-110 400 45-55 0.9 1.0 27 ? ? pe55g 3.2x5 mm 3rd ot 35-220 400 45-55 0.4 0.9 40 ? ? pe77d 5x7 mm 3rd ot 40-325 700 45-55 0.4 2.6 90 ? ? pe77f 5x7 mm fund. 13-110 400 45-55 0.9 1.0 27 ? ? pe77g 5x7 mm 3rd ot 35-220 400 45-55 0.4 0.9 40 ? ? pe99 5x7 mm fund. synth. 10.9-766 876-1,170 300 47-53 0.6 2.1 90 ? features features features features part numbering part numbering part numbering part numbering applications applications applications applications ? excellent phase noise characteristics ? temp range: - 10 to +70c standard, -40 to +85c extended ? available tolerances: +/- 20ppm, +/- 25ppm, and +/- 50ppm ? most common frequencies in stock ideal reference clocks for high-speed applications requiring low jitter, including: ? 1/10 gigabit ethernet ? 2/4/10g fibre channel ? server & storage platforms ? sonet/sdh linecards .


▲Up To Search▲   

 
Price & Availability of LV9945DCW15625M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X