Part Number Hot Search : 
SI3406X AD9640 AN5792 2E30A FWL10G 2SK551 FXP1800 UITE1
Product Description
Full Text Search
 

To Download LL-483VC1C-V1-3B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 1 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com part no.: LL-483VC1C-V1-3B 4.8mm round wide viewing angle type ultra red led technical data sheet
luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 2 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com features: descriptions: applications: choice of various color. viewing angle=80. high efficiency. selected minimum intensities. available on tape and reel. the product itself will remain within rohs compliant version. the series is specially designed for a pplications requiring higher brightness. the led lamps are available with different colors, intensities. tv set. monitor. te l e p h o n e . computer. circuit board. status indicators. commercial use. advertising signs. back lighting.
luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 3 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com package dimension: notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25 mm (.010 ) unless otherwise noted. 3. protruded resin is 1.00 mm (.039 ) max. 4. specifications are subject to change without notice. part no. chip material lens color source color LL-483VC1C-V1-3B alingap water clear ultra red
luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 4 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com absolute maximum ratings at ta=25 parameters symbol max. unit power dissipation pd 62 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) ifp 100 ma continuous forward current if 25 ma reverse voltage vr 5 v operating temperature range topr -40 to +85 storage temperature range tstg -40 to +100 lead soldering temperature [4mm (.157 ) from body] tsld 260 for 5 seconds electrical optical characteristics at ta=25 parameters symbol min. typ. max. unit test condition luminous intensity (note 1)* iv 270 460 --- mcd if=20ma viewing angle * 2 1/2 --- 80 --- deg (note 2) peak emission wavelength p --- 632 --- nm if=20ma dominant wavelength d --- 624 --- nm if=20ma spectrum radiation bandwidth ? --- 20 --- nm if=20ma forward voltage vf 1.60 2.00 2.50 v if=20ma reverse current ir --- --- 10 a v r =5v notes: 1. luminous intensity measurement allowance is 10%. 2. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3. the dominant wavelength ( d) is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device.
luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 5 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com typical electrical / optical characteristics curves (25 ambient temperature unless otherwise noted) spectrum distribution relative luminous intensity (%) ta=25 0 400 100 forward current & forward voltage forward current if (ma) ta=25 0 10 20 30 40 50 1.4 1.6 1.8 2.0 2.2 2.4 forward voltage vf (v) 300 500 600 700 800 wavelength p (nm) 75 50 25 luminous intensity & ambient temperature relative luminous intensity (%) 1 1000 -60 ambient temperature ta ( ) 100 10 -40-20 0 20406080100 luminous intensity & forward current relative luminous intensity (%) 1 1000 10 forward current if (ma) 100 10 0 10 1 10 2 10 3 forward current derating curve forward current if (ma) 0 0 10 20 30 40 50 ambient temperature ta ( ) 25 f=1khz duty=1/10 ta=25 20 40 60 80 100 2.6 ta=25 radiation diagram 0.3 0 0.7 0.8 1.0 0.9 0.1 0 0.2 0.4 0.6 0.5 o 10 o 20 o 30 o 40 o 50 o 60 o 70 o 80 o 90 o
luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 6 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com reliability test items and conditions: the reliability of products shall be satisfied with items listed below: confidence level: 90%. ltpd: 10%. 1) test items and results: te s t i t e m standard te s t method test conditions note number of damage d resistance to soldering heat jeita ed-4701 300 302 tsld=2605 , 10sec 3mm from the base of the epoxy bulb 1 time 0/100 solder ability jeita ed-4701 300 303 tsld=2355 , 5sec(using flux) 1time over 95% 0/100 thermal shock jeita ed-4701 300 307 0 ~100 15sec, 15sec 100 cycles 0/100 temperature cycle jeita ed-4701 100 105 -40 ~25 ~100 ~25 30min,5min,30min,5min 100 cycles 0/100 moisture resistance cycle jeita ed-4701 200 203 25 ~65 ~-10 90%rh 24hrs/1cycle 10 cycles 0/100 high temperature storage jeita ed-4701 200 201 ta = 1 0 0 1000hrs 0/100 terminal strength (pull test) jeita ed-4701 400 401 load 10n (1kgf) 101sec no noticeable damage 0/100 terminal strength (bending test) jeita ed-4701 400 401 load 5n (0.5kgf) 0~90~0 bend 2 times no noticeable damage 0/100 temperature humidity storage jeita ed-4701 100 103 ta = 6 0 , rh=90% 1000hrs 0/100 low temperature storage jeita ed-4701 200 202 ta = - 4 0 1000hrs 0/100 steady state operating life ta = 2 5 , if 30ma 1000hrs 0/100 steady state operating life of high humidity heat ta = 6 0 , rh=90%, if=30ma 500hrs 0/100 steady state operating life of low te m p e ra t u r e ta = - 3 0 , if 20ma 1000hrs 0/100 2) criteria for judging the damage: criteria for judgment item symbol test conditions min max forward voltage vf if 20ma --- f.v.*)1.1 reverse current ir vr=5v --- f.v.*)2.0 luminous intensity iv if 20ma f.v.*)0.7 --- *) f.v.: first value.
luckylight spec no.: a027x355 rev no.: v.2 date: jun/30/2009 page: 7 of 7 approved: jojo checked: wu drawn: yao lucky light electronics co., ltd. http://www.luckylightled.com please read the following note s before using the product: 1. over-current-proof customer must apply resistors for protection, otherwise slight voltage shift will cause big current change (burn out will happen). 2. storage 2.1 do not open moisture proof bag before the products are ready to use. 2.2 before opening the package, the leds should be kept at 30 or less and 90%rh or less. 2.3 the leds should be used within a year. 2.4 after opening the package, the leds should be kept at 30 or less and 70%rh or less. 2.5 the leds should be used within 168 hours (7 days) after opening the package. 3. soldering iron each terminal is to go to the tip of soldering iron temperature less than 260 for 5 seconds within once in less than the soldering ir on capacity 25w. leave two seconds and more intervals, and do soldering of each terminal. be careful because the damage of the product is often started at the time of the hand solder. 4. repairing repair should not be done after the leds have been soldered. when repairing is unavoidable, a double-head soldering iron should be used (as below figure). it should be confirmed beforehand whether the characteristics of the le ds will or will not be damaged by repairing.


▲Up To Search▲   

 
Price & Availability of LL-483VC1C-V1-3B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X