Part Number Hot Search : 
AD830 TDA3681 BR1500 1001A 633A32 ECCM1 ECCM1 TDA3681
Product Description
Full Text Search
 

To Download KA431SAMF2TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2011 fairchild semiconductor corporation www.fairchildsemi.com rev. 1.0.7 features ? programmable output voltage to 36 volts ? low dynamic output impedance 0.2 typical ? sink current capability of 1.0 to 100ma ? equivalent full-range temperature coefficient of 50ppm/ c typical ? temperature compensated for operation over full rated operating temperature range ? low output noise voltage ? fast turn-on response description the ka431s/ka431sa/ka431sl are three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. the output voltage may be set to any value between v ref (approximately 2.5 volts) and 36 volts with two external resistors these devices have a typical dynamic output impedance of 0.2 . active output circuitry provides a very sharp turn on characteristic, making these devices excellent replacement for zener diodes in many applications. sot-23f 1 2 3 mf- 1.cathode 2. ref 3. anode mf2- 1. ref 2. cathode 3. anode internal block diagram 2.5 vref cathode anode reference anode(a) reference (r) cathode (k) + - ka431s/ka431sa/ka431sl programmable shunt regulator
ka431s/ka431sa/ka431sl 2 absolute maximum ratings (operating temperature range applies unless otherwise specified.) note : 1. thermal resistance test board size: 76.2mm * 114.3mm * 1.6mm (1s0p) jedec standard: jesd51-3, jesd51-7 2. assume no ambient airflow. 3. t jmax = 150 c , ratings apply to ambient temperature at 25 c 4. power dissipation calculation: p d = (t j - t a )/ r ja recommended operating conditions parameter symbol value unit cathode voltage v ka 37 v cathode current range (continuous) i ka -100 ~ +150 ma reference input current range i ref -0.05 ~ +10 ma thermal resistance junction-air (note1,2) mf suffix package r ja 350 c/w power dissipation (note3,4) mf suffix package p d 350 mw junction temperature t j 150 c operating temperature range t opr -25 ~ +85 c storage temperature range t stg -65 ~ +150 c parameter symbol min. typ. max. unit cathode voltage v ka v ref -36v cathode current i ka 1.0 - 100 ma
ka431s/ka431sa/ka431sl 3 electrical characteristics (t a = +25 c, unless otherwise specified) ?t min = -25 c, t max = +85 c parameter symbol conditions ka431s ka431sa ka431sl unit min. typ. max. min. typ. max. min. typ. max. reference input voltage v ref v ka =v ref , i ka =10ma 2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508 v deviation of reference input voltage over- temperature vref/ t vka=vref, ika=10ma tmin ta tmax - 4.5 17 - 4.5 17 - 4.5 17 mv ratio of change in reference input voltage to the change in cathode voltage vref/ vka ika =10ma vka=10 v-vref - -1.0 -2.7 - -1.0 -2.7 - -1.0 -2.7 mv/v vka=36 v-10v - -0.5 -2.0 - -0.5 -2.0 - -0.5 -2.0 reference input current iref ika=10ma, r1=10k ,r2= -1.54 -1.54 -1.54 a deviation of reference input current over full temperature range iref/ t ika=10ma, r1=10k ,r2= ta =full range - 0.4 1.2 - 0.4 1.2 - 0.4 1.2 a minimum cathode cur- rent for regulation ika(min) vka=vref - 0.45 1.0 - 0.45 1.0 - 0.45 1.0 ma off - stage cathode current ika(off) vka=36v, vref=0 - 0.05 1.0 - 0.05 1.0 - 0.05 1.0 a dynamic impedance zka vka=vref, ika=1 to 100ma f 1.0khz - 0.15 0.5 - 0.15 0.5 - 0.15 0.5
ka431s/ka431sa/ka431sl 4 test circuits figure 1. test circuit for v ka =v ref figure 2. test circuit for v ka v ref ka431s ka431s ka431s figure 3. test circuit for l ka(off)
ka431s/ka431sa/ka431sl 5 typical performance characteristics -2 -1 0 1 2 3 -100 -50 0 50 100 150 v ka = v ref t a = 25 o c i k , cathode current (ma) v ka , cathode voltage (v) -50 -25 0 25 50 75 100 125 0.000 0.025 0.050 0.075 0.100 i off , off-state cathode current (ua) t a , ambient temperature ( o c) 1k 10k 100k 1m 10m -10 0 10 20 30 40 50 60 t a = 25 o c i ka = 10ma open loop voltage gain (db) frequency (hz) -10123 -200 0 200 400 600 800 i ka(min) v ka = v ref t a = 25 o c i ka , cathode current (ua) v ka , cathode voltage (v) -50 -25 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 i ref , reference input current (ua) t a , ambient temperature ( o c) 0 4 8 12 16 20 0 1 2 3 4 5 6 t a =25 o c output input voltage swing (v) time (us) figure 4. cathode current vs. cathode voltage figure 5. cathode current vs. cathode voltage figure 6. off-state cathode current vs. ambient temperature figure7. reference input current vs. figure 8. small signal voltage amplification vs. frequency figure 9. pulse response ambient temperature
ka431s/ka431sa/ka431sl 6 typical performance characteristics (continued) 100p 1n 10n 100n 1 [ 10 [ 0 20 40 60 80 100 120 140 b a a v ka = vref b v ka = 5.0 v @ i k = 10 ma t a = 25 o c i k , cathode current(ma) c l , load capacitance figure 10. stability boundary conditions figure 11. anode-reference diode curve figure 12. reference-cathode diode curve 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 1 2 3 4 5 current(ma) anode-ref. voltage(v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 1 2 3 4 5 current(ma) ref.-cathode voltage(v) stable stable
ka431s/ka431sa/ka431sl 7 typical application v o 1 r 1 r 2 ------ - + ?? ?? v ref = ka431s v o v ref 1 r 1 r 2 ------ - + ?? ?? = ka431s v o 1 r 1 r 2 ------ - + ?? ?? v ref = ka431s ka431s ka431s figure 13 . shunt regulator figure 14 . output control for - three-termianl fixed regulator figure 15. high current shunt regulator figure 16. current limi t or current source figure 17. constant-current sink
ka431s/ka431sa/ka431sl 8 mechanical dimensions package dimensions in millimeters marking sot-23f 43a 43b 43c 2% tolerance 1% tolerance 0.5% tolerance 43a 43b 43c 2% tolerance 1% tolerance 0.5% tolerance 43d 43e 43f mf- mf2-
ka431s/ka431sa/ka431sl 9 ordering information product number output voltage tole rance package operating temperature ka431slmf 0.5% sot-23f -25 ~ +85 c ka431samf 1% sot-23f ka431smf 2% sot-23f ka431slmf2 0.5% sot-23f ka431samf2 1% sot-23f ka431smf2 2% sot-23f
ka431s/ka431sa/ka431sl 2/22/11 0.0m 001 stock#ds400506 ? 2011 fairchild semiconductor corporation life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain li fe, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of KA431SAMF2TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X