Part Number Hot Search : 
AS2214N 1N5556 RT7285C S72N42SF IRFS654 TLCR6800 000M18X3 S72N42SF
Product Description
Full Text Search
 

To Download HT24LC256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 1.00 1 january 29, 2013 rev. 1.00 pb january 29, 2013 HT24LC256 cmos 256k 2-wire serial eeprom features ? operating voltage: 2.2v~5.5v for ta=-40?c to +85?c ? memory capacity: 256k (32k8) ? 2-wire i 2 c serial interface ? write cycle time: 5ms max. ? automatic erase-before-write operation ? partial page write allowed ? 64-byte page write modes ? write operation with built-in timer ? hardware controlled write protection ? 40-year data retention ? 10 6 erase/write cycles per word ? 8-pin dip/sop/tssop package description the HT24LC256 device is a 256k-bit 2-wire serial read/write non-volatile memory device manufactured using a cmos foating gate process. its 256k bits of memory are organized into 32k words and each word is 8 bits. the device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. up to eight HT24LC256 devices may be connected to the same two-wire bus. the HT24LC256 is guaranteed for 1m erase/write cycles and 40-year data retention. block diagram                      

                  ? ? ??  ?   
?    ??     ? ?  - ?   pin assignment                                HT24LC256 8 dip-a/sop-a/tssop-a pin description pin name type description a0~a2 i address inputs sda i/o serial data scl i serial clock input wp i write protect vss pwr negative power supply, ground vcc pwr positive power supply
rev. 1.00 2 january 29, 2013 HT24LC256 absolute maximum ratings supply voltage ........................v ss ?0.3v to v ss +3.0v storage temperature ..................-50c to 125c input voltage ...........................v ss ?0.3v to v cc +0.3v operating temperature..................-40c to 85c note: these are stress ratings only. stresses exceeding the range specifed under absolute maximum ratings may cause substantial damage to the device. functional operation of this device at other conditions beyond those listed in the specifcation is not implied and prolonged exposure to extreme conditions may affect device reliability. d.c characteristics ta=-40oc to 85oc symbol parameter test condition min. typ. max. unit v cc conditions v cc operating voltage 2.2 5.5 v i cc1 operating current 5v read at 100khz 2 ma i cc2 operating current 5v write at 100khz 5 ma v il input low voltage -1 0.3v cc v v ih input high voltage 0.7v cc v cc +0.5 v v ol output low voltage 2.4v i ol =2.1ma 0.4 v i li input leakage current 5v v in =0 or v cc 0.1 2 a i lo output leakage current 5v v out =0 or v cc 0.1 1 a i stb1 standby current 5v v in =0 or v cc 3 a i stb2 standby current 2.2v v in =0 or v cc 2 a c in input capacitance (see note) f sk =1mhz @ 25?c 6 pf c out output capacitance (see note) f sk =1mhz @ 25?c 8 pf note: these parameters are periodically sampled but not 100% tested. a.c characteristics ta=-40oc to 85oc symbol parameter remark v cc =2.2~5.5v v cc =2.5~5.5v unit min. max. min. max. f sk clock frequency 400 1000 khz t high clock high time 600 400 ns t low clock low time 1200 600 ns t r sda and scl rise time note 300 300 ns t f sda and scl fall time note 300 300 ns t hd:sta start condition hold time after this period the frst clock pulse is generated 600 250 ns t su:sta start condition setup time only relevant for repeated start condition 600 250 ns t hd:dat data input hold time 0 0 ns t su:dat data input setup time 150 100 ns t su:sto stop condition setup time 600 250 ns t aa output valid from clock 900 600 ns t buf bus free time time in which the bus must be free before a new transmission can start 1200 500 ns t sp input filter time (sda and scl pins) noise suppression time 50 50 ns t wr write cycle time 5 5 ms endurance 25oc, page mode 5.0v 1,000,000 write cycles note: these parameters are periodically sampled but not 100% tested. for relative timing, refer to timing diagrams.
rev. 1.00 3 january 29, 2013 HT24LC256 functional description pin function ? serial clock C scl the positive edge of the scl input is used to clock data into the eeprom device. the negative edge is used to clock data out of the device. ? serial data C sda the sda pin is bidirectional for serial data transfer. the pin is open drain driven and may be wired-or with any number of other open drain or open collector devices. ? address inputs C a0, a1, a2 the a2, a1 and a0 pins are device address inputs that are hard wired or left not connected. when the pins are hardwired, as many as eight 256k devices may be addressed on a single bus system (device addressing is discussed in detail under the device addressing section). these inputs must be tied to vcc or vss, to establish the device select code. ? write protect C wp the device has a write protect pin that provides hardware data protection. the write protect pin allows normal read/write operations connected to ground. when the write protect pin is connected to vcc, the write protection feature is enabled and operates as shown in the following table. wp pin status protect array v cc full array C 256k v ss or foating normal read/write operations memory structure the device is internally structured into 32k 8-bit words. a 15-bit data word address is required for word addressing. device operation ? clock and data transition data transfer may be initiated only when the bus is not busy. during data transfer, the data line must remain stable whenever the clock line is high. changes in the data line while the clock line is high will be interpreted as a start or stop condition. ? start condition a high-to-low transition of sda with scl high is a start condition which must precede any other command (refer to start and stop definition timing diagram). ? stop condition a low-to-high transition of sda with scl high is a stop condition. after a read sequence, the stop command will place the eeprom in a standby power mode (refer to start and stop definition timing diagram). ? acknowledge all addresses and data words are serially transmitted to and from the eeprom in 8-bit words. the eeprom sends a zero to acknowledge that it has received each word. this happens during the ninth clock cycle. sda scl data allowed to change start condition stop condition no ack state address or acknowledge valid start and stop defnition timing diagram device addressing the 256k eeprom device requires an 8-bit device address word following a start condition to enable the chip for a read or write operation. the device address word consists of a mandatory one, zero sequence for the frst four most signifcant bits (refer to the diagram showing the device address). this is common to all the eeprom devices. the 256k eeprom uses the three device address bits a2, a1, a0 to allow as many as eight devices on the same bus. these bits are compared to their corresponding hardwired input pins. the 8 th bit device address is the read/write operation select bit. a read operation is initiated if this bit is high and a write operation is initiated if this bit is low. if the comparison of the device address is successful, the eeprom will output a zero ack bit. if not, the device will return to the standby state.               device adress
rev. 1.00 4 january 29, 2013 HT24LC256 write operations ? byte write a write operation requires two data word addresses following the device address word and acknowledgment. upon receipt of this address, the eeprom will again respond with a zero and then clock in the first 8-bit data word. after receiving the 8-bit data word, the eeprom will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. at this time the eeprom will execute an internally-timed write cycle to the non-volatile memory. all inputs are disabled during this write cycle and the eeprom will not respond until the write operation is completed (refer to byte write timing). ? page write the 256k eeprom is capable of a 64-byte page write. a page write is initiated in the same way as a byte write, but the microcontroller does not send a stop condition after the frst data word is clocked in. instead, after the eeprom acknowledges the receipt of the frst data word, the microcontroller can transmit up to 63 more data words. the eeprom will respond with a zero after each data word received. the microcontroller must terminate the page write sequence with a stop condition (refer to page write timing). the data word address lower 6 bits are internally incremented following the receipt of each data word. the higher data word address bits are not incremented, retaining the memory page row location. when the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. if more than 64 data words are transmitted to the eeprom, the data word address will roll over and previous data will be overwritten. ? acknowledge polling to maximize bus throughput, one technique is to allow the master to poll for an acknowledge signal after the start condition and the control byte for a write command has been sent. if the device is still busy implementing its write cycle, then no ack will be returned. the master can send the next read/write command when the ack signal has fnally been received.                                             
        ?      ? ? acknowledge polling timing ? write protect the HT24LC256 device has a write-protect function. programming will be inhibited when the wp pin is connected to vcc. in this mode, the HT24LC256 device can be used as a serial rom.                    
  
          
          
                ? ?  ?    ?   page write timing                          
            
              byte write timing
rev. 1.00 5 january 29, 2013 HT24LC256 read operations the HT24LC256 device supports three read operations, namely, current address read, random address read and sequential read. during read operation execution, the read/write select bit should be set to 1. ? current address read the internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. this address remains valid between operations as long as the chip power is maintained. the address will roll over during a read from the last byte of the last memory page to the first byte of the first page. the address will roll over during a write from the last byte of the current page to the first byte of the same page. once the device address with the read/write select bit set to one is clocked in and acknowledged by the eeprom, the current address data word is serially clocked out. the microcontroller does not respond with an input zero but generates a following stop condition (refer to current read timing).                      
  
  current address read timing ? random read a random read requires a dummy byte write sequence to load in the data word address which is then clocked in and acknowledged by the eeprom. the microcontroller must then generate another start condition. the microcontroller now initiates a current address read by sending a device address with the read/write select bit high. the eeprom acknowledges the device address and serially clocks out the data word. the microcontroller should respond with a no ack signal (high) followed by a stop condition (refer to random read timing). ? sequential read sequential reads are initiated by either a current address read or a random address read. after the microcontroller receives a data word, it responds with an acknowledgment. as long as the eeprom receives an acknowledgment, it will continue to increment the data word address and serially clock out sequential data words. when the memory address limit is reached, the data word address will roll over and the sequential read continues. the sequential read operation is terminated when the microcontroller does not respond with a zero but generates a following stop condition.                     
             
     
                 
       ? ??   ?    ?  random read timing                  
           
    
   
       sequential read timing
rev. 1.00 6 january 29, 2013 HT24LC256 timing diagrams                                    

          start note: the write cycle time t wr is the time from a valid stop condition of a write sequence to the end of the valid start condition of sequential command.
rev. 1.00 7 january 29, 2013 HT24LC256 package information note that the package information provided here is for consultation purposes only. as this information may be updated at regular intervals users are reminded to consult the holtek website (http://www.holtek.com.tw/english/ literature/package.pdf) for the latest version of the package information. 8-pin dip (300mil) outline dimensions               symbol dimensions in inch min. nom. max. a 0.355 D 0.375 b 0.240 D 0.260 c 0.125 D 0.135 d 0.125 D 0.145 e 0.016 D 0.020 f 0.050 D 0.070 g D 0.100 D h 0.295 D 0.315 i D 0.375 D symbol dimensions in mm min. nom. max. a 9.02 D 9.53 b 6.10 D 6.60 c 3.18 D 3.43 d 3.18 D 3.68 e 0.41 D 0.51 f 1.27 D 1.78 g D 2.54 D h 7.49 D 8.00 i D 9.53 D
rev. 1.00 8 january 29, 2013 HT24LC256 8-pin sop (150mil) outline dimensions               ms-012 symbol dimensions in inch min. nom. max. a 0.228 D 0.244 b 0.150 D 0.157 c 0.012 D 0.020 c' 0.188 D 0.197 d D D 0.069 e D 0.050 D f 0.004 D 0.010 g 0.016 D 0.050 h 0.007 D 0.010 0 D 8 symbol dimensions in mm min. nom. max. a 5.79 D 6.20 b 3.81 D 3.99 c 0.30 D 0.51 c' 4.78 D 5.00 d D D 1.75 e D 1.27 D f 0.10 D 0.25 g 0.41 D 1.27 h 0.18 D 0.25 0 D 8
rev. 1.00 9 january 29, 2013 HT24LC256 8-pin tssop outline dimensions                       
symbol dimensions in inch min. nom. max. a 0.041 D 0.047 a1 0.002 D 0.006 a2 0.031 D 0.041 b D 0.010 D c 0.004 D 0.006 d 0.114 D 0.122 e 0.244 D 0.260 e1 0.169 D 0.177 e D 0.026 D l 0.020 D 0.028 l1 0.035 D 0.043 y D D 0.004 0 D 8 symbol dimensions in mm min. nom. max. a 1.05 D 1.20 a1 0.05 D 0.15 a2 0.80 D 1.05 b D 0.25 D c 0.11 D 0.15 d 2.90 D 3.10 e 6.20 D 6.60 e1 4.30 D 4.50 e D 0.65 D l 0.50 D 0.70 l1 0.90 D 1.10 y D D 0.10 0 D 8
rev. 1.00 10 january 29, 2013 HT24LC256 reel dimensions       sop 8n, tssop 8l symbol description dimensions in mm a reel outer diameter 330.01.0 b reel inner diameter 100.01.5 c spindle hole diameter 13.0 +0.5/-0.2 d key slit width 2.00.5 t1 space between flange 12.8 +0.3/-0.2 t2 reel thickness 18.20.2
rev. 1.00 11 january 29, 2013 HT24LC256 carrier tape dimensions                   
  
               
          sop 8n (150mil) symbol description dimensions in mm w carrier tape width 12.0 +0.3/-0.1 p cavity pitch 8.00.1 e perforation position 1.750.1 f cavity to perforation (width direction) 5.50.1 d perforation diameter 1.550.1 d1 cavity hole diameter 1.50 +0.25/-0.00 p0 perforation pitch 4.00.1 p1 cavity to perforation (length direction) 2.00.1 a0 cavity length 6.40.1 b0 cavity width 5.20.1 k0 cavity depth 2.10.1 t carrier tape thickness 0.300.05 c cover tape width 9.30.1 tssop 8l symbol description dimensions in mm w carrier tape width 12.0 +0.3/-0.1 p cavity pitch 8.00.1 e perforation position 1.750.10 f cavity to perforation (width direction) 5.50.5 d perforation diameter 1.5 +0.1/-0.0 d1 cavity hole diameter 1.5 +0.1/-0.0 p0 perforation pitch 4.00.1 p1 cavity to perforation (length direction) 2.00.1 a0 cavity length 7.00.1 b0 cavity width 3.60.1 k0 cavity depth 1.60.1 t carrier tape thickness 0.3000.013 c cover tape width 9.30.1
rev. 1.00 12 january 29, 2013 HT24LC256 holtek semiconductor inc. (headquarters) no.3, creation rd. ii, science park, hsinchu, taiwan tel: 886-3-563-1999 fax: 886-3-563-1189 http://www.holtek.com.tw holtek semiconductor inc. (taipei sales offce) 4f-2, no. 3-2, yuanqu st., nankang software park, taipei 115, taiwan tel: 886-2-2655-7070 fax: 886-2-2655-7373 fax: 886-2-2655-7383 (international sales hotline) holtek semiconductor (china) inc. building no.10, xinzhu court, (no.1 headquarters), 4 cuizhu road, songshan lake, dongguan, china 523808 tel: 86-769-2626-1300 fax: 86-769-2626-1311 holtek semiconductor (usa), inc. (north america sales offce) 46729 fremont blvd., fremont, ca 94538, usa tel: 1-510-252-9880 fax: 1-510-252-9885 http://www.holtek.com copyright ? 2013 by holtek semiconductor inc. the information appearing in this data sheet is believed to be accurate at the time of publication. however, holtek assumes no responsibility arising from the use of the specifications described. the applications mentioned herein are used solely for the purpose of illustration and holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. holtek's products are not authorized for use as critical components in life support devices or systems. holtek reserves the right to alter its products without prior notifcation. for the most up-to-date information, please visit our web site at http://www.holtek.com.tw .


▲Up To Search▲   

 
Price & Availability of HT24LC256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X