Part Number Hot Search : 
ENA1952A NE71383B 1563CS 1563CS 3200A HSIP184 63A07 HZ16B2
Product Description
Full Text Search
 

To Download HSMM-A100-U4PJ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acmd-6103 band 3 duplexer data sheet description the avago technologies acmd-6103 is a highly miniatur - ized duplexer designed for use in lte band 3 (1710 C 1785 mhz ul, 1805 C 1880 mhz dl) handsets and mobile data terminals. low insertion loss in the tx channel minimizes current drain from the power amplifer, while low rx channel in - sertion loss improves receiver sensitivity. the acmd-6103 enhances the sensitivity and dynamic range of handset receivers by providing high isolation of the transmitted signal from the receiver input and high rejection of transmit-generated noise in the receive band. the acmd-6103 is designed with avagos innovative film bulk acoustic resonator (fbar) technology, which makes possible ultra-small, high-q flters at a fraction of their usual size. the excellent power handling capability of fbar bulk-mode resonators supports the high output power levels used in mobile communications applica - tions, while adding virtually no distortion. the acmd-6103 also utilizes avagos advanced microcap bonded-wafer, chip scale packaging technology. this pro - cess allows the flters to be assembled into a molded chip- on-board module with an overall size of only 1.6 x 2.0 mm and height of 0.9 mm. the acmd-6103 is compatible with standard 1.6 x 2.0 mm duplexer pcb footprints. functional block diagram features ? miniature size - 1.6 2.0 mm size - 0.9 mm height - standard 1.6 2.0 mm pcb footprint ? high isolation ? high power rating - +33 dbm abs. max. tx power ? environmental - rohs compliant - halogen free - tbbpa free specifcations ? rx band performance, 1805 C 1880 mhz, C 20 to +85 c - insertion loss: 4.0 db max. - rx noise blocking: 50 db min. ? tx band performance , 1710 C 1785 mhz, C 20 to +85 c - insertion loss: 3.5 db max . - tx interferer blocking: 55 db min. applications smartphones, tablets, data terminals, and other mobile/ portable communication devices operating in the lte band 3 frequency range. ant port 3 (pin 6) rx port 2 (pin 1) tx port 1 (pin 3)
2 acmd-6103 electrical specifcations [2] , z 0 =50 ? , t c [1] as indicated. ant, rx z 0 = 50 ? , tx port includes matching to 50 ? as shown in figure 1. symbol parameter units C 20 c +25 c +85 c min. max. min. typ. [3] max. min. max. antenna port to receive port s23 insertion loss in receive band (1805 C 1880 mhz) db 4.0 1.4 3.5 4.0 s23 insertion loss, average any 10 mhz channel within rx band db 3.7 1.5 3.7 3.7 s23 insertion loss flatness any 5 mhz within rx band db 1.5 0.2 1.5 1.5 s23 attenuation, 10 C 1710 mhz db 30 30 40 30 s23 attenuation in transmit band [4] (1710 C 1785 mhz) db 45 45 65 45 s23 attenuation, 1965 C 2400 mhz db 25 25 49 25 s23 attenuation, ism band (2400 C 2484 mhz) db 30 30 62 30 s23 attenuation, 2484 C 4000 mhz db 25 25 67 25 s22 return loss (swr) of rx port in rx band (1805 C 1880 mhz) db 9 (2.1) 9 18 (1.3) (2.1) 9 (2.1) s33 return loss (swr) of ant port in rx band (1805 C 1880 mhz) db 9 (2.1) 9 19 (1.3) (2.1) 9 (2.1) transmit port to antenna port z tx impedance of transmit port ? 34 +j0.7 s31 insertion loss in transmit band [4] (1710 C 1785 mhz) db 3.5 1.4 3.2 3.5 s31 insertion loss in transmit band [4] [5] (1712.4 C 1782.6 mhz) db 3.3 1.4 3.0 3.3 s31 insertion loss, average [4] 10 mhz channels within tx band db 2.7 1.4 2.7 2.7 s31 insertion loss flatness [4] any 5 mhz within tx band db 1.5 0.2 1.5 1.5 s31 insertion loss flatness [4] any 10 mhz within tx band db 2.5 0.3 2.5 2.5 s31 attenuation, 10 C 1565.4 mhz db 30 30 41 30 s31 attenuation, wideband gps band (1565.4 C 1573.3 mhz) db 38 38 44 38 s31 attenuation , in gps l1 band (1573.3 C 1577.5 mhz) db 38 38 43 38 s31 attenuation, wideband gps (1577.5 C 1585.4 mhz) db 35 35 41 35 s31 attenuation, glonass (1597.6 C 1605.9 mhz) db 35 35 38 35 notes: 1. t c is the case temperature and is defned as the temperature of the underside of the duplexer where it makes contact with the circuit board. 2. min/max specifcations are guaranteed at the indicated temperature with the input power to the tx port equal to or less than +29 dbm over all tx frequencies unless otherwise noted. 3. typical data is the average value of the parameter over the indicated band at the specifed temperature. typical values may vary over time. 4. tx port includes matching to 50 ? as shown in figure 1. 5. integrated insertion loss over any 3.84 mhz channel within the band.
3 acmd-6103 electrical specifcations [2] , z 0 =50 ? , t c [1] as indicated. (continued) ant, rx z 0 = 50 ? , tx port includes matching to 50 ? as shown in figure 1. symbol parameter units C 20 c +25 c +85 c min. max. min. typ. [3] max. min. max. s31 attenuation, 1605.9 C 1680.0 mhz db 26 26 36 26 s31 attenuation in receive band (1805 C 1880 mhz) db 45 45 58 45 s31 attenuation, band 1 rx (2110 C 2170 mhz) db 30 30 35 30 s31 attenuation, ism band (2400 C 2500 mhz) db 28 28 30 28 s31 attenuation, band 7 rx (2620 C 2690 mhz) db 28 28 30 28 s31 attenuation in tx 2nd harmonic band (3420 C 3570 mhz) db 25 25 36 25 s31 attenuation in tx 3rd harmonic band (5130 C 5355 mhz) db 10 10 33 10 s31 attenuation, 5725 C 5850 mhz db 10 10 23 10 s31 attenuation in tx 4th harmonic band (6840 C 7140 mhz) db 10 10 18 10 s11 return loss (swr) of tx port [4] in tx band (1710 C 1785 mhz) db 12 (1.7) 12 19 (1.3) (1.7) 12 (1.7) s33 return loss (swr) of ant port [4] in tx band (1710 C 1785 mhz) db 10 (1.9) 10 22 (1.2) (1.9) 10 (1.9) isolation, transmit port to receive port s21 tx-rx isolation [5] in receive band (1807.4 C 1877.6 mhz) db 50 50 61 50 s21 tx-rx isolation in transmit band [4] (1710 C 1785 mhz) db 55 55 64 55 notes: 1. t c is the case temperature and is defned as the temperature of the underside of the duplexer where it makes contact with the circuit board. 2. min/max specifcations are guaranteed at the indicated temperature with the input power to the tx port equal to or less than +29 dbm over all tx frequencies unless otherwise noted. 3. typical data is the average value of the parameter over the indicated band at the specifed temperature. typical values may vary over time. 4. tx port includes matching to 50 ? as shown in figure 1. 5. integrated insertion loss over any 3.84 mhz channel within the band.
4 absolute maximum ratings [1] parameter unit value storage temperature c C65 to +125 maximum rf input power to tx port dbm +33 maximum recommended operating conditions [2] parameter unit value operating temperature, tc [3] , tx power f 29 dbm, cw c C40 to +100 operating temperature, tc [3] , tx power f 30 dbm, cw c C40 to +85 notes: 1. operation in excess of any one of these conditions may result in permanent damage to the device. 2. the device will function over the recommended range without degradation in reliability or permanent change in performance, but is not guaranteed to meet electrical specifcations. 3. t c is defned as case temperature, the temperature of the underside of the duplexer where it makes contact with the circuit board. applications information the performance of the acmd-6103 duplexer is specifed using the simple, 2-element external tx matching circuit shown in figure 1. figure 1. tx matching tx port impedance and matching in practice, the tx port of the acmd-6103 is normally con - nected to the output of a power amplifer (pa), which typi - cally has an output impedance lower than 50 ? . the acmd-6103 was designed to have a tx port imped - ance of 34+j0.7 ? , which is near the conjugate of the out - put impedance of a typical pa. this has the beneft of min - imizing the severity of the duplexer-pa interstage match. use of a low-pass type of matching circuit has the addi - tional beneft of providing greater tx rejection at higher frequencies. matching components the nominal values for l and c shown here were selected to match the acmd-6103 to 50 ? . because every applica - tion is diferent, these values will need to be adjusted to provide the best impedance match for the users particu - lar pa, circuit board, and performance requirements. as a general rule, the pa and matching components should be located close to the duplexer. smt matching components should be of the low tolerance, high q type suitable for rf applications at this frequency. ant port 3 (pin 6) rx port 2 (pin 1) 2.0 nh 1.4 pf tx (pin 3) tx port 1
5 figure 2. txCant insertion loss figure 3. antCrx insertion loss figure 4. tx rejection in rx band and rx rejection in tx band figure 5. tx and rx port return loss figure 6. txCrx isolation figure 7. antenna port return loss acmd-6103 (ant, rx z 0 = 50 ? , tx port includes matching to 50 ? as shown in figure 1) -4.0 -3.5 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0 1710 1720 1730 1740 1750 1760 1770 1780 insertion loss (db) frequency (mhz) -4.0 -3.5 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0 1810 1820 1830 1840 1850 1860 1870 1880 insertion loss (db) frequency (mhz) -80 -70 -60 -50 -40 -30 -20 -10 0 1700 1750 1800 1850 1900 insertion loss (db) frequency (mhz) -30 -25 -20 -15 -10 -5 0 1700 1750 1800 1850 1900 return loss (db) -80 -70 -60 -50 -40 -30 -20 -10 0 1700 1750 1800 1850 1900 insertion loss (db) frequency (mhz) -30 -25 -20 -15 -10 -5 0 1700 1750 1800 1850 1900 return loss (db) frequency (mhz) frequency (mhz)
6 figure 8. txCant and antCrx wideband insertion loss acmd-6103 (ant, rx z 0 = 50 ? , tx port includes matching to 50 ? as shown in figure 1) figure 9. antCtx and antCrx rejection in gps/glonass bands figure 10. txCant low frequency rejection, 50 C 1700 mhz figure 11. antCrx low frequency rejection, 50 C 1800 mhz figure 12. txCant rejection, 2.4 ghz ism band figure 13. antCrx rejection, 2.4 ghz ism band -80 -70 -60 -50 -40 -30 -20 -10 0 2000 4000 6000 8000 insertion loss (db) frequency (mhz) -80 -70 -60 -50 -40 -30 -20 -10 0 1560 1570 1580 1590 1600 1610 insertion loss (db) frequency (mhz) t x rx -80 -70 -60 -50 -40 -30 -20 -10 0 200 400 600 800 1000 1200 1400 1600 insertion loss (db) frequency (mhz) -80 -70 -60 -50 -40 -30 -20 -10 0 500 1000 1500 insertion loss (db) frequency (mhz) -80 -70 -60 -50 -40 -30 -20 -10 0 2400 2420 2440 2460 2480 2500 insertion loss (db) frequency (mhz) -80 -70 -60 -50 -40 -30 -20 -10 0 2400 2420 2440 2460 2480 2500 insertion loss (db) frequency (mhz)
7 figure 14. tx port impedance in tx band (z 0 = 50 ? , no tx matching) figure 15. rx port impedance in rx band (z 0 = 50 ? ) figure 16. ant port impedance in tx band (z 0 = 50 ? , no tx matching) figure 17. ant port impedance in rx band (z 0 = 50 ? ) 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 -0.2 -0.4 -0.6 -0.8 -1 -1.5 -2 -3 -4 -5 -10 -20 -50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 -0.2 -0.4 -0.6 -0.8 -1 -1.5 -2 -3 -4 -5 -10 -20 -50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 -0.2 -0.4 -0.6 -0.8 -1 -1.5 -2 -3 -4 -5 -10 -20 -50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 0.2 0.4 0.6 0.8 1 1.5 2 3 4 5 10 20 50 -0.2 -0.4 -0.6 -0.8 -1 -1.5 -2 -3 -4 -5 -10 -20 -50
8 figure 18. package outline drawing figure 20. product marking and pin orientation figure 19. pad detail a = avago technologies a = lot number b = lot number k = product (acmd-6103) y = year, last digit w = work week * * refer to appendix a for work week cross-reference notes: 1. dimensions in millimeters 2. tolerance: x.xx 0.05 mm x.xxx 0.025 mm 3. dimensions nominal unless otherwise noted 4. angles 45 nominal 5. contact areas are gold plated pin 1 mark rx 2.00 0.075 0.825 0.075 tx 1.60 0.075 1.850 top view bottom view side view ant 1 . 4 5 0 gnd gnd gnd gnd gnd (gnd) 0.925 0 . 7 2 5 0.60 (6) (9) (8) (1) (2) (3) (4) (5) (7) pin connections: 1 rx 2, 4, 5, 7, 9 gnd 3 tx 6 ant 8 gnd 0.33 (3x) 0.30 (3x) 0.075 0.050 all around 0.60 (ref) 0.30 (ref) pad 2 0.08 (0.13 max) 0.33 0.30 pads 1, 3-8 center pad 9 0.15 x 45 0.33 (ref) 0.30 (ref) 0.08 (0.13 max) rx tx ant ab pin 1 mark kyww a
9 figure 22. acmd-6103 superimposed on pcb pattern figure 21. pcb layout a circuit board layout using the principles illustrated in the fgure above is recommended to optimize performance of the acmd-6103. you must maximize isolation between the tx and rx ports. high isolation is achieved by: (1) maintaining a continuous ground plane around the i/o connections and duplexer mounting area, and (2) surrounding the i/o ports with sufcient ground vias to enclose the connections in a 'faraday cage.' the ground vias under the duplexer mounting area are also needed to provide adequate heat sinking for the device. the 2nd metal layer under the duplexer is a continuous ground plane. figure 23. pcb land print 1.850 1.450 0.300 (3x) 0.330 (3x) 0.600 notes: 1. dimensions in mm
10 the transmission line dimensions shown are designed to achieve an impedance of 50 ? for a 75 m thick pcb layer with a dielectric constant of 3.4. if other pcb materials or thicknesses are used, the two dimensions indicated with an * (line width and spacing) should be adjusted to retain a z o of 50 ? . figure 25. pcb detail, via dimension figure 24. pcb detail, metal dimensions 0.145* 0.435* 0.700 0.310 0.395 0.530 0.200 0.662 0.100 0.613 0.800 notes: 1. dimensions in mm 2. angles 45 nominal 3. * see text 0.250 0.400 0.760 1.130 1.480 0.400 0.530 0.155 0.400 0.525 0.805 1.150 1.490 1.840 notes: 1. dimensions in mm 2. via pattern symmetrical about axes 3. all vias ?0.25 mm, lled 0.310 0.620
11 figure 26. recommended solder stencil, mm (top view) > 0 . 3 0 t y p > 0 . 3 0 t y p 0 . 3 0 ( 3 x ) 0 . 3 3 ( 3 x ) 0 . 6 0 1 . 8 5 0 1.450 r 0.050 min (all corners) 0.30 (3x) 0.33 (3x) 0.60 1.850 1.450 0.15 x 45 figure 27. recommended solder mask, mm (top view)
12 figure 28. smd tape packing figure 29. orientation in tape 0.254 0.02 3 max 5 max 1.12 0.05 2.16 0.05 1.80 0.05 k. a. b. 4.00 0.10 4.00 0.10 2.00 0.05 3.50 0.05 1.75 0.10 ? 1.50 + 0.10 8.00 +0.30 ?0.10 ? 0.60 +0.05 ?0.10 sprocket holes pocket cavity package pin 1 orientation tape width ab kyww ab kyww user feed direction cover tape carrier tape reel
13 figure 30. smt reel drawing notes: 1. reel shall be labeled with the following information (as a minimum). a. manufacturers name or symbol b. avago technologies part number c. purchase order number d. date code e. quantity of units 2. a certicate of compliance (c of c) shall be issued and accompany each shipment of product. 3. reel must not be made with or contain ozone depleting materials. 4. all dimensions in millimeters (mm) 50 min. 12.4 +2.0 -0.0 18.4 max. 25 min wide (ref) slot for carrier tape insertion for attachment to reel hub (2 places 180 apart) back view front view 178 shading indicates thru slots +0.4 -0.2 21.0 0.8 13.0 0.2 1.5 min.
14 figure 31. verifed smt solder profle package moisture sensitivity feature test method performance moisture sensitivity level (msl) at 260c jesd22-a113d level 3 0 50 100 150 200 250 300 time, seconds 0 50 100 150 200 250 300 temperature, c profile.grf profile. wmf 6 february 2003 r. waugh tested prole shown. ordering information part number no. of devices container acmd-6103-blk 100 tape strip or anti-static bag acmd-6103-tr1 3000 178 mm (7-inch) reel
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. av02-4217en - july 5, 2013 appendix a C package marking cross reference marking w work week marking w (cont) work week (cont) 1 1 s 27 2 2 t 28 3 3 u 29 4 4 v 30 5 5 w 31 6 6 x 32 7 7 y 33 8 8 z 34 9 9 a 35 a 10 b 36 b 11 c 37 c 12 d 38 d 13 e 39 e 14 f 40 f 15 g 41 g 16 m 42 h 17 n 43 j 18 q 44 k 19 r 45 l 20 t 46 m 21 < 47 n 22 > 48 o 23 / 49 p 24 \ 50 q 25 ( 51 r 26 ) 52


▲Up To Search▲   

 
Price & Availability of HSMM-A100-U4PJ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X